Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C31026B-12TCN Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C31026B-12TCN
Description  3.3 V 64K X 16 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31026B-12TCN Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C31026B-12TCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C31026B-12TCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31026B-12TCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31026B-12TCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31026B-12TCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31026B-12TCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31026B-12TCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31026B-12TCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31026B-12TCN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
March 2004
Copyright © Alliance Semiconductor. All rights reserved.
®
AS7C31026B
3.3 V 64K X 16 CMOS SRAM
3/26/04, v 1.3
Alliance Semiconductor
P. 1 of 10
Features
• Industrial and commercial versions
• Organization: 65,536 words × 16 bits
• Center power and ground pins for low noise
• High speed
- 10/12/15/20 ns address access time
- 5, 6, 7, 8 ns output enable access time
• Low power consumption: ACTIVE
- 288 mW / max @ 10 ns
• Low power consumption: STANDBY
- 18 mW / max CMOS I/O
• 6 T 0.18 u CMOS technology
• Easy memory expansion with CE, OE inputs
• TTL-compatible, three-state I/O
• JEDEC standard packaging
- 44-pin 400 mil SOJ
- 44-pin TSOP 2-400
• ESD protection
≥ 2000 volts
• Latch-up current
≥ 200 mA
Logic block diagram
64 K × 16
Array
OE
CE
WE
Column decoder
A0
A1
A2
A3
A4
A5
A7
VCC
GND
Control circuit
I/O0–I/O7
I/O8–I/O15
UB
LB
I/O
buffer
A6
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
I/O13
I/O12
GND
VCC
I/O11
I/O10
I/O9
I/O8
NC
A8
A9
A10
A11
NC
A0
CE
I/O0
I/O1
I/O2
I/O3
VCC
GND
I/O4
I/O5
I/O6
I/O7
WE
A15
A14
A13
44-Pin SOJ (400 mil), TSOP 2
21
22
A12
NC
UB
LB
I/O15
I/O14
2
A3
3
A2
4
A1
1
A4
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
43
42
41
44
A6
A7
OE
A5
Selection guide
-10
-12
-15
-20
Unit
Maximum address access time
10
12
15
20
ns
Maximum output enable access time
56
7
8
ns
Maximum operating current
80
75
70
65
mA
Maximum CMOS standby current
55
5
5
mA
Pin arrangement


Similar Part No. - AS7C31026B-12TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C31026 ALSC-AS7C31026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
AS7C31026-10 ALSC-AS7C31026-10 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C31026-10BC ALSC-AS7C31026-10BC Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C31026-10JC ALSC-AS7C31026-10JC Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
More results

Similar Description - AS7C31026B-12TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31026C ALSC-AS7C31026C Datasheet
170Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
AS7C1026B ALSC-AS7C1026B Datasheet
122Kb / 10P
   5 V 64K X 16 CMOS SRAM
AS7C1026C ALSC-AS7C1026C Datasheet
136Kb / 9P
   5 V 64K X 16 CMOS SRAM
AS7C3513C ALSC-AS7C3513C Datasheet
135Kb / 9P
   3.3 V 32K X 16 CMOS SRAM
AS7C32098A ALSC-AS7C32098A Datasheet
198Kb / 10P
   3.3 V 128K x 16 CMOS SRAM
AS7C34098A ALSC-AS7C34098A Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
Mosel Vitelic, Corp
V62C2161024L MOSEL-V62C2161024L Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
logo
Lyontek Inc.
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com