Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS122PWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS122PWR
Description  1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS122PWR Datasheet(HTML) 4 Page - Texas Instruments

  SN65LVDS122PWR Datasheet HTML 1Page - Texas Instruments SN65LVDS122PWR Datasheet HTML 2Page - Texas Instruments SN65LVDS122PWR Datasheet HTML 3Page - Texas Instruments SN65LVDS122PWR Datasheet HTML 4Page - Texas Instruments SN65LVDS122PWR Datasheet HTML 5Page - Texas Instruments SN65LVDS122PWR Datasheet HTML 6Page - Texas Instruments SN65LVDS122PWR Datasheet HTML 7Page - Texas Instruments SN65LVDS122PWR Datasheet HTML 8Page - Texas Instruments SN65LVDS122PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.ti.com
TIMING CHARACTERISTICS
SWITCHING CHARACTERISTICS
SN65LVDS122
SN65LVDT122
SLLS525B – MAY 2002 – REVISED JUNE 2004
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
tSET
Input to select setup time
0
ns
tHOLD
Input to select hold time
0.5
ns
tSWITCH
Select to switch output
1
2
2.6
ns
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
400
650
900
ps
tPHL
Propagation delay time, high-to-low-level output
400
650
900
ps
See Figure 4
tr
Differential output signal rise time (20% - 80%)
280
ps
tf
Differential output signal fall time (20% - 80%)
280
ps
tsk(p)
Pulse skew (|tPHL - tPLH|)
(2)
10
50
ps
tsk(pp)
Part-to-part skew(3)
VID = 0.2 V
100
ps
tjit(per)
Period jitter, rms (1 standard deviation)(4)
750 MHz clock input(5)
1
2.2
ps
tjit(cc)
Cycle-to-cycle jitter (peak)(4)
750 MHz clock input(6)
10
17
ps
tjit(pp)
Peak-to-peak jitter(4)
1.5 Gbps 223–1 PRBS input(7)
33
65
ps
tjit(det)
Deterministic jitter, peak-to-peak(4)
1.5 Gbps 27–1 PRBS input(8)
17
50
ps
tPHZ
Propagation delay time, high-level-to-high-impedance output
See Figure 5
6
8
ns
tPLZ
Propagation delay time, low-level-to-high-impedance output
See Figure 5
6
8
ns
tPZH
Propagation delay time, high-impedance-to-high-level output
See Figure 5
4
6
ns
tPZL
Propagation delay time, high-impedance-to-low-level output
See Figure 5
4
6
ns
tsk(o)
Output skew(9)
15
40
ps
(1)
All typical values are at 25
°C and with a 3.3-V supply.
(2)
tsk(p) is the magnitude of the time difference between the tPLH and tPHL of any output of a single device.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
(4)
Jitter is specified by design and characterization. Stimulus jitter has been subtracted.
(5)
Input voltage = VID = 200 mV, 50% duty cycle at 750 MHz, tr = tf = 50 ps (20% to 80%), measured over 1000 samples.
(6)
Input voltage = VID = 200 mV, 50% duty cycle at 750 MHz, tr = tf = 50 ps (20% to 80%).
(7)
Input voltage = VID = 200 mV, 2
23–1 PRBS pattern at 1.5 Gbps, t
r = tf = 50 ps (20% to 80%), measured over 200 k samples.
(8)
Input voltage = VID = 200 mV, 2
7–1 PRBS pattern at 1.5 Gbps, t
r = tf = 50 ps (20% to 80%).
(9)
Output skew is the magnitude of the time delay difference between the outputs of a single device with all inputs tied together.
4


Similar Part No. - SN65LVDS122PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS122PWR TI-SN65LVDS122PWR Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS122PWR TI1-SN65LVDS122PWR Datasheet
931Kb / 23P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS122PWRG4 TI-SN65LVDS122PWRG4 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
More results

Similar Description - SN65LVDS122PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122_07 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS122 TI1-SN65LVDS122_14 Datasheet
931Kb / 23P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS125 TI-SN65LVDS125 Datasheet
140Kb / 12P
[Old version datasheet]   1.5 GBPS LVDS 4 X 4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com