Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS63700DRCR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63700DRCR
Description  DC-DC INVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63700DRCR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS63700DRCR Datasheet HTML 5Page - Texas Instruments TPS63700DRCR Datasheet HTML 6Page - Texas Instruments TPS63700DRCR Datasheet HTML 7Page - Texas Instruments TPS63700DRCR Datasheet HTML 8Page - Texas Instruments TPS63700DRCR Datasheet HTML 9Page - Texas Instruments TPS63700DRCR Datasheet HTML 10Page - Texas Instruments TPS63700DRCR Datasheet HTML 11Page - Texas Instruments TPS63700DRCR Datasheet HTML 12Page - Texas Instruments TPS63700DRCR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.ti.com
−12.4
−12.3
−12.2
−12.1
−12
−11.9
−11.8
−11.7
0
50
100
150
200
250
VIN = 5 V
VOUT = −12 V
VIN = 3.6 V
VIN = 3.3 V
IOUT − Output Current − mA
−5.1
−5.05
−5
−4.95
−4.9
0
50
100
150
200
250
300
350
400
IOUT − Output Current − mA
VOUT = −5 V
VIN = 3.6 V
VIN = 5 V
VIN = 3.3 V
V
= 3.6 V,
I
= 20 mA
IN
LOAD
V
20 mV/div, AC
OUT
V
= –5 V
OUT
I
200 mA/div, DC
COIL
t - Time - 500 ns/div
V
= 3.6 V,
I
= 95 mA
IN
LOAD
V
20 mV/div, AC
OUT
V
= –5 V
OUT
I
200 mA/div, DC
COIL
t - Time - 500 ns/div
TPS63700
SLVS530 – SEPTEMBER 2005
PERFORMANCE GRAPHS (continued)
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 7.
Figure 8.
OUTPUT VOLTAGE IN
OUTPUT VOLTAGE IN
DISCONTINUOUS CONDUCTION MODE
CONTINUOUS CONDUCTION MODE
Figure 9.
Figure 10.
9


Similar Part No. - TPS63700DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63700 TI-TPS63700_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS63700 DC-DC Inverter
More results

Similar Description - TPS63700DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63700 TI-TPS63700_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS63700 DC-DC Inverter
logo
Analog Technologies, In...
AEL28V90VAC1 ANALOGTECHNOLOGIES-AEL28V90VAC1 Datasheet
321Kb / 5P
   DC-AC Inverter
6/13/2017
logo
Bel Fuse Inc.
700INV60-120-240-9G BEL-700INV60-120-240-9G Datasheet
1Mb / 9P
   DC/AC INVERTER
logo
TDK Electronics
CXA-L0612-VJL TDK-CXA-L0612-VJL Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-0535 TDK-CXA-0535 Datasheet
239Kb / 2P
   DC/AC INVERTER UNIT
CXA-0549 TDK-CXA-0549 Datasheet
229Kb / 9P
   DC/AC INVERTER UNIT
CXA-0308 TDK-CXA-0308 Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-K0612-VSL TDK-CXA-K0612-VSL Datasheet
36Kb / 2P
   DC-AC INVERTER UNIT
CXA-L0612 TDK-CXA-L0612 Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-L0712-VJL TDK-CXA-L0712-VJL Datasheet
37Kb / 2P
   DC-AC INVERTER UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com