Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C31025B-12TJIN Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS7C31025B-12TJIN
Description  3.3V 128K X 8 CMOS SRAM (Center power and ground)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31025B-12TJIN Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

  AS7C31025B-12TJIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C31025B-12TJIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31025B-12TJIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31025B-12TJIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31025B-12TJIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31025B-12TJIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31025B-12TJIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31025B-12TJIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31025B-12TJIN Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AS7C31025B
3/24/04, v. 1.3
Alliance Semiconductor
P. 6 of 9
®
AC test conditions
Notes
1
During VCC power-up, a pull-up resistor to VCC on CE is required to meet ISB specification.
2
This parameter is sampled, but not 100% tested.
3
For test conditions, see AC Test Conditions, Figures A and B.
4tCLZ and tCHZ are specified with CL = 5 pF, as in Figure B. Transition is measured ±500 mV from steady-state voltage.
5
This parameter is guaranteed, but not 100% tested.
6
WE is high for read cycle.
7
CE and OE are low for read cycle.
8
Address is valid prior to or coincident with CE transition low.
9
All read cycle timings are referenced from the last valid address to the first transitioning address.
10 N/A
11
All write cycle timings are referenced from the last valid address to the first transitioning address.
12 N/A.
13 C = 30 pF, except all high Z and low Z parameters where C = 5 pF.
255
– Output load: see Figure B.
– Input pulse level: GND to 3.0 V. See Figure A.
– Input rise and fall times: 2 ns. See Figure A.
– Input and output timing reference levels: 1.5 V.
C13
320
DOUT
GND
+3.3 V
168
Thevenin equivalent:
DOUT
+1.728 V
Figure B: 3.3 V Output load
10%
90%
10%
90%
GND
+3.0 V
Figure A: Input pulse
2 ns


Similar Part No. - AS7C31025B-12TJIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31025 ALSC-AS7C31025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C31025-12JC ALSC-AS7C31025-12JC Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C31025-12JI ALSC-AS7C31025-12JI Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C31025-12TC ALSC-AS7C31025-12TC Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C31025-12TI ALSC-AS7C31025-12TI Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
More results

Similar Description - AS7C31025B-12TJIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31025C ALSC-AS7C31025C Datasheet
122Kb / 9P
   3.3V 128K X 8 CMOS SRAM (Center power and ground)
AS7C1025C ALSC-AS7C1025C Datasheet
112Kb / 9P
   5V 128K X 8 CMOS SRAM (Center power and ground)
AS7C1025B ALSC-AS7C1025B Datasheet
103Kb / 9P
   5V 128K X 8 CMOS SRAM (Center power and ground)
logo
AMIC Technology
LP61L1008 AMICC-LP61L1008 Datasheet
142Kb / 13P
   128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
LP61L1008A AMICC-LP61L1008A Datasheet
118Kb / 11P
   128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS7C31024B ALSC-AS7C31024B Datasheet
120Kb / 9P
   3.3V 128K X 8 CMOS SRAM
logo
Renesas Technology Corp
71V124SA RENESAS-71V124SA Datasheet
192Kb / 9P
   3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
logo
Integrated Device Techn...
IDT71V124SA IDT-IDT71V124SA_14 Datasheet
68Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power and Ground Pinout
IDT71V124SA IDT-IDT71V124SA Datasheet
81Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power & Ground Pinout
logo
Alliance Semiconductor ...
AS7C1029 ALSC-AS7C1029 Datasheet
112Kb / 9P
   5V 256K X 4 CMOS SRAM (Center power and ground)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com