Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUCH16244GQLR Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74AUCH16244GQLR
Description  16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUCH16244GQLR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74AUCH16244GQLR Datasheet HTML 5Page - Texas Instruments SN74AUCH16244GQLR Datasheet HTML 6Page - Texas Instruments SN74AUCH16244GQLR Datasheet HTML 7Page - Texas Instruments SN74AUCH16244GQLR Datasheet HTML 8Page - Texas Instruments SN74AUCH16244GQLR Datasheet HTML 9Page - Texas Instruments SN74AUCH16244GQLR Datasheet HTML 10Page - Texas Instruments SN74AUCH16244GQLR Datasheet HTML 11Page - Texas Instruments SN74AUCH16244GQLR Datasheet HTML 12Page - Texas Instruments SN74AUCH16244GQLR Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MECHANICAL DATA
MPDS006C – FEBRUARY 1996 – REVISED AUGUST 2000
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGV (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
24 PINS SHOWN
14
3,70
3,50
4,90
5,10
20
DIM
PINS **
4073251/E 08/00
1,20 MAX
Seating Plane
0,05
0,15
0,25
0,50
0,75
0,23
0,13
112
24
13
4,30
4,50
0,16 NOM
Gage Plane
A
7,90
7,70
38
24
16
4,90
5,10
3,70
3,50
A MAX
A MIN
6,60
6,20
11,20
11,40
56
9,60
9,80
48
0,08
M
0,07
0,40
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side.
D. Falls within JEDEC: 24/48 Pins – MO-153
14/16/20/56 Pins – MO-194


Similar Part No. - SN74AUCH16244GQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUCH16244GQLR TI-SN74AUCH16244GQLR Datasheet
463Kb / 15P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AUCH16244GQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC16244 HITACHI-HD74ALVC16244 Datasheet
51Kb / 11P
   16-bit Buffer / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16240 TI1-SN74ALVCH16240_14 Datasheet
521Kb / 15P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_06 Datasheet
463Kb / 16P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A-Q1 TI1-SN74LVC16244A-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_09 Datasheet
640Kb / 20P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162244 PERICOM-PI74ALVCH162244 Datasheet
417Kb / 4P
   16-Bit Buffer Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com