Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C3513B-20JIN Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C3513B-20JIN
Description  3.3V 32K x 16 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3513B-20JIN Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C3513B-20JIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C3513B-20JIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C3513B-20JIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C3513B-20JIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3513B-20JIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3513B-20JIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3513B-20JIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3513B-20JIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3513B-20JIN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
®
AS7C3513B
3/24/04, v.1.2
Alliance Semiconductor
P. 4 of 10
Read cycle (over the operating range) 3,9
Key to switching waveforms
Read waveform 1 (address controlled)3,6,7,9
Parameter
Symbol
-10
-12
-15
-20
Unit
Notes
Min
Max
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
10–12–
15
20
ns
Address access time
tAA
10
12
15
20
ns
3
Chip enable (CE) access time
tACE
10
12
15
20
ns
3
Output enable (OE) access time
tOE
–5–6
7
8
ns
Output hold from address
change
tOH
3–3–
3
3
ns
5
CE low to output in low Z
tCLZ
3–3–
3
3
ns
4 , 5
CE high to output in high Z
tCHZ
–3–3
4
5
ns
4 , 5
OE low to output in low Z
tOLZ
0–0–
0
0
ns
4 , 5
Byte select access time
tBA
–5–6
7
8
ns
Byte select Low to low Z
tBLZ
0–0–
0
0
ns
4 , 5
Byte select High to high Z
tBHZ
–5–6
6
8
ns
4 , 5
OE high to output in high Z
tOHZ
–5–6
7
8
ns
4 , 5
Power up time
tPU
0–0–
0
0
ns
4 , 5
Power down time
tPD
10
12
15
20
ns
4 , 5
Undefined output/don’t care
Falling input
Rising input
tOH
tAA
tRC
tOH
Data OUT
Address
Data valid
Previous data valid


Similar Part No. - AS7C3513B-20JIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C3513-12 ALSC-AS7C3513-12 Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C3513-12JC ALSC-AS7C3513-12JC Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C3513-12TC ALSC-AS7C3513-12TC Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
More results

Similar Description - AS7C3513B-20JIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C513B ALSC-AS7C513B Datasheet
213Kb / 9P
   5V 32K x 16 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C3513C ALSC-AS7C3513C Datasheet
135Kb / 9P
   3.3 V 32K X 16 CMOS SRAM
AS7C513C ALSC-AS7C513C Datasheet
136Kb / 9P
   5 V 32K X 16 CMOS SRAM
AS7C3256A-8 ALSC-AS7C3256A-8 Datasheet
301Kb / 9P
   3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C3256A ALSC-AS7C3256A Datasheet
248Kb / 9P
   3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
   5V/3.3V 256K x 16 CMOS SRAM
logo
STMicroelectronics
M48Z30 STMICROELECTRONICS-M48Z30 Datasheet
100Kb / 12P
   CMOS 32K x 8 ZEROPOWER SRAM
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com