Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSB772E Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CSB772E
Description  Audio Frequency Power Amplifier and Low Speed Switching
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSB772E Datasheet(HTML) 2 Page - Continental Device India Limited

  CSB772E Datasheet HTML 1Page - Continental Device India Limited CSB772E Datasheet HTML 2Page - Continental Device India Limited CSB772E Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CSB772
TO126
Plastic Package
TO-126 (SOT-32) Plastic Package
All diminsions in mm.
Pin Configuration
1. Emitter
2. Collector
3. Base
3
2
1
A
N
P
B
S
1
2
3
D
E
G
L
C
F
DIM
MIN
A
B
C
D
E
2.25 TYP.
4.5 TYP.
15.7 TYP.
1.27 TYP.
3.75 TYP.
2.5 TYP.
F0.49
7.4
10.5
2.4
0.7
3.0
G
L
M
N
P
S
MAX
7.8
10.8
2.7
0.9
0.75
3.2
M
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
500 pcs/polybag 340 gm/500 pcs
TO-126 Bulk
3" x 7.5" x 7.5"
2K
17" x 15" x 13.5"
32K
31 kgs
TO-126 Tube
50 pcs/tube
73 gm/50 pcs
3" x 3.7" x 21.5"
1K
19" x 19" x 19"
10K
15 kgs
Continental Device India Limited
Data Sheet
Page 2 of 3


Similar Part No. - CSB772E

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSB764 CDIL-CSB764 Datasheet
718Kb / 4P
   EPITAXIAL PLANAR SILICON TRANSISTORS
CSB764PNP CDIL-CSB764PNP Datasheet
718Kb / 4P
   EPITAXIAL PLANAR SILICON TRANSISTORS
More results

Similar Description - CSB772E

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSD882 CDIL-CSD882 Datasheet
136Kb / 3P
   Audio Frequency Power Amplifier and Low Speed Switching Applications
logo
List of Unclassifed Man...
2SD381 ETC-2SD381 Datasheet
45Kb / 1P
   Audio Frequency Power Amplifier,Low Speed Switching
logo
Toshiba Semiconductor
2SA1359 TOSHIBA-2SA1359_07 Datasheet
130Kb / 4P
   Audio Frequency Power Amplifier Low-Speed Switching
logo
First Silicon Co., Ltd
FTD882 FS-FTD882 Datasheet
120Kb / 2P
   AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
logo
List of Unclassifed Man...
2SD795 ETC-2SD795 Datasheet
42Kb / 1P
   Audio Frequency Power Amplifier,Low Speed Switching
2SD809 ETC-2SD809 Datasheet
39Kb / 1P
   Audio Frequency Power Amplifier,Low Speed Switching
logo
First Silicon Co., Ltd
FTB772 FS-FTB772 Datasheet
117Kb / 2P
   AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
FTD882S FS-FTD882S Datasheet
218Kb / 2P
   AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
logo
List of Unclassifed Man...
2SD1564 ETC-2SD1564 Datasheet
57Kb / 2P
   Audio Frequency Power Amplifier and Low Speed Switching Industrial Use
2SD1590 ETC-2SD1590 Datasheet
66Kb / 2P
   Audio Frequency Power Amplifier and Low Speed Switching Industrial Use
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com