Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C25512PFD32A-166TQCN Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS7C25512PFD32A-166TQCN
Description  2.5V 512K x 32/36 pipelined burst synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C25512PFD32A-166TQCN Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS7C25512PFD32A-166TQCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C25512PFD32A-166TQCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C25512PFD32A-166TQCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C25512PFD32A-166TQCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C25512PFD32A-166TQCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C25512PFD32A-166TQCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C25512PFD32A-166TQCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C25512PFD32A-166TQCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C25512PFD32A-166TQCN Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
®
AS7C25512PFD32A
AS7C25512PFD36A
2/10/05, v. 1.2
Alliance Semiconductor
6 of 19
Write enable truth table (per byte)
Key: X = don’t care, L = low, H = high, n = a, b, c, d;
BWE, BWn = internal write signal.
Asynchronous Truth Table
Notes:
1. X means “Don’t Care”
2. ZZ pin is pulled down internally
3. For write cycles that follows read cycles, the output buffers must be disabled with OE, otherwise data bus contention will occur.
4. Snooze mode means power down state of which stand-by current does not depend on cycle times
5. Deselected means power down state of which stand-by current depends on cycle times
Burst sequence table
Function
GWE
BWE
BWa
BWb
BWc
BWd
Write All Bytes
L
X
XX
XX
H
L
LLL
L
Write Byte a
H
L
L
H
H
H
Write Byte c and d
H
L
H
H
L
L
Read
HHX
XX
X
H
L
HH
HH
Operation
ZZ
OE
I/O Status
Snooze mode
H
X
High-Z
Read
L
L
Dout
L
H
High-Z
Write
L
X
Din, High-Z
Deselected
L
X
High-Z
Interleaved burst address (LBO = 1)
Linear burst address (LBO = 0)
A1 A0
A1 A0
A1 A0
A1 A0
A1 A0
A1 A0
A1 A0
A1 A0
Starting Address
0 0
0 1
1 0
1 1
Starting Address
0 0
0 1
1 0
1 1
First Increment
0 1
0 0
1 1
1 0
First Increment
0 1
1 0
1 1
0 0
Second Increment
1 0
1 1
0 0
0 1
Second Increment
1 0
1 1
0 0
0 1
Third Increment
1 1
1 0
0 1
0 0
Third Increment
1 1
1 0
0 1
1 0


Similar Part No. - AS7C25512PFD32A-166TQCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C25512PFS32A ALSC-AS7C25512PFS32A Datasheet
522Kb / 19P
   2.5V 512K x 32/36 pipelined burst synchronous SRAM
AS7C25512PFS32A-133TQC ALSC-AS7C25512PFS32A-133TQC Datasheet
522Kb / 19P
   2.5V 512K x 32/36 pipelined burst synchronous SRAM
AS7C25512PFS32A-133TQCN ALSC-AS7C25512PFS32A-133TQCN Datasheet
522Kb / 19P
   2.5V 512K x 32/36 pipelined burst synchronous SRAM
AS7C25512PFS32A-133TQI ALSC-AS7C25512PFS32A-133TQI Datasheet
522Kb / 19P
   2.5V 512K x 32/36 pipelined burst synchronous SRAM
AS7C25512PFS32A-133TQIN ALSC-AS7C25512PFS32A-133TQIN Datasheet
522Kb / 19P
   2.5V 512K x 32/36 pipelined burst synchronous SRAM
More results

Similar Description - AS7C25512PFD32A-166TQCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C25512PFS32A ALSC-AS7C25512PFS32A Datasheet
522Kb / 19P
   2.5V 512K x 32/36 pipelined burst synchronous SRAM
AS7C33512PFS32A ALSC-AS7C33512PFS32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C33512PFD32A ALSC-AS7C33512PFD32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C251MPFD32A ALSC-AS7C251MPFD32A Datasheet
522Kb / 19P
   2.5V 1M x 32/36 pipelined burst synchronous SRAM
AS7C251MPFS32A ALSC-AS7C251MPFS32A Datasheet
522Kb / 19P
   2.5V 1M x 32/36 pipelined burst synchronous SRAM
AS7C4098A ALSC-AS7C4098A Datasheet
524Kb / 19P
   2.5V 512K x 32/36 flowthrough burst synchronous SRAM
AS7C25512NTD32A ALSC-AS7C25512NTD32A Datasheet
428Kb / 18P
   2.5V 512K x 32/36 Pipelined SRAM with NTD
logo
Cypress Semiconductor
CY7C1360A CYPRESS-CY7C1360A Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
logo
Alliance Semiconductor ...
AS7C33256PFS32A ALSC-AS7C33256PFS32A Datasheet
527Kb / 20P
   3.3V 256K x 32/36 pipelined burst synchronous SRAM
AS7C331MPFD32A ALSC-AS7C331MPFD32A Datasheet
525Kb / 19P
   3.3V 1M x 32/36 pipelined burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com