Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C3364PFS32B-166TQIN Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # AS7C3364PFS32B-166TQIN
Description  3.3V 64K X 32/36 pipeline burst synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3364PFS32B-166TQIN Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button AS7C3364PFS32B-166TQIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3364PFS32B-166TQIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3364PFS32B-166TQIN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C3364PFS32B-166TQIN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C3364PFS32B-166TQIN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C3364PFS32B-166TQIN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C3364PFS32B-166TQIN Datasheet HTML 13Page - Alliance Semiconductor Corporation AS7C3364PFS32B-166TQIN Datasheet HTML 14Page - Alliance Semiconductor Corporation AS7C3364PFS32B-166TQIN Datasheet HTML 15Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
®
AS7C3364PFS32B
AS7C3364PFS36B
12/10/04; v.1.4
Alliance Semiconductor
P. 11 of 19
Key to switching waveforms
Timing waveform of read cycle
Note: Ý = XOR when LBO = high/no connect; Ý = ADD when LBO = low. BW[a:d] is don’t care.
don’t care
Falling input
Rising input
Undefined
CE1
tCYC
tCH
tCL
tADSPS
tADSPH
tAS
tAH
tWS
tADVS
tOH
CLK
ADSP
ADSC
Address
GWE, BWE
CE0, CE2
ADV
OE
Dout
tCSS
tHZC
tCD
tWH
tADVH
tHZOE
tADSCS
tADSCH
LOAD NEW ADDRESS
ADV inserts wait states
Q(A2Ý10)
Q(A2Ý11)
Q(A3)
Q(A2)
Q(A2Ý01)
Q(A3Ý01)
Q(A3Ý10)
Q(A1)
A2
A1
A3
tOE
tLZOE
tCSH
Read
Q(A1)
Suspend
Read
Q(A1)
Read
Q(A2)
Burst
Read
Q(A 2Ý01)
Read
Q(A3)
DSEL
Burst
Read
Q(A 2Ý10)
Suspend
Read
Q(A 2Ý10)
Burst
Read
Q(A 2Ý11)
Burst
Read
Q(A 3Ý01)
Burst
Read
Q(A 3Ý10)
Burst
Read
Q(A 3Ý11)


Similar Part No. - AS7C3364PFS32B-166TQIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3364PFS32A ALSC-AS7C3364PFS32A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32A-100TQC ALSC-AS7C3364PFS32A-100TQC Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32A-100TQI ALSC-AS7C3364PFS32A-100TQI Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32A-133TQC ALSC-AS7C3364PFS32A-133TQC Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32A-133TQI ALSC-AS7C3364PFS32A-133TQI Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
More results

Similar Description - AS7C3364PFS32B-166TQIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD32A ALSC-AS7C33128PFD32A Datasheet
227Kb / 11P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32A ALSC-AS7C33128PFS32A Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32B ALSC-AS7C33128PFS32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD32B ALSC-AS7C33128PFD32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C3364FT32B ALSC-AS7C3364FT32B Datasheet
417Kb / 19P
   3.3V 64K x 32/36 Flow Through Synchronous SRAM
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33256PFS32A ALSC-AS7C33256PFS32A Datasheet
527Kb / 20P
   3.3V 256K x 32/36 pipelined burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com