Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C25512FT32A-75TQCN Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS7C25512FT32A-75TQCN
Description  2.5V 512K x 32/36 flowthrough burst synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C25512FT32A-75TQCN Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS7C25512FT32A-75TQCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C25512FT32A-75TQCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C25512FT32A-75TQCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C25512FT32A-75TQCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C25512FT32A-75TQCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C25512FT32A-75TQCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C25512FT32A-75TQCN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C25512FT32A-75TQCN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C25512FT32A-75TQCN Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
®
AS7C25512FT32A
AS7C25512FT36A
12/23/04, v. 1.2
Alliance Semiconductor
8 of 19
Absolute maximum ratings
Stresses greater than those listed under “Absolute maximum ratings” may cause permanent damage to the device. This is a stress rating only, and functional
operation of the device at these or any other conditions outside those indicated in the operational sections of this specification is not implied. Exposure to abso-
lute maximum rating conditions may affect reliability.
Recommended operating conditions
Parameter
Symbol
Min
Max
Unit
Power supply voltage relative to GND
VDD, VDDQ
–0.3
+3.6
V
Input voltage relative to GND (input pins)
VIN
–0.3
VDD + 0.3
V
Input voltage relative to GND (I/O pins)
VIN
–0.3
VDDQ + 0.3
V
Power dissipation
Pd
–1.8
W
Short circuit output current
IOUT
20
mA
Storage temperature
Tstg
–65
+150
oC
Temperature under bias
Tbias
–65
+135
oC
Parameter
Symbol
Min
Nominal
Max
Unit
Supply voltage for inputs
VDD
2.375
2.5
2.625
V
Supply voltage for I/O
VDDQ
2.375
2.5
2.625
V
Ground supply
Vss
0
0
0
V


Similar Part No. - AS7C25512FT32A-75TQCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C25512NTD32A ALSC-AS7C25512NTD32A Datasheet
428Kb / 18P
   2.5V 512K x 32/36 Pipelined SRAM with NTD
AS7C25512NTD32A-133TQC ALSC-AS7C25512NTD32A-133TQC Datasheet
428Kb / 18P
   2.5V 512K x 32/36 Pipelined SRAM with NTD
AS7C25512NTD32A-133TQCN ALSC-AS7C25512NTD32A-133TQCN Datasheet
428Kb / 18P
   2.5V 512K x 32/36 Pipelined SRAM with NTD
AS7C25512NTD32A-133TQI ALSC-AS7C25512NTD32A-133TQI Datasheet
428Kb / 18P
   2.5V 512K x 32/36 Pipelined SRAM with NTD
AS7C25512NTD32A-133TQIN ALSC-AS7C25512NTD32A-133TQIN Datasheet
428Kb / 18P
   2.5V 512K x 32/36 Pipelined SRAM with NTD
More results

Similar Description - AS7C25512FT32A-75TQCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C25512NTF32A ALSC-AS7C25512NTF32A Datasheet
423Kb / 18P
   2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C25512PFD32A ALSC-AS7C25512PFD32A Datasheet
523Kb / 19P
   2.5V 512K x 32/36 pipelined burst synchronous SRAM
AS7C25512PFS32A ALSC-AS7C25512PFS32A Datasheet
522Kb / 19P
   2.5V 512K x 32/36 pipelined burst synchronous SRAM
AS7C33512NTF32A ALSC-AS7C33512NTF32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C251MFT18A ALSC-AS7C251MFT18A Datasheet
511Kb / 19P
   2.5V 1M x 18 flowthrough burst synchronous SRAM
AS7C33512PFD32A ALSC-AS7C33512PFD32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C33512PFS32A ALSC-AS7C33512PFS32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C251MPFD32A ALSC-AS7C251MPFD32A Datasheet
522Kb / 19P
   2.5V 1M x 32/36 pipelined burst synchronous SRAM
AS7C251MPFS32A ALSC-AS7C251MPFS32A Datasheet
522Kb / 19P
   2.5V 1M x 32/36 pipelined burst synchronous SRAM
AS7C251MNTF32A ALSC-AS7C251MNTF32A Datasheet
414Kb / 18P
   2.5V 1M x 32/36 Flowthrough SRAM with NTD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com