Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C1024B-12JCN Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS7C1024B-12JCN
Description  5V 128K X 8 CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1024B-12JCN Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

  AS7C1024B-12JCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1024B-12JCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1024B-12JCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1024B-12JCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1024B-12JCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1024B-12JCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1024B-12JCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1024B-12JCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1024B-12JCN Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AS7C1024B
3/26/04, v 1.2
Alliance Semiconductor
P. 6 of 9
®
Write waveform 2 (CE1 and CE2 controlled)10,11,12
AC test conditions
Notes
1
During VCC power-up, a pull-up resistor to VCC on CE1 is required to meet ISB specification.
2
This parameter is sampled and not 100% tested.
3
For test conditions, see AC Test Conditions, Figures A and B.
4tCLZ and tCHZ are specified with CL = 5pF, as in Figure C. Transition is measured ±500 mV from steady-state voltage.
5
This parameter is guaranteed, but not 100% tested.
6WE is high for read cycle.
7CE1 and OE are low and CE2 is high for read cycle.
8
Address valid prior to or coincident with CE1 transition Low.
9
All read cycle timings are referenced from the last valid address to the first transitioning address.
10 N/A
11
All write cycle timings are referenced from the last valid address to the first transitioning address.
12 CE1 and CE2 have identical timing.
13 C = 30 pF, except all high Z and low Z parameters where C = 5 pF.
tAW
Address
CE1
WE
DOUT
tCW1, tCW2
tWP
tDW
tDH
tAH
tWZ
tWC
tAS
CE2
Data valid
DIN
tWR
– Output load: see Figure B.
– Input pulse level: GND to 3.5V. See Figure A.
– Input rise and fall times: 2 ns. See Figure A.
– Input and output timing reference levels: 1.5V.
168
Thevenin equivalent:
DOUT
+1.728V
255
C13
480
DOUT
GND
+5V
Figure B: 5V Output load
10%
90%
10%
90%
GND
+3.5V
Figure A: Input pulse
2 ns


Similar Part No. - AS7C1024B-12JCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1024A ALSC-AS7C1024A Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10JC ALSC-AS7C1024A-10JC Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10JI ALSC-AS7C1024A-10JI Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10STC ALSC-AS7C1024A-10STC Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10STI ALSC-AS7C1024A-10STI Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
More results

Similar Description - AS7C1024B-12JCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1024C ALSC-AS7C1024C Datasheet
113Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
List of Unclassifed Man...
UM621024 ETC1-UM621024 Datasheet
37Kb / 1P
   128K x 8 CMOS SRAM
logo
Alliance Semiconductor ...
AS7C1025C ALSC-AS7C1025C Datasheet
112Kb / 9P
   5V 128K X 8 CMOS SRAM (Center power and ground)
AS7C1025B ALSC-AS7C1025B Datasheet
103Kb / 9P
   5V 128K X 8 CMOS SRAM (Center power and ground)
logo
AMIC Technology
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D Datasheet
183Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D_15 Datasheet
227Kb / 16P
   128K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS7C31024B ALSC-AS7C31024B Datasheet
120Kb / 9P
   3.3V 128K X 8 CMOS SRAM
logo
AMIC Technology
A627308 AMICC-A627308 Datasheet
250Kb / 16P
   128K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com