Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJH16006A Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJH16006A
Description  POWER TRANSISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJH16006A Datasheet(HTML) 3 Page - ON Semiconductor

  MJH16006A Datasheet HTML 1Page - ON Semiconductor MJH16006A Datasheet HTML 2Page - ON Semiconductor MJH16006A Datasheet HTML 3Page - ON Semiconductor MJH16006A Datasheet HTML 4Page - ON Semiconductor MJH16006A Datasheet HTML 5Page - ON Semiconductor MJH16006A Datasheet HTML 6Page - ON Semiconductor MJH16006A Datasheet HTML 7Page - ON Semiconductor MJH16006A Datasheet HTML 8Page - ON Semiconductor MJH16006A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MJH16006A
3
Motorola Bipolar Power Transistor Device Data
IC, COLLECTOR CURRENT (AMPS)
0.2
1
2
0.5
0.3
1
IB, BASE CURRENT (AMPS)
0.5
0.3
0.2
0.2
100
0.2
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
1
0.3
0.5
1
5
10
20
30
10
5
Figure 2. Collector–Emitter Saturation Region
0.1
IC, COLLECTOR CURRENT (AMPS)
0.1
0.3
0.5
3
1
0.5
50
3
12
3
10
Figure 3. Collector–Emitter Saturation Region
5
0.5
0.1
0.2
0.3
1
10
25
0.5
Figure 4. Base–Emitter Saturation Region
Figure 5. Capacitance
10
2
10 k
1
VR, REVERSE VOLTAGE (VOLTS)
10
10
1 k
100
850
100
0.1
TJ = 25°C
Cib
3 A
TJ = 100°C
–55
°C
25
°C
20
23
IC/IB = 10
TJ = 100°C
IC/IB = 10
TJ = 25°C
1.5
1
210
0.1
2
5
0.3
0.2
0.2
5
3
5 A
8 A
1 A
IC/IB = 10
TJ = 25°C
5
0.3
3
Cob
TYPICAL STATIC CHARACTERISTICS


Similar Part No. - MJH16006A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJH16006A MOTOROLA-MJH16006A Datasheet
337Kb / 10P
   POWER TRANSISTORS 8 AMPERES 500 VOLTS 150 WATTS
logo
New Jersey Semi-Conduct...
MJH16006A NJSEMI-MJH16006A Datasheet
101Kb / 2P
   NPN Silicon Power Transistor
More results

Similar Description - MJH16006A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD56120 STMICROELECTRONICS-SD56120 Datasheet
43Kb / 4P
   RF POWER TRANSISTORS RF POWER TRANSISTORS
logo
ON Semiconductor
MJW16206 ONSEMI-MJW16206 Datasheet
306Kb / 10P
   POWER TRANSISTORS
REV 3
MJE18204 ONSEMI-MJE18204 Datasheet
484Kb / 12P
   POWER TRANSISTORS
1995
logo
Unisonic Technologies
UP2518 UTC-UP2518_15 Datasheet
114Kb / 3P
   POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N6543 JMNIC-2N6543 Datasheet
141Kb / 1P
   Power Transistors
2SC3694_2014 JMNIC-2SC3694_2014 Datasheet
33Kb / 1P
   Power Transistors
logo
New Jersey Semi-Conduct...
2N1047 NJSEMI-2N1047 Datasheet
120Kb / 1P
   POWER TRANSISTORS
logo
Central Semiconductor C...
TN2905 CENTRAL-TN2905 Datasheet
50Kb / 1P
   Power Transistors
logo
ON Semiconductor
MJE18004D2 ONSEMI-MJE18004D2 Datasheet
466Kb / 12P
   POWER TRANSISTORS
1995
logo
Continental Device Indi...
CSA1301FPNP CDIL-CSA1301FPNP Datasheet
138Kb / 3P
   POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SC3710_2014 JMNIC-2SC3710_2014 Datasheet
35Kb / 1P
   Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com