Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C31025B Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS7C31025B
Description  3.3V 128K X 8 CMOS SRAM (Center power and ground)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31025B Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

  AS7C31025B Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C31025B Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31025B Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31025B Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31025B Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31025B Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31025B Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31025B Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31025B Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AS7C31025B
®
3/24/04, v. 1.3
Alliance Semiconductor
P. 8 of 9
Ordering Codes
Note:
Add suffix ‘N’ to the above part number for lead free parts (Ex.
AS7C31025B-10TJCN)
Part numbering system
Package \
Access time
Temperature
10 ns
12 ns
15 ns
20 ns
300-mil SOJ
Commercial
AS7C31025B-10TJC
AS7C31025B-12TJC
AS7C31025B-15TJC
AS7C31025B-20TJC
Industrial
AS7C31025B-10TJI
AS7C31025B-12TJI
AS7C31025B-15TJI
AS7C31025B-20TJI
400-mil SOJ
Commercial
AS7C31025B-10JC
AS7C31025B-12JC
AS7C31025B-15JC
AS7C31025B-20JC
Industrial
AS7C31025B-10JI
AS7C31025B-12JI
AS7C31025B-15JI
AS7C31025B-0JI
AS7C
X
1025B
–XX
X
X
X
SRAM
prefix
Voltage:
3 = 3.3 V
CMOS
Device
number
Access
time
Package:
TJ = SOJ 300 mil
J = SOJ 400 mil
Temperature range
C = commercial, 0° C to 70° C
I = industrial, -40° C to 85° C
N=Lead Free Part


Similar Part No. - AS7C31025B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31025 ALSC-AS7C31025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C31025-12JC ALSC-AS7C31025-12JC Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C31025-12JI ALSC-AS7C31025-12JI Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C31025-12TC ALSC-AS7C31025-12TC Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C31025-12TI ALSC-AS7C31025-12TI Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
More results

Similar Description - AS7C31025B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31025C ALSC-AS7C31025C Datasheet
122Kb / 9P
   3.3V 128K X 8 CMOS SRAM (Center power and ground)
AS7C1025C ALSC-AS7C1025C Datasheet
112Kb / 9P
   5V 128K X 8 CMOS SRAM (Center power and ground)
AS7C1025B ALSC-AS7C1025B Datasheet
103Kb / 9P
   5V 128K X 8 CMOS SRAM (Center power and ground)
logo
AMIC Technology
LP61L1008 AMICC-LP61L1008 Datasheet
142Kb / 13P
   128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
LP61L1008A AMICC-LP61L1008A Datasheet
118Kb / 11P
   128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS7C31024B ALSC-AS7C31024B Datasheet
120Kb / 9P
   3.3V 128K X 8 CMOS SRAM
logo
Renesas Technology Corp
71V124SA RENESAS-71V124SA Datasheet
192Kb / 9P
   3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
logo
Integrated Device Techn...
IDT71V124SA IDT-IDT71V124SA_14 Datasheet
68Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power and Ground Pinout
IDT71V124SA IDT-IDT71V124SA Datasheet
81Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power & Ground Pinout
logo
Alliance Semiconductor ...
AS7C1029 ALSC-AS7C1029 Datasheet
112Kb / 9P
   5V 256K X 4 CMOS SRAM (Center power and ground)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com