Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C1024B-10TJCN Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS7C1024B-10TJCN
Description  5V 128K X 8 CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1024B-10TJCN Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

  AS7C1024B-10TJCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1024B-10TJCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1024B-10TJCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1024B-10TJCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1024B-10TJCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1024B-10TJCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1024B-10TJCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1024B-10TJCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1024B-10TJCN Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AS7C1024B
3/26/04, v 1.2
Alliance Semiconductor
P. 8 of 9
®
Note: Add suffix ‘N’ to the above part number for LEAD FREE PARTS (Ex: AS7C1024B-10TCN)
Ordering codes
Package \ Access
time
Temp
10 ns
12 ns
15 ns
20 ns
Plastic SOJ, 300 mil
commercial
AS7C1024B-10TJC
AS7C1024B-12TJC
AS7C1024B-15TJC
AS7C1024B-20TJC
industrial
AS7C1024B-12TJI
AS7C1024B-15TJI
AS7C1024B-20TJI
Plastic SOJ, 400 mil
commercial
AS7C1024B-10JC
AS7C1024B-12JC
AS7C1024B-15JC
AS7C1024B-20JC
industrial
AS7C1024B-12JI
AS7C1024B-15JI
AS7C1024B-20JI
TSOP1 8×20 mm
commercial
AS7C1024B-10TC
AS7C1024B-12TC
AS7C1024B-15TC
AS7C1024B-20TC
industrial
AS7C1024B-12TI
AS7C1024B-15TI
AS7C1024B-20TI
sTSOP1
8 x 13.4mm
commercial
AS7C1024B-10STC
AS7C1024B-12STC AS7C1024B-15STC
AS7C1024B-20STC
industrial
AS7C1024B-12STI
AS7C1024B-15STI
AS7C1024B-20STI
Part numbering system
AS7C
1024B
–XX
X
X
X
SRAM
prefix
Device
number
Access
time
Package:T = TSOP1 8×20 mm
ST = sTSOP1 8 x 13.4 mm
J = SOJ 400 mil
TJ = SOJ 300 mil
Temperature range
C = Commercial, 0° C to 70° C
I = Industrial, -40° C to 85° C
N = LEAD FREE
PART


Similar Part No. - AS7C1024B-10TJCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1024A ALSC-AS7C1024A Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10JC ALSC-AS7C1024A-10JC Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10JI ALSC-AS7C1024A-10JI Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10STC ALSC-AS7C1024A-10STC Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10STI ALSC-AS7C1024A-10STI Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
More results

Similar Description - AS7C1024B-10TJCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1024C ALSC-AS7C1024C Datasheet
113Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
List of Unclassifed Man...
UM621024 ETC1-UM621024 Datasheet
37Kb / 1P
   128K x 8 CMOS SRAM
logo
Alliance Semiconductor ...
AS7C1025C ALSC-AS7C1025C Datasheet
112Kb / 9P
   5V 128K X 8 CMOS SRAM (Center power and ground)
AS7C1025B ALSC-AS7C1025B Datasheet
103Kb / 9P
   5V 128K X 8 CMOS SRAM (Center power and ground)
logo
AMIC Technology
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D Datasheet
183Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D_15 Datasheet
227Kb / 16P
   128K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS7C31024B ALSC-AS7C31024B Datasheet
120Kb / 9P
   3.3V 128K X 8 CMOS SRAM
logo
AMIC Technology
A627308 AMICC-A627308 Datasheet
250Kb / 16P
   128K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com