Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C3513B-10TC Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS7C3513B-10TC
Description  3.3V 32K x 16 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3513B-10TC Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS7C3513B-10TC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C3513B-10TC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C3513B-10TC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3513B-10TC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3513B-10TC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3513B-10TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3513B-10TC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3513B-10TC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C3513B-10TC Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
®
AS7C3513B
3/24/04, v.1.2
Alliance Semiconductor
P. 7 of 10
AC test conditions
Notes
1During VCC power-up, a pull-up resistor to VCC on CE is required to meet ISB specification.
2
This parameter is sampled, but not 100% tested.
3
For test conditions, see AC Test Conditions, Figures A and B.
4
These parameters are specified with CL = 5pF, as in Figure B. Transition is measured ±500mV from steady-state voltage.
5
This parameter is guaranteed, but not 100% tested.
6WE is High for read cycle.
7CE and OE are Low for read cycle.
8
Address valid prior to or coincident with CE transition Low.
9
All read cycle timings are referenced from the last valid address to the first transitioning address.
10 Not applicable.
11
All write cycle timings are referenced from the last valid address to the first transitioning address.
12 Not applicable.
13 C=30pF, except on High Z and Low Z parameters, where C=5pF.
350
C13
320
Dout
GND
+3.3V
Figure B: 3.3V Output load
- Output load: see Figure B.
- Input pulse level: GND to 3.0V. See Figure A.
- Input rise and fall times: 2 ns. See Figure A.
- Input and output timing reference levels: 1.5V.
168
Thevenin equivalent:
Dout
+1.728V
10%
90%
10%
90%
GND
+3.0V
Figure A: Input pulse
2 ns


Similar Part No. - AS7C3513B-10TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C3513-12 ALSC-AS7C3513-12 Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C3513-12JC ALSC-AS7C3513-12JC Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C3513-12TC ALSC-AS7C3513-12TC Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
More results

Similar Description - AS7C3513B-10TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C513B ALSC-AS7C513B Datasheet
213Kb / 9P
   5V 32K x 16 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C3513C ALSC-AS7C3513C Datasheet
135Kb / 9P
   3.3 V 32K X 16 CMOS SRAM
AS7C513C ALSC-AS7C513C Datasheet
136Kb / 9P
   5 V 32K X 16 CMOS SRAM
AS7C3256A-8 ALSC-AS7C3256A-8 Datasheet
301Kb / 9P
   3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C3256A ALSC-AS7C3256A Datasheet
248Kb / 9P
   3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
   5V/3.3V 256K x 16 CMOS SRAM
logo
STMicroelectronics
M48Z30 STMICROELECTRONICS-M48Z30 Datasheet
100Kb / 12P
   CMOS 32K x 8 ZEROPOWER SRAM
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com