Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C3256A-20JI Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS7C3256A-20JI
Description  3.3V 32K X 8 CMOS SRAM (Common I/O)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3256A-20JI Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

  AS7C3256A-20JI Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C3256A-20JI Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C3256A-20JI Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C3256A-20JI Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3256A-20JI Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3256A-20JI Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3256A-20JI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3256A-20JI Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3256A-20JI Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
®
AS7C3256A
4/23/04; v.2.0
Alliance Semiconductor
P. 6 of 9
AC test conditions
Notes
1During VCC power-up, a pull-up resistor to VCC on CE is required to meet ISB specification.
2
This parameter is sampled, but not 100% tested.
3
For test conditions, see AC Test Conditions, Figures A, B.
4
These parameters are specified with CL = 5pF, as in Figures B. Transition is measured
±500mV from steady-state voltage.
5
This parameter is guaranteed, but not tested.
6
WE is High for read cycle.
7
CE and OE are Low for read cycle.
8
Address valid prior to or coincident with CE transition Low.
9
All read cycle timings are referenced from the last valid address to the first transitioning address.
10 N/A
11 All write cycle timings are referenced from the last valid address to the first transitioning address.
12 N/A
13 C=30pF, except on High Z and Low Z parameters, where C=5pF.
350
C13
320
Dout
GND
+3.3V
168
Dout
+1.72V
Figure B: Output load
Thevenin equivalent
- Output load: see Figure B
- Input pulse level: GND to 3.0V. See Figure A.
- Input rise and fall times: 2 ns. See Figure A.
- Input and output timing reference levels: 1.5V.
10%
90%
10%
90%
GND
+3.0V
Figure A: Input pulse
2 ns


Similar Part No. - AS7C3256A-20JI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3256A-8 ALSC-AS7C3256A-8 Datasheet
301Kb / 9P
   3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C3256A-8JC ALSC-AS7C3256A-8JC Datasheet
301Kb / 9P
   3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C3256A-8JCN ALSC-AS7C3256A-8JCN Datasheet
301Kb / 9P
   3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C3256A-8TC ALSC-AS7C3256A-8TC Datasheet
301Kb / 9P
   3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C3256A-8TCN ALSC-AS7C3256A-8TCN Datasheet
301Kb / 9P
   3.3V 32K X 8 CMOS SRAM (Common I/O)
More results

Similar Description - AS7C3256A-20JI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3256A-8 ALSC-AS7C3256A-8 Datasheet
301Kb / 9P
   3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C256B ALSC-AS7C256B Datasheet
134Kb / 8P
   5V 32K X 8 CMOS SRAM (Common I/O)
AS7C256A ALSC-AS7C256A Datasheet
248Kb / 9P
   5V 32K X 8 CMOS SRAM (Common I/O)
AS7C3513B ALSC-AS7C3513B Datasheet
217Kb / 10P
   3.3V 32K x 16 CMOS SRAM
AS7C1028 ALSC-AS7C1028 Datasheet
119Kb / 8P
   5V 256K X 4 CMOS SRAM (Common I/O)
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
logo
STMicroelectronics
M48Z30 STMICROELECTRONICS-M48Z30 Datasheet
100Kb / 12P
   CMOS 32K x 8 ZEROPOWER SRAM
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308 AMICC-A625308 Datasheet
126Kb / 13P
   32K X 8 BIT CMOS SRAM
logo
STMicroelectronics
M48T36 STMICROELECTRONICS-M48T36 Datasheet
138Kb / 17P
   CMOS 32K x 8 TIMEKEEPER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com