Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJF2955 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJF2955
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJF2955 Datasheet(HTML) 2 Page - ON Semiconductor

  MJF2955 Datasheet HTML 1Page - ON Semiconductor MJF2955 Datasheet HTML 2Page - ON Semiconductor MJF2955 Datasheet HTML 3Page - ON Semiconductor MJF2955 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MJF3055 MJF2955
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS (1)
Collector–Emitter Sustaining Voltage (IC = 200 mAdc, IB = 0)
VCEO(sus)
90
Vdc
Collector Cutoff Current (VCE = 90 Vdc, VBE = 0)
ICES
1
µAdc
Collector Cutoff Current (VCE = 90 Vdc, IE = 0)
ICBO
1
µAdc
Emitter–Base Leakage (VEB = 5 Vdc, IC = 0)
IEBO
1
µAdc
ON CHARACTERISTICS (1)
DC Current Gain (ICE = 4 Adc, VCE = 4 Vdc)
DC Current Gain (ICE = 10 Adc, VCE = 4 Vdc)
hFE
20
5
100
Collector–Emitter Saturation Voltage
(IC = 4 Adc, IB = 0.4 Adc)
(IC = 10 Adc, IB = 3.3 Adc)
VCE(sat)
1
2.5
Vdc
Base–Emitter On Voltage (IC = 4 Adc, VBE = 4 Vdc)
VBE(on)
1.5
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain–Bandwidth Product
(VCE = 10 Vdc, IC = 0.5 Adc, ftest = 500 kHz)
fT
2
MHz
(1) Pulse Test: Pulse Width = 5 ms, Duty Cycle
v 10%.
0.01
IC, COLLECTOR CURRENT (AMP)
5
0.05
0.1
2
30
500
VCE = 2 V
TJ = 150°C
50
25
°C
– 55
°C
10
0.02
0.2
0.5
1
300
200
100
20
IC, COLLECTOR CURRENT (AMP)
1.4
1.2
0.8
2
IC, COLLECTOR CURRENT (AMP)
1.6
1.2
0.8
0.4
Figure 1. Maximum Forward Bias Safe
Operating Area
Figure 2. DC Current Gain
Figure 3. “On” Voltages
0.2
0
0
0.4
0.2
1
0.5
10
0.1
0.3
3
2
5
0.6
1
100
µs
dc
20
1
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.3
2
100
5
3
10
2
0.5
CURRENT LIMIT
SECONDARY BREAKDOWN LIMIT
THERMAL LIMIT @ TC = 25°C
(SINGLE PULSE)
3
5
10
20
1
0.2
30
5 ms
50
5
10
VBE(sat) @ IC/IB = 10
VBE @ VCE = 3 V
PNP
MJF3055
PNP
MJF2955
TJ = 25°C
0.2
1
0.5
10
0.1
0.3
3
2
5
TJ = 150°C
1 ms
VCE(sat) @ IC/IB = 10
TJ = 25°C
VBE(sat) @ IC/IB = 10
VBE @ VCE = 2 V
VCE(sat) @ IC/IB = 10


Similar Part No. - MJF2955

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJF2955 MOTOROLA-MJF2955 Datasheet
156Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS 10 AMPERES 90 VOLTS 30 WATTS
logo
ON Semiconductor
MJF2955 ONSEMI-MJF2955 Datasheet
120Kb / 5P
   Complementary Silicon Power Transistors
July, 2008 ??Rev. 7
MJF2955G ONSEMI-MJF2955G Datasheet
120Kb / 5P
   Complementary Silicon Power Transistors
July, 2008 ??Rev. 7
More results

Similar Description - MJF2955

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com