Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C1025B-12JI Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C1025B-12JI
Description  5V 128K X 8 CMOS SRAM (Center power and ground)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1025B-12JI Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C1025B-12JI Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1025B-12JI Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1025B-12JI Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1025B-12JI Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1025B-12JI Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1025B-12JI Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1025B-12JI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1025B-12JI Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1025B-12JI Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AS7C1025B
3/26/04, v. 1.3
Alliance Semiconductor
P. 4 of 9
®
Key to switching waveforms
Read waveform 1 (address controlled)3,6,7,9
Read waveform 2 (CE and OE controlled)3,6,8,9
Read cycle (over the operating range)3,9
Parameter
Symbol
-10
-12
-15
-20
Unit
Notes
Min
Max
Min Max Min Max Min Max
Read cycle time
tRC
10
-
12
15
20
ns
Address access time
tAA
-
10
12
15
20
ns
3
Chip enable (CE) access time
tACE
-
10
12
15
20
ns
3
Output enable (OE) access time
tOE
-5
6
7
8
ns
Output hold from address change
tOH
3
-
3
3
3
ns
5
CE low to output in low Z
tCLZ
3
-
3
3
3
ns
4, 5
CE low to output in high Z
tCHZ
-
4
5
6
7
ns
4, 5
OE low to output in low Z
tOLZ
0
-
0
0
0
ns
4, 5
OE high to output in high Z
tOHZ
-
4
5
6
7
ns
4, 5
Power up time
tPU
0
-
0
0
0
ns
4, 5
Power down time
tPD
-
10
12
15
20
ns
4, 5
Undefined/don’t care
Falling input
Rising input
Address
DOUT
Data valid
tOH
tAA
tRC
current
Supply
OE
DOUT
tOE
tOLZ
tACE
tCHZ
tCLZ
tPU
tPD
ICC
ISB
50%
50%
Data valid
tRC1
CE
tOHZ


Similar Part No. - AS7C1025B-12JI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C1025-12JC ALSC-AS7C1025-12JC Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C1025-12JI ALSC-AS7C1025-12JI Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C1025-12TC ALSC-AS7C1025-12TC Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C1025-12TI ALSC-AS7C1025-12TI Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
More results

Similar Description - AS7C1025B-12JI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1025C ALSC-AS7C1025C Datasheet
112Kb / 9P
   5V 128K X 8 CMOS SRAM (Center power and ground)
AS7C31025C ALSC-AS7C31025C Datasheet
122Kb / 9P
   3.3V 128K X 8 CMOS SRAM (Center power and ground)
AS7C31025B ALSC-AS7C31025B Datasheet
99Kb / 9P
   3.3V 128K X 8 CMOS SRAM (Center power and ground)
AS7C1029 ALSC-AS7C1029 Datasheet
112Kb / 9P
   5V 256K X 4 CMOS SRAM (Center power and ground)
AS7C1024C ALSC-AS7C1024C Datasheet
113Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1024B ALSC-AS7C1024B Datasheet
111Kb / 9P
   5V 128K X 8 CMOS SRAM
logo
AMIC Technology
LP61L1008A AMICC-LP61L1008A Datasheet
118Kb / 11P
   128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
LP61L1008 AMICC-LP61L1008 Datasheet
142Kb / 13P
   128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
List of Unclassifed Man...
UM621024 ETC1-UM621024 Datasheet
37Kb / 1P
   128K x 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com