Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGDSI-10-I-F Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MGDSI-10-I-F
Description  2:1 Standard Input Single & Bi Outputs Metallic case - 1.500 VDC Isolation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MGDSI-10-I-F Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  MGDSI-10-I-F Datasheet HTML 1Page - List of Unclassifed Manufacturers MGDSI-10-I-F Datasheet HTML 2Page - List of Unclassifed Manufacturers MGDSI-10-I-F Datasheet HTML 3Page - List of Unclassifed Manufacturers MGDSI-10-I-F Datasheet HTML 4Page - List of Unclassifed Manufacturers MGDSI-10-I-F Datasheet HTML 5Page - List of Unclassifed Manufacturers MGDSI-10-I-F Datasheet HTML 6Page - List of Unclassifed Manufacturers MGDSI-10-I-F Datasheet HTML 7Page - List of Unclassifed Manufacturers MGDSI-10-I-F Datasheet HTML 8Page - List of Unclassifed Manufacturers MGDSI-10-I-F Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
For locations, phone, fax, E-Mail see back cover
8
Industrial
Grade
MGDI-10 Standard Input Series
Gaia Converter FC97-006.08/05 Revision J
©
5
Metallic case black anodized coating solder plated pin
Pin dimensions : O 0,73 mm (0.03 ”)
40
(1.58")
35.56
(1,40")
7,60
(0.30")
5 min
(0.20")
20,32
(0.80")
26
(1.03")
8
(0.32")
26,20
(1.03")
10,16
(0.40")
10- Dimensions
Dimensions are given in mm (inches). Tolerance : +/- 0,2 mm (+/- 0.01 “) unless otherwise indicated.
Weight : 20 grams (0.7 Ozs) max.
11- Product Marking
Upper face : Company logo, location of manufacturing.
Side face :
Module reference, option, date code : year and week of manufacturing.
12- Connections
Pin
Bi Output
Single Output
1
+ Input (Vi)
+ Input (Vi)
2
No pin
No pin
3
- Input (Gi)
- Input (Gi)
4
Output + (+Vo)
Output (Vo)
5
Common (Go)
No pin
6
Output - (-Vo)
Common (Go)
1
Bottom view
3
2
4
6
5


Similar Part No. - MGDSI-10-I-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDSI-10-I-F ETC2-MGDSI-10-I-F Datasheet
187Kb / 12P
   Industrial DC/DC CONVERTER
More results

Similar Description - MGDSI-10-I-F

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
IBS55 WALL-IBS55 Datasheet
130Kb / 3P
   6000 VDC Input/Output Isolation
logo
Total Power Internation...
MCW1000 TOTAL-POWER-MCW1000 Datasheet
173Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single Outputs
logo
Power-One
SQ24S04120 POWER-ONE-SQ24S04120 Datasheet
663Kb / 70P
   SQ24 Series DC-DC Converter Data Sheet 18-36 VDC Input; Standard Outputs from 1-12 VDC
logo
List of Unclassifed Man...
LT48512 ETC1-LT48512 Datasheet
192Kb / 2P
   2:1 or 4:1 Wide input, Triple Outputs
logo
Total Power Internation...
MDW1000 TOTAL-POWER-MDW1000 Datasheet
243Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
logo
Bel Fuse Inc.
XRSB-50T BEL-XRSB-50T_10 Datasheet
422Kb / 13P
   48 Vdc Input 1.5 Vdc - 12 Vdc / 22 A - 5 A Outputs, 1/16 Brick
logo
AIMTEC
AM6GH-Z AIMTEC-AM6GH-Z Datasheet
229Kb / 5P
   Input / Output Isolation 1500 and 3000 VDC
AM3TI-RZ AIMTEC-AM3TI-RZ Datasheet
217Kb / 6P
   Input / Output Isolation 1500 or 3000 VDC
AM3TIW-RZ AIMTEC-AM3TIW-RZ Datasheet
205Kb / 5P
   Input / Output Isolation 1500 or 3000 VDC
AM2LS-NZ AIMTEC-AM2LS-NZ Datasheet
208Kb / 4P
   Input / Output Isolation 1500 and 3000 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com