Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGDSI-10-I-E Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MGDSI-10-I-E
Description  2:1 Standard Input Single & Bi Outputs Metallic case - 1.500 VDC Isolation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MGDSI-10-I-E Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MGDSI-10-I-E Datasheet HTML 1Page - List of Unclassifed Manufacturers MGDSI-10-I-E Datasheet HTML 2Page - List of Unclassifed Manufacturers MGDSI-10-I-E Datasheet HTML 3Page - List of Unclassifed Manufacturers MGDSI-10-I-E Datasheet HTML 4Page - List of Unclassifed Manufacturers MGDSI-10-I-E Datasheet HTML 5Page - List of Unclassifed Manufacturers MGDSI-10-I-E Datasheet HTML 6Page - List of Unclassifed Manufacturers MGDSI-10-I-E Datasheet HTML 7Page - List of Unclassifed Manufacturers MGDSI-10-I-E Datasheet HTML 8Page - List of Unclassifed Manufacturers MGDSI-10-I-E Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
For locations, phone, fax, E-Mail see back cover
5
Industrial
Grade
MGDI-10 Standard Input Series
Gaia Converter FC97-006.08/05 Revision J
©
5
4- Functional Characteristics
7- Environmental Qualifications
5- Thermal Characteristics
* TNote * : The upper temperature range depends on configuration, the user must assure a max. case temperature of + 95°C (See Application Notes : Ambient versus case temperature).
Characteristics
Conditions
Limit or typical
Performances
Electric strength test voltage
Input to output
Minimum
1.500 VDC / 1 min
Isolation resistance
500 VDC
Minimum
100 Mohm
Short circuit protection
Short circuit
Auto restart
Permanent
Switching frequency
No load to full load
Nominal
480 KHz
Characteristics
Conditions
Limit or typical
Performances
Operating ambient temperature range
at full load
Ambient temperature *
Minimum
Maximum
- 40°C
+ 71°C
Operating case temperature range
at full load
Case temperature
Minimum
Maximum
- 40°C
+ 95°C
Storage temperature range
Non functionning
Minimum
Maximum
- 40°C
+ 105°C
Characteristics
Conditions
Severity
Test procedure
Humidity
Damp heat
Temperature
93 % H.R 56 Days
40°C
IEC 68-2-3
Temperature
cycling
Number of cycles
Temperature change
Transfert time / Steady state time
200
-40°C / +71°C
40 min. / 20 min.
IEC 68-2-14
Vibration
(Sinusoidal)
Number of cycles
Frequency
Amplitude /acceleration
10 cycles in each axis
10 to 60 Hz/ 60 to 2000 Hz
0.7 mm/10 g
IEC 68-2-6
Shock
(Half sinus)
Number of shocks
Peak acceleration
Duration
3 shocks in each axis
100 g
6 ms
IEC 68-2-27
Bump
(Half sinus)
Number of bumps
Duration
Peak acceleration
2000 Bumps in each axis
6 ms
25 g
IEC 68-2-29
Electrical
discharge
susceptibility
Air discharge level 4 kV
Contact discharge level 2kV
Air discharge level 8 kV
Contact discharge level 4 kV
sanction A
sanction A
sanction B
sanction B
EN55082-2 with :
EN61000-4-2
IEC 801-2
Electrical field
susceptibility
Antenna at 1 m
Wave form : AM modulated 80 %, 1KHz
Test : 26 MHz to 1 GHz
Value 10 V/m
EN55082-2 with :
EN61000-4-3
IEC801-3
Electrical fast
transient
susceptibility
Level 1 : 0.5 kV
Level 3 : 2 kV
sanction A
sanction B
EN55082-2 with :
EN61000-4-4
IEC801-4
6- Reliability Characteristics
Characteristics
Conditions
Temperature
Performances
Mean Time Between Failure (MTBF)
According to MIL-HDBK-217F
Ground fixed (Gf)
Case at 40°C
Case at 70°C
950.000 Hrs
380.000 Hrs


Similar Part No. - MGDSI-10-I-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDSI-10-I-E ETC2-MGDSI-10-I-E Datasheet
187Kb / 12P
   Industrial DC/DC CONVERTER
More results

Similar Description - MGDSI-10-I-E

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
IBS55 WALL-IBS55 Datasheet
130Kb / 3P
   6000 VDC Input/Output Isolation
logo
Total Power Internation...
MCW1000 TOTAL-POWER-MCW1000 Datasheet
173Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single Outputs
logo
Power-One
SQ24S04120 POWER-ONE-SQ24S04120 Datasheet
663Kb / 70P
   SQ24 Series DC-DC Converter Data Sheet 18-36 VDC Input; Standard Outputs from 1-12 VDC
logo
List of Unclassifed Man...
LT48512 ETC1-LT48512 Datasheet
192Kb / 2P
   2:1 or 4:1 Wide input, Triple Outputs
logo
Total Power Internation...
MDW1000 TOTAL-POWER-MDW1000 Datasheet
243Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
logo
Bel Fuse Inc.
XRSB-50T BEL-XRSB-50T_10 Datasheet
422Kb / 13P
   48 Vdc Input 1.5 Vdc - 12 Vdc / 22 A - 5 A Outputs, 1/16 Brick
logo
AIMTEC
AM6GH-Z AIMTEC-AM6GH-Z Datasheet
229Kb / 5P
   Input / Output Isolation 1500 and 3000 VDC
AM3TI-RZ AIMTEC-AM3TI-RZ Datasheet
217Kb / 6P
   Input / Output Isolation 1500 or 3000 VDC
AM3TIW-RZ AIMTEC-AM3TIW-RZ Datasheet
205Kb / 5P
   Input / Output Isolation 1500 or 3000 VDC
AM2LS-NZ AIMTEC-AM2LS-NZ Datasheet
208Kb / 4P
   Input / Output Isolation 1500 and 3000 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com