Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF6P9220HR3 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MRF6P9220HR3
Description  880 MHz, 47 W AVG., 28 V SINGLE N-CDMA LATERAL N-CHANNEL RF POWER MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6P9220HR3 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MRF6P9220HR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6P9220HR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6P9220HR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6P9220HR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6P9220HR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6P9220HR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF6P9220HR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF6P9220HR3 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF6P9220HR3 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MRF6P9220HR3
11
RF Device Data
Freescale Semiconductor
PACKAGE DIMENSIONS
CASE 375G-04
ISSUE G
NI-860C3
1
2
34
5
D
Q
G
L
K
2X
H
E
F
C
SEATING
PLANE
NOTES:
1. CONTROLLING DIMENSION: INCH.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M−1994.
3. DIMENSION H TO BE MEASURED 0.030 (0.762)
AWAY FROM PACKAGE BODY.
4. RECOMMENDED BOLT CENTER DIMENSION
OF 1.140 (28.96) BASED ON 3M SCREW.
4X
B
A
T
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.335
1.345
33.91
34.16
INCHES
B
0.380
0.390
9.65
9.91
C
0.180
0.224
4.57
5.69
D
0.325
0.335
8.26
8.51
E
0.060
0.070
1.52
1.78
F
0.004
0.006
0.10
0.15
G
H
0.097
0.107
2.46
2.72
K
0.135
0.165
3.43
4.19
L
N
0.851
0.869
21.62
22.07
Q
0.118
0.138
3.00
3.30
R
0.395
0.405
10.03
10.29
STYLE 1:
PIN 1. DRAIN
2. DRAIN
3. GATE
4. GATE
5. SOURCE
1.100 BSC
0.425 BSC
27.94 BSC
10.8 BSC
J
0.2125 BSC
5.397 BSC
M
0.852
0.868
21.64
22.05
S
0.394
0.406
10.01
10.31
bbb
0.010 REF
0.25 REF
ccc
0.015 REF
0.38 REF
M
A
M
bbb
B M
T
M
A
M
bbb
B M
T
B (FLANGE)
4X
M
A
M
bbb
B M
T
M
A
M
ccc
B M
T
R (LID)
S (INSULATOR)
J
M
A
M
bbb
B M
T
M
A
M
ccc
B M
T
N
(LID)
M
(INSULATOR)
A
4


Similar Part No. - MRF6P9220HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6P9220HR3 FREESCALE-MRF6P9220HR3 Datasheet
501Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6P9220HR3 FREESCALE-MRF6P9220HR3 Datasheet
462Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6P9220HR3 FREESCALE-MRF6P9220HR3_06 Datasheet
501Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6P9220HR3 FREESCALE-MRF6P9220HR3_08 Datasheet
462Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results

Similar Description - MRF6P9220HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9200LR3 FREESCALE-MRF9200LR3_06 Datasheet
458Kb / 12P
   880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs
logo
Motorola, Inc
MRF5S19090LR3 MOTOROLA-MRF5S19090LR3 Datasheet
412Kb / 12P
   1990 MHz, 18 W AVG 2 x N-CDMA, 28 V LATERAL N-CHANNEL RF POWER MOSFETs
MRF9180 MOTOROLA-MRF9180 Datasheet
342Kb / 12P
   880 MHz, 170 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
MRF9085 MOTOROLA-MRF9085 Datasheet
491Kb / 8P
   880 MHz, 90 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
logo
Cree, Inc
UGF09085 CREE-UGF09085 Datasheet
202Kb / 6P
   90W, 865-880 MHz, 26V Broadband RF Power N-Channel Enhancement-Mode Lateral MOSFET
logo
Motorola, Inc
MRF9060 MOTOROLA-MRF9060 Datasheet
393Kb / 12P
   945 MHz, 60 W, 26 V LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF9100 MOTOROLA-MRF9100 Datasheet
395Kb / 12P
   GSM/EDGE 900 MHz, 110 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
MRF185 MOTOROLA-MRF185 Datasheet
56Kb / 4P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
MRF3010 MOTOROLA-MRF3010 Datasheet
106Kb / 8P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
logo
NXP Semiconductors
A2T21H100-25SR3 NXP-A2T21H100-25SR3 Datasheet
438Kb / 16P
   2110–2170 MHz, 18 W AVG., 28 V AIRFAST RF POWER LDMOS TRANSISTOR
Rev. 1, 01/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com