Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM908E622ACDWB Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MM908E622ACDWB
Description  Integrated Quad Half-Bridge, Triple High-Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E622ACDWB Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MM908E622ACDWB Datasheet HTML 4Page - Freescale Semiconductor, Inc MM908E622ACDWB Datasheet HTML 5Page - Freescale Semiconductor, Inc MM908E622ACDWB Datasheet HTML 6Page - Freescale Semiconductor, Inc MM908E622ACDWB Datasheet HTML 7Page - Freescale Semiconductor, Inc MM908E622ACDWB Datasheet HTML 8Page - Freescale Semiconductor, Inc MM908E622ACDWB Datasheet HTML 9Page - Freescale Semiconductor, Inc MM908E622ACDWB Datasheet HTML 10Page - Freescale Semiconductor, Inc MM908E622ACDWB Datasheet HTML 11Page - Freescale Semiconductor, Inc MM908E622ACDWB Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
908E622
Static Electrical Characteristics
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
All characteristics are for the analog chip only. Refer to the 68HC908EY16 datasheet for characteristics of the microcontroller
chip. Characteristics noted under conditions 9.0 V VSUP 16 V, -40°C TJ 125°C unless otherwise noted. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Supply Voltage Range
Nominal Operating Voltage
VSUP1
9.0
16
V
Extended Operating Voltage (LIN only 8..18V)(9)
VSUP2
7.5
20
V
Supply Current Range
Normal Mode (9)
VSUP = 12 V, Analog Chip in Normal Mode (PSON=1), MCU Operating
Using Internal Oscillator at 32 MHz (8.0 MHz Bus Frequency), SPI,
ESCI, ADC Enabled
Stop Mode (9), (10)
VSUP = 12 V, Voltage Regulator with limited current capability
Sleep Mode (9), (10)
VSUP = 12 V, Voltage Regulator off
IRUN
ISTOP
ISLEEP
25
40
12
50
20
mA
µA
µA
Digital Interface Ratings (Analog Die)
Output terminals RST_A, IRQ_A, RXD (MISO probe only)
Low-state Output Voltage (IOUT = -1.5 mA)
High-state Output Voltage (IOUT = 250 uA)
VOL
VOH
3.85
0.4
V
Output terminal RXD - Capacitance (11)
COUT
–4.0
pF
Input terminals RST_A, PWM (SS, MOSI, TXD probe only)
Input Logic Low Voltage
Input Logic High Voltage
VIL
VIH
3.5
1.5
V
Input terminals - Capacitance (11)
CIN
–4.0
pF
Terminals IRQ_A, RST_A - Pullup Resistor
RPULLUP1
–10
kOhm
Terminals SS - Pullup Resistor
RPULLUP2
–100
kOhm
Terminals MOSI, SPSCK, PWM - Pull-down Resistor
RPULLDOWN
–100
kOhm
Terminal TXD - PULLup Current Source
IPULLUP
–35
µA
Notes
8.
Device is fully functional, but some of the parameters might be out of spec.
9.
Total current measured at GND terminals.
10.
Stop and Sleep mode current will increase if VSUP exceeds 15 V.
11.
This parameter is guaranteed by process monitoring but is not production tested.


Similar Part No. - MM908E622ACDWB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MM908E622ACDWB FREESCALE-MM908E622ACDWB Datasheet
1Mb / 66P
   Integrated Quad Half-bridge, Triple High Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
MM908E622ACDWBR2 FREESCALE-MM908E622ACDWBR2 Datasheet
1Mb / 66P
   Integrated Quad Half-bridge, Triple High Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
More results

Similar Description - MM908E622ACDWB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MM908E622 FREESCALE-MM908E622_08 Datasheet
1Mb / 66P
   Integrated Quad Half-bridge, Triple High Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
908E622 FREESCALE-908E622_12 Datasheet
1Mb / 63P
   Integrated Quad Half-bridge, Triple High Side amd EC Glass Driver with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_12 Datasheet
1Mb / 60P
   Integrated Quad Half bridge and Triple High Side Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621_08 Datasheet
1,013Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
logo
Motorola, Inc
MM908E624 MOTOROLA-MM908E624 Datasheet
453Kb / 32P
   TRIPLE HIGH-SIDE SWITCH WITH EMBEDDED MCU AND LIN
logo
Freescale Semiconductor...
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625 Datasheet
628Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com