Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGDBI-10-F-C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MGDBI-10-F-C
Description  2:1 Standard Input Single & Bi Outputs Metallic case - 1.500 VDC Isolation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MGDBI-10-F-C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MGDBI-10-F-C Datasheet HTML 1Page - List of Unclassifed Manufacturers MGDBI-10-F-C Datasheet HTML 2Page - List of Unclassifed Manufacturers MGDBI-10-F-C Datasheet HTML 3Page - List of Unclassifed Manufacturers MGDBI-10-F-C Datasheet HTML 4Page - List of Unclassifed Manufacturers MGDBI-10-F-C Datasheet HTML 5Page - List of Unclassifed Manufacturers MGDBI-10-F-C Datasheet HTML 6Page - List of Unclassifed Manufacturers MGDBI-10-F-C Datasheet HTML 7Page - List of Unclassifed Manufacturers MGDBI-10-F-C Datasheet HTML 8Page - List of Unclassifed Manufacturers MGDBI-10-F-C Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
For locations, phone, fax, E-Mail see back cover
3
Industrial
Grade
MGDI-10 Standard Input Series
Gaia Converter FC97-006.08/05 Revision J
©
5
3- Electrical Specifications
Data are valid at +25°C, unless otherwise specified.
Parameter
Conditions
Limit or
typical
Units
Single Output MGDSI- 10
10 - C
10 - F
10 - I
Input
Nominal input voltage
Full temperature range
Nominal
VDC
5
15
24
Permanent input
voltage range (Ui)
Full temperature range
Min. - Max.
VDC
4,5- 5,5
9- 18
18- 36
Start up time
Ui nominal
Nominal output
Full load : resistive
Maximum
ms
30
30
30
Reflected ripple current
Ui nominal, full load at
switching freq. BW = 20MHz
Decoupling capacitor 10µF
Maximum
mApp
50
50
30
Input current in short
circuit mode (Average)
Ui nominal
Short-circuit
Maximum
mA
50
30
30
No load input current
Ui nominal
No load
Maximum
mA
50
30
30
Output
Output voltage *
Full temperature range
Ui min. to max.
75% load
Nominal
Nominal
Nominal
Nominal
VDC
VDC
VDC
VDC
3,3
5
12
15
3,3
5
12
15
3,3
5
12
15
Set Point accuracy
Ambient temperature : +25°c
Ui nominal, 75% load
Maximum
%
+/- 2
+/- 2
+/- 2
Output power
Full temperature range
Ui min. to max.
Maximum
W
10
10
10
Output current
3,3V output
5V output
12V output
15V output
Full temperature range
Ui min. to max.
Maximum
Maximum
Maximum
Maximum
mA
mA
mA
mA
2.000
2.000
800
650
2.000
2.000
800
650
2.000
2.000
800
650
Ripple output voltage **
3,3V and 5V output
12V output
15V output
Ui nominal
Full load
BW = 20MHz
Maximum
Maximum
Maximum
mVpp
mVpp
mVpp
50
100
150
50
100
150
50
100
150
Line regulation
Ui min. to max.
Full load
Maximum
%
+/- 1
+/- 1
+/- 1
Load regulation
Ui nominal
25% to full load
Maximum
%
+/- 2,5
+/- 2,5
+/- 2,5
Efficiency
Ui nominal
Full load
Typical
%
77
82
83
Maximum admissible
Capacity load
3,3V and 5V output
12V and 15V output
Ui nominal
Full load
Per output
Maximum
Maximum
µF
µF
1.000
330
1.000
330
1.000
330
Note * : For proper operation the MGDI-10 module requires to install a 22µF chemical or tantalum capacitance accross output terminals.
Note ** : The ripple output voltage is the periodic AC component imposed on the output voltage, an aperiodic and random component (noise) has also to be considered.
This noise can be reduced by adding an external capacitance (typically 10nF/rated voltage depending on isolation requirement) connected between the pin Gin and
the pin Gout of the converter. This capacitance should be layed-out as close as possible from the converter.


Similar Part No. - MGDBI-10-F-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDBI-10-C-B ETC2-MGDBI-10-C-B Datasheet
187Kb / 12P
   Industrial DC/DC CONVERTER
MGDBI-10-C-C ETC2-MGDBI-10-C-C Datasheet
187Kb / 12P
   Industrial DC/DC CONVERTER
MGDBI-10-C-E ETC2-MGDBI-10-C-E Datasheet
187Kb / 12P
   Industrial DC/DC CONVERTER
MGDBI-10-C-F ETC2-MGDBI-10-C-F Datasheet
187Kb / 12P
   Industrial DC/DC CONVERTER
MGDBI-10-I-B ETC2-MGDBI-10-I-B Datasheet
187Kb / 12P
   Industrial DC/DC CONVERTER
More results

Similar Description - MGDBI-10-F-C

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
IBS55 WALL-IBS55 Datasheet
130Kb / 3P
   6000 VDC Input/Output Isolation
logo
Total Power Internation...
MCW1000 TOTAL-POWER-MCW1000 Datasheet
173Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single Outputs
logo
Power-One
SQ24S04120 POWER-ONE-SQ24S04120 Datasheet
663Kb / 70P
   SQ24 Series DC-DC Converter Data Sheet 18-36 VDC Input; Standard Outputs from 1-12 VDC
logo
List of Unclassifed Man...
LT48512 ETC1-LT48512 Datasheet
192Kb / 2P
   2:1 or 4:1 Wide input, Triple Outputs
logo
Total Power Internation...
MDW1000 TOTAL-POWER-MDW1000 Datasheet
243Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
logo
Bel Fuse Inc.
XRSB-50T BEL-XRSB-50T_10 Datasheet
422Kb / 13P
   48 Vdc Input 1.5 Vdc - 12 Vdc / 22 A - 5 A Outputs, 1/16 Brick
logo
AIMTEC
AM6GH-Z AIMTEC-AM6GH-Z Datasheet
229Kb / 5P
   Input / Output Isolation 1500 and 3000 VDC
AM3TI-RZ AIMTEC-AM3TI-RZ Datasheet
217Kb / 6P
   Input / Output Isolation 1500 or 3000 VDC
AM3TIW-RZ AIMTEC-AM3TIW-RZ Datasheet
205Kb / 5P
   Input / Output Isolation 1500 or 3000 VDC
AM2LS-NZ AIMTEC-AM2LS-NZ Datasheet
208Kb / 4P
   Input / Output Isolation 1500 and 3000 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com