Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C332MFT18A-75TQC Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS7C332MFT18A-75TQC
Description  3.3V 2M x 18 Flow-through synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C332MFT18A-75TQC Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS7C332MFT18A-75TQC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C332MFT18A-75TQC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C332MFT18A-75TQC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C332MFT18A-75TQC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C332MFT18A-75TQC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C332MFT18A-75TQC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C332MFT18A-75TQC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C332MFT18A-75TQC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C332MFT18A-75TQC Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
®
AS7C332MFT18A
12/23/04, v 1.3
Alliance Semiconductor
6 of 19
Write enable truth table (per byte)
Key: X = don’t care, L = low, H = high, n = a, b;
BWE, BWn = internal write signal.
Asynchronous Truth Table
Notes:
1. X means “Don’t Care”
2. ZZ pin is pulled down internally
3. For write cycles that follows read cycles, the output buffers must be disabled with OE, otherwise data bus contention will occur.
4. Snooze mode means power down state of which stand-by current does not depend on cycle times
5. Deselected means power down state of which stand-by current depends on cycle times
Burst sequence table
Function
GWE
BWE
BWa
BWb
Write All Bytes
LX
X
X
HL
L
L
Write Byte a
HL
LH
Write Byte b
HL
HL
Read
HH
XX
HL
H
H
Operation
ZZ
OE
I/O Status
Snooze mode
H
X
High-Z
Read
L
L
Dout
L
H
High-Z
Write
L
X
Din, High-Z
Deselected
L
X
High-Z
Interleaved burst address (LBO = 1)
Linear burst address (LBO = 0)
A1 A0
A1 A0
A1 A0
A1 A0
A1 A0
A1 A0
A1 A0
A1 A0
1st Address
0 00 11 0
1 1
1st Address
0 0
0 11 01 1
2nd Address
0 10 01 1
1 0
2nd Address
0 1
1 01 10 0
3rd Address
1 01 10 0
0 1
3rd Address
1 0
1 10 00 1
4th Address
1 11 00 1
0 0
4th Address
1 1
1 00 11 0


Similar Part No. - AS7C332MFT18A-75TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C332MNTD18A ALSC-AS7C332MNTD18A Datasheet
439Kb / 18P
   3.3V 2M x 18 Pipelined SRAM with NTD
AS7C332MNTD18A-133TQC ALSC-AS7C332MNTD18A-133TQC Datasheet
439Kb / 18P
   3.3V 2M x 18 Pipelined SRAM with NTD
AS7C332MNTD18A-133TQCN ALSC-AS7C332MNTD18A-133TQCN Datasheet
439Kb / 18P
   3.3V 2M x 18 Pipelined SRAM with NTD
AS7C332MNTD18A-133TQI ALSC-AS7C332MNTD18A-133TQI Datasheet
439Kb / 18P
   3.3V 2M x 18 Pipelined SRAM with NTD
AS7C332MNTD18A-133TQIN ALSC-AS7C332MNTD18A-133TQIN Datasheet
439Kb / 18P
   3.3V 2M x 18 Pipelined SRAM with NTD
More results

Similar Description - AS7C332MFT18A-75TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C252MFT18A ALSC-AS7C252MFT18A Datasheet
508Kb / 19P
   2.5V 2M x 18 Flow-through synchronous SRAM
AS7C33512FT18A ALSC-AS7C33512FT18A Datasheet
506Kb / 19P
   3.3V 512K x 18 Flow-through synchronous SRAM
AS7C331FT18A ALSC-AS7C331FT18A Datasheet
512Kb / 19P
   3.3V 1M x 18 Flow-through synchronous SRAM
AS7C33256FT18B ALSC-AS7C33256FT18B Datasheet
401Kb / 19P
   3.3V 256K x 18 Flow Through Synchronous SRAM
AS7C33128FT18B ALSC-AS7C33128FT18B Datasheet
399Kb / 19P
   3.3V 128K x 18 Flow Through Synchronous SRAM
AS7C332MPFS18A ALSC-AS7C332MPFS18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C332MPFD18A ALSC-AS7C332MPFD18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
logo
AMIC Technology
A67L16181 AMICC-A67L16181_15 Datasheet
200Kb / 18P
   2M X 18, 1M X 36 LVTTL, Flow-through ZeBL SRAM
A67P16181 AMICC-A67P16181 Datasheet
198Kb / 18P
   2M X 18, 1M X 36 LVTTL, Flow-through ZeBL SRAM
A67L06361 AMICC-A67L06361 Datasheet
200Kb / 18P
   2M X 18, 1M X 36 LVTTL, Flow-through ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com