Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9509D Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9509D
Description  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9509D Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9509D Datasheet HTML 1Page - Torex Semiconductor XC9509D Datasheet HTML 2Page - Torex Semiconductor XC9509D Datasheet HTML 3Page - Torex Semiconductor XC9509D Datasheet HTML 4Page - Torex Semiconductor XC9509D Datasheet HTML 5Page - Torex Semiconductor XC9509D Datasheet HTML 6Page - Torex Semiconductor XC9509D Datasheet HTML 7Page - Torex Semiconductor XC9509D Datasheet HTML 8Page - Torex Semiconductor XC9509D Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
September 30, 2003 Ver. 1
Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
! Input Voltage Range
2.4V ~ 6.0V
" APPLICATIONS
! Output Voltage Range
DC/DC
0.9 ~ 4.0V (
±2%)
# HDD
VR
0.9 ~ 4.0V (
±2%)
# CD-R / RW, DVD
VD
0.9 ~ 5.0V (
±2%)
# PDAs, portable communication modem
! Switching Frequency
300kHz, 600kHz, 1.2MHz
# Cellular phones
! Output Current
DC/DC
600mA
# Palmtop computers
VR
200mA
# Cameras, video recorders
! Ultra Small Packages
MSOP-10, USP-10
! Ceramic Capacitor Compatible
" GENERAL DESCRIPTION
" FEATURES
Input Voltage Range :
2.4V ~ 6.0V
Load Capacitors :
Ceramic Capacitors Compatible
(Low ESR Capacitors)
VD Function :
Sense internally either
VDD, DCOUT, or VROUT.
Nch Open Drain Output
<DC/DC Converter>
Output Voltage Range :
0.9 ~ 4.0V (
±2%)
Output Current :
600mA
Controls :
PWM Control
Oscillation Frequency :
300kHz, 600kHz, 1.2MHz
<Regulator>
Output Voltage Range :
0.9 ~ 4.0V (
±2%)
Current Limit
300mA
Dropout Voltage :
80mV @ IOUT=100mA (VOUT=2.8V)
High Ripple Rejection
60dB @1kHz (VOUT=2.8V)
" TYPICAL APPLICATION CIRCUIT
" TYPICAL PERFORMANCE CHARACTERISTICS
XC9509 Series
PWM, PWM / PFM Automatic
Switching External
The XC9509 series consists of a step-down DC/DC converter and a
high-speed LDO regulator connected in parallel with the DC/DC
converter's output. A voltage detector is also built-in. Since the input
for the LDO voltage regulator block comes from the input power supply,
it is suited for use with various applications.
The DC/DC converter block incorporates a P-Channel driver transistor
and a synchronous N-Channel switching transistor. With an external
coil, diode and two capacitors, the XC9509 can deliver output currents
up to 600mA at efficiencies over 90%. The XC9509 is designed for
use with small ceramic capacitors.
A choice of three switching frequencies are available, 300 kHz,
600 kHz, and 1.2 MHz.
Output voltage settings for the DC/DC and VR are set-up internally in
0.1V steps within the range of 0.9V to 4.0V (
± 2.0%). For the VD, the
range is of 0.9V to 5.0V (
± 2.0%).
The soft start time of the series is internally set to 5ms. With the built-
in U.V.L.O. (Under Voltage Lock Out) function, the internal P-channel
driver transistor is forced OFF when input voltage becomes 1.4 V or
lower.
The functions of the MODE pin can be selected via the external control
pin to switch the DC/DC control mode and the disable pin to shut down
either the DC/DC block or the regulator block.
MSOP-10
(TOP VIEW)
LX
DCOUT
VROUT
MODE
AGND
PGND
CE
PVDD
AVDD
1
CL2
L
CL1
SD
2
3
4
5
6
7
8
9
10
CIN2
VDOUT
VROUT
DCOUT
Semiconductor Ltd.
CIN1
XC9509Hxxxx
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
DC/DC Output Current IDOUT (mA)
PWM/PFM Switching Control
PWM Control
DC/DC Efficiency
(DCOUT:2.2V, 1.2MHz)
VIN=3.6V, Topr=25OC, L:4.7uH(CDRH4D28C)
CIN:4.7uF(ceramic), CL1:10uF(ceramic), CL2: 1uF(ceramic)
Data Sheet
1


Similar Part No. - XC9509D

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9509D033AL TOREX-XC9509D033AL Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9509D033AR TOREX-XC9509D033AR Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9509D033DL TOREX-XC9509D033DL Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9509D033DR TOREX-XC9509D033DR Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9509D036AL TOREX-XC9509D036AL Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
More results

Similar Description - XC9509D

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9511 TOREX-XC9511 Datasheet
171Kb / 13P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511 TOREX-XC9511_1 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9509 TOREX-XC9509_1 Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9248 TOREX-XC9248 Datasheet
571Kb / 21P
   18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com