Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS8330DW36C-250I Datasheet(PDF) 1 Page - GSI Technology

Part # GS8330DW36C-250I
Description  Double Late Write SigmaRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8330DW36C-250I Datasheet(HTML) 1 Page - GSI Technology

  GS8330DW36C-250I Datasheet HTML 1Page - GSI Technology GS8330DW36C-250I Datasheet HTML 2Page - GSI Technology GS8330DW36C-250I Datasheet HTML 3Page - GSI Technology GS8330DW36C-250I Datasheet HTML 4Page - GSI Technology GS8330DW36C-250I Datasheet HTML 5Page - GSI Technology GS8330DW36C-250I Datasheet HTML 6Page - GSI Technology GS8330DW36C-250I Datasheet HTML 7Page - GSI Technology GS8330DW36C-250I Datasheet HTML 8Page - GSI Technology GS8330DW36C-250I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Rev: 1.00 6/2003
1/30
© 2003, GSI Technology, Inc.
Specifications cited are design targets and are subject to change without notice. For latest documentation contact your GSI representative.
Preliminary
GS8330DW36/72C-250/200
36Mb
Σ1x1Dp CMOS I/O
Double Late Write SigmaRAM™
200 MHz–250 MHz
1.8 V VDD
1.8 V I/O
209-Bump BGA
Commercial Temp
Industrial Temp
Features
• Double Late Write mode, Pipelined Read mode
• JEDEC-standard SigmaRAM
pinout and package
• 1.8 V +150/–100 mV core power supply
• 1.8 V CMOS Interface
• ZQ controlled user-selectable output drive strength
• Dual Cycle Deselect
• Burst Read and Write option
• Fully coherent read and write pipelines
• Echo Clock outputs track data output drivers
• Byte write operation (9-bit bytes)
• 2 user-programmable chip enable inputs
• IEEE 1149.1 JTAG-compliant Serial Boundary Scan
• 209-bump, 14 mm x 22 mm, 1 mm bump pitch BGA package
• Pin-compatible with future 72Mb and 144Mb devices
SigmaRAM Family Overview
GS8330DW36/72 SigmaRAMs are built in compliance with
the SigmaRAM pinout standard for synchronous SRAMs.
They are 37,748,736-bit (36Mb) SRAMs. This family of wide,
very low voltage CMOS I/O SRAMs is designed to operate at
the speeds needed to implement economical high performance
networking systems.
ΣRAMs are offered in a number of configurations including
Late Write, Double Late Write, and Double Data Rate (DDR).
The logical differences between the protocols employed by
these RAMs mainly involve various approaches to write
cueing and data transfer rates. The
ΣRAMfamily standard
allows a user to implement the interface protocol best suited to
the task at hand.
Functional Description
Because SigmaRAMs are synchronous devices, address data
inputs and read/write control inputs are captured on the rising
edge of the input clock. Write cycles are internally self-timed
and initiated by the rising edge of the clock input. This feature
eliminates complex off-chip write pulse generation required by
asynchronous SRAMs and simplifies input signal timing.
ΣRAMs support pipelined reads utilizing a rising-edge-
triggered output register. They also utilize a Dual Cycle
Deselect (DCD) output deselect protocol.
ΣRAMs are implemented with high performance CMOS
technology and are packaged in a 209-bump BGA.
Key Fast Bin Specs
Symbol
-250
Cycle Time
tKHKH
4.0 ns
Access Time
tKHQV
2.1 ns
209-Bump, 14 mm x 22 mm BGA
1 mm Bump Pitch, 11 x 19 Bump Array
Bottom View


Similar Part No. - GS8330DW36C-250I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8330LW36C GSI-GS8330LW36C Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8330LW36C-200 GSI-GS8330LW36C-200 Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8330LW36C-200I GSI-GS8330LW36C-200I Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8330LW36C-250 GSI-GS8330LW36C-250 Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8330LW36C-250I GSI-GS8330LW36C-250I Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
More results

Similar Description - GS8330DW36C-250I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8170DW36AC GSI-GS8170DW36AC Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8171DW36AC GSI-GS8171DW36AC Datasheet
1,007Kb / 33P
   18Mb 誇1x1Dp HSTL I/O Double Late Write SigmaRAM
GS8170DW36C GSI-GS8170DW36C Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8330LW36C GSI-GS8330LW36C Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36 GSI-GS8170LW36 Datasheet
884Kb / 27P
   18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36AC GSI-GS8170LW36AC Datasheet
999Kb / 32P
   18Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
logo
Samsung semiconductor
K7Z167288B SAMSUNG-K7Z167288B Datasheet
240Kb / 20P
   512Kx36 & 256Kx72 DLW(Double Late Write) RAM
logo
Motorola, Inc
MCM69R736A MOTOROLA-MCM69R736A Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R737A MOTOROLA-MCM69R737A Datasheet
212Kb / 20P
   4M Late Write LVTTL
MCM69L737A MOTOROLA-MCM69L737A Datasheet
211Kb / 20P
   4M Late Write LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com