Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE5731 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJE5731
Description  POWER TRANSISTORS PNP SILICON
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE5731 Datasheet(HTML) 3 Page - ON Semiconductor

  MJE5731 Datasheet HTML 1Page - ON Semiconductor MJE5731 Datasheet HTML 2Page - ON Semiconductor MJE5731 Datasheet HTML 3Page - ON Semiconductor MJE5731 Datasheet HTML 4Page - ON Semiconductor MJE5731 Datasheet HTML 5Page - ON Semiconductor MJE5731 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJE5730 MJE5731 MJE5731A
3
Motorola Bipolar Power Transistor Device Data
IC, COLLECTOR CURRENT (AMPS)
1.0
0.8
1.4
1.2
0.4
0
0.6
0.2
Figure 3. Base–Emitter Voltage
0.05
0.2
2.0
0.1
0.5
0.3
1.0
1.0
0
TC, CASE TEMPERATURE (°C)
0
50
175
0.8
0.6
0.4
0.2
75
100
125
Figure 4. Normalized Power Derating
SECOND BREAKDOWN
DERATING
THERMAL
DERATING
0.02 0.03
VBE(sat) @ IC/IB = 5.0
TJ = – 55°C
25
°C
150
°C
25
150
10
5.0
Figure 5. Forward Bias Safe Operating Area
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
5.0
2.0
0.5
0.01
30
100
BONDING WIRE LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
dc
500
µs
0.05
10
20
1.0 ms
200 300
500
1.0
0.2
50
0.1
0.02
TC = 25°C
100
µs
MJE5730
MJE5731
MJE5732
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150_C. TJ(pk) may be calculated from the data in Figure 6.
At high case temperatures, thermal limitations will reduce the
power that can be handled to values less than the limitations
imposed by second breakdown.
t, TIME (ms)
1.0
0.01
1 k
0.3
0.2
0.07
R
θJC(t) = r(t) RθJC
R
θJC = 3.125°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.01
0.7
Figure 6. Thermal Response
0.5
0.1
0.05
0.03
0.02
0.02
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
0.2
SINGLE PULSE
D = 0.5
0.05
0.1
0.02
0.01


Similar Part No. - MJE5731

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5731 MOTOROLA-MJE5731 Datasheet
190Kb / 6P
   1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
logo
ON Semiconductor
MJE5731 ONSEMI-MJE5731 Datasheet
82Kb / 5P
   High Voltage PNP Silicon Plastic Power Transistors
February, 2006 ??Rev. 5
logo
Inchange Semiconductor ...
MJE5731 ISC-MJE5731 Datasheet
264Kb / 2P
   isc Silicon PNP Power Transistor
logo
ON Semiconductor
MJE5731 ONSEMI-MJE5731 Datasheet
82Kb / 6P
   High Voltage PNP Silicon Plastic Power Transistors
January, 2015 ??Rev. 8
logo
Motorola, Inc
MJE5731A MOTOROLA-MJE5731A Datasheet
190Kb / 6P
   1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
More results

Similar Description - MJE5731

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com