Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP60-1215SE Datasheet(PDF) 4 Page - Recom International Power

Part # RP60-1215SE
Description  60 Watt Single, Dual & Positive Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP60-1215SE Datasheet(HTML) 4 Page - Recom International Power

  RP60-1215SE Datasheet HTML 1Page - Recom International Power RP60-1215SE Datasheet HTML 2Page - Recom International Power RP60-1215SE Datasheet HTML 3Page - Recom International Power RP60-1215SE Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.recom-international.com
261
April-2005
Package Style and Pinning (mm)
POWERLINE
DC/DC-Converter
RP60-S_DE
Series
10.00
10.00
10.00
10.00
10.00
10.00
10.00
10.00
25.40
82.60
7.60
10.00
3
2
1
10
9
8
7
6
5
4
15.00
25.00
25.40
25.40
10.00
25.40
70.00
100.20
1.3
8.0
Monting inserts: #4-40
19.0
Bottom View
3rd angle
projection
Pin Pitch Tolerance ±0.35 mm
Pin Connections
Pin #
Single
Dual
3.3V / 5V
1
+Vin
+Vin
+Vin
2
-Vin
-Vin
-Vin
3
CTRL
CTRL
CTRL
4
Trim
Trim
Trim
5
+Vout
+Vout
3.3V
6
+Vout
+Vout
3.3V
7
-Vout
Com
Com
8
-Vout
Com
Com
9
No Pin
-Vout
+5V
10
No Pin
-Vout
+5V
NC = No Connection
Trim Up
RU
Trim Down
RD
7(9) [7]
4(4) [4]
6(6) [6]
4(4) [4]
External Output Trimming
Output can be externally trimmed by using the method
shown below.
( ) for dual output trim
[ ] for RP60-xx3.305DE only trim 3.3V


Similar Part No. - RP60-1215SE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP60-1215SE RECOM-RP60-1215SE Datasheet
94Kb / 2P
   POWERLINE - DC/DC - CONVERTER
More results

Similar Description - RP60-1215SE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-121.5SG RECOM-RP40-121.5SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-123.3SE RECOM-RP40-123.3SE_06 Datasheet
100Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG_06 Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-1233SE RECOM-RP40-1233SE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RPM30-12XXS_DE RECOM-RPM30-12XXS_DE Datasheet
73Kb / 1P
   30-60 Watt Single , Dual & Triple Output
logo
Power-One
HBD POWER-ONE-HBD Datasheet
183Kb / 3P
   HBD SERIES - DUAL OUTPUT, 60 WATT
HBD060ZGE-AS3 POWER-ONE-HBD060ZGE-AS3 Datasheet
189Kb / 3P
   HBD SERIES - DUAL OUTPUT, 60 WATT
logo
ETA-USA
DTL01FWX-W ETA-USA-DTL01FWX-W Datasheet
850Kb / 6P
   60 WATT DUAL OUTPUT SWITCHING ADAPTER
logo
Recom International Pow...
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RAC06-C RECOM-RAC06-C Datasheet
82Kb / 2P
   6 Watt Single/Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com