Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2891PB1-J18 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJM2891PB1-J18
Description  2ch LOW DROPOUT VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2891PB1-J18 Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJM2891PB1-J18 Datasheet HTML 2Page - New Japan Radio NJM2891PB1-J18 Datasheet HTML 3Page - New Japan Radio NJM2891PB1-J18 Datasheet HTML 4Page - New Japan Radio NJM2891PB1-J18 Datasheet HTML 5Page - New Japan Radio NJM2891PB1-J18 Datasheet HTML 6Page - New Japan Radio NJM2891PB1-J18 Datasheet HTML 7Page - New Japan Radio NJM2891PB1-J18 Datasheet HTML 8Page - New Japan Radio NJM2891PB1-J18 Datasheet HTML 9Page - New Japan Radio NJM2891PB1-J18 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NJM2891
ELECTRICAL CHARACTERISTICS
-0.1
-0.05
0
0.05
0.1
-50
0
50
100
150
Temperature : Ta (
Temperature : Ta (
Temperature : Ta (
Temperature : Ta (ooooC)
C)
C)
C)
NJM2891_3.0V
NJM2891_3.0V
NJM2891_3.0V
NJM2891_3.0V
Line Regulation v.s. Temperature
Line Regulation v.s. Temperature
Line Regulation v.s. Temperature
Line Regulation v.s. Temperature
@:dVIN=4-9V
Io=30mA
Co=1.0
µF(Ceramic)
Cp=0.01
µF
0
0.005
0.01
0.015
0.02
0.025
0.03
-50
0
50
100
150
NJM2891_3.0V
NJM2891_3.0V
NJM2891_3.0V
NJM2891_3.0V
Load Regulation v.s. Temperature
Load Regulation v.s. Temperature
Load Regulation v.s. Temperature
Load Regulation v.s. Temperature
@:Ta=25oC
VIN=4.0V
Co=1.0
µF(Ceramic)
Cp=0.01
µF
Io=0-100mA
Temperature : Ta (
Temperature : Ta (
Temperature : Ta (
Temperature : Ta (ooooC)
C)
C)
C)
0
0.5
1
1.5
2
2.5
3
3.5
-50
0
50
100
150
200
Temperature : Ta (
Temperature : Ta (
Temperature : Ta (
Temperature : Ta (
ooooC)
C)
C)
C)
VIN=4V
Io=30mA
Co=1.0
µF
Cp=0.01
µF
NJM2891_3.0V
NJM2891_3.0V
NJM2891_3.0V
NJM2891_3.0V
Output Voltage vs. Temperature
Output Voltage vs. Temperature
Output Voltage vs. Temperature
Output Voltage vs. Temperature
0
50
100
150
200
250
300
350
400
-50
0
50
100
150
Temperature : Ta (
Temperature : Ta (
Temperature : Ta (
Temperature : Ta (
ooooC)
C)
C)
C)
NJM2891_3.0V
NJM2891_3.0V
NJM2891_3.0V
NJM2891_3.0V
Short Circuit Current v.s. Temperature
Short Circuit Current v.s. Temperature
Short Circuit Current v.s. Temperature
Short Circuit Current v.s. Temperature
@:VIN=4V
Output is short to ground.
Co=1.0
µF(Ceramic)
Cp=0.01
µF
-1
0
1
2
3
4
5
6
7
-30
-25
-20
-15
-10
-5
0
5
10
0
4
8
121620
NJM2891_3.0V
NJM2891_3.0V
NJM2891_3.0V
NJM2891_3.0V
ON/OFF Transient Response
ON/OFF Transient Response
ON/OFF Transient Response
ON/OFF Transient Response
Time : t [mS]
Time : t [mS]
Time : t [mS]
Time : t [mS]
Control Voltage
Output Voltage
@:Ta=25oC
VDD=4.0V
Co=1.0
µF(Ceramic)
Cp=0.01
µF
Io=30mA
-1
0
1
2
3
4
5
6
7
-30
-25
-20
-15
-10
-5
0
5
10
0
1
2
345
NJM2891_3.0V
NJM2891_3.0V
NJM2891_3.0V
NJM2891_3.0V
ON/OFF Transient Response without load
ON/OFF Transient Response without load
ON/OFF Transient Response without load
ON/OFF Transient Response without load
Time : t [mS]
Time : t [mS]
Time : t [mS]
Time : t [mS]
Control Voltage
Output Voltage
@:Ta=25oC
VDD=4.0V
Co=1.0
µF(Ceramic)
Cp=0.01
µF
Io=0mA


Similar Part No. - NJM2891PB1-J18

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2890 NJRC-NJM2890 Datasheet
152Kb / 10P
   2ch LOW DROPOUT VOLTAGE REGULATOR
NJM2890R NJRC-NJM2890R Datasheet
152Kb / 10P
   2ch LOW DROPOUT VOLTAGE REGULATOR
NJM2892 NJRC-NJM2892 Datasheet
171Kb / 11P
   2ch LOW DROPOUT VOLTAGE REGULATOR
NJM2892F1 NJRC-NJM2892F1 Datasheet
171Kb / 11P
   2ch LOW DROPOUT VOLTAGE REGULATOR
NJM2892F1-0303 NJRC-NJM2892F1-0303 Datasheet
171Kb / 11P
   2ch LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - NJM2891PB1-J18

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7254 NJRC-NJU7254 Datasheet
224Kb / 9P
   2ch LOW DROPOUT VOLTAGE REGULATOR
Ver.2006-06-13
NJM2892 NJRC-NJM2892 Datasheet
171Kb / 11P
   2ch LOW DROPOUT VOLTAGE REGULATOR
NJM2890 NJRC-NJM2890 Datasheet
152Kb / 10P
   2ch LOW DROPOUT VOLTAGE REGULATOR
NJM2839 NJRC-NJM2839 Datasheet
131Kb / 9P
   POSITIVE/NEGATIVE 2CH LOW DROPOUT VOLTAGE REGULATOR
NJM2898 NJRC-NJM2898 Datasheet
175Kb / 10P
   2ch ULTRA LOW NOISE LOW DROPOUT VOLTAGE REGULATOR
logo
E-CMOS Corporation
EC3121 E-CMOS-EC3121 Datasheet
303Kb / 7P
   300mA 2CH Low Dropout Voltage Linear Regulators
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com