Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXD202 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MXD202
Description  Low Cost, 2.0g, Dual Axis Accelerometer with Digital Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MXD202 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  MXD202 Datasheet HTML 1Page - List of Unclassifed Manufacturers MXD202 Datasheet HTML 2Page - List of Unclassifed Manufacturers MXD202 Datasheet HTML 3Page - List of Unclassifed Manufacturers MXD202 Datasheet HTML 4Page - List of Unclassifed Manufacturers MXD202 Datasheet HTML 5Page - List of Unclassifed Manufacturers MXD202 Datasheet HTML 6Page - List of Unclassifed Manufacturers MXD202 Datasheet HTML 7Page - List of Unclassifed Manufacturers MXD202 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Package Outline
TO-100 mm (in)
Information furnished by MEMSIC is believed to be
accurate and reliable. However, no responsibility is
assumed by MEMSIC for its use, nor for any infringe-
ments of patents or other rights of third parties which
may result from its use. No license is granted by
implications or otherwise under any patent or patent
rights of MEMSIC.
Preliminary technical information.
Subject to change without notice.
Data Sheet
Page 7 of 8
®MEMSIC, Inc. 2000.
100 Burtt Road, Andover, MA 01810
Tel: 978.623.8188
Fax: 978.623.9945
www.memsic.com
MXD202 DIGITAL Data Sheet K 8/1/01
MXD202


Similar Part No. - MXD202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXD2020E ETC1-MXD2020E Datasheet
583Kb / 8P
   Ultra Low Noise, Low offset Drift 1g, -1g Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXD2020E MEMSIC-MXD2020E Datasheet
227Kb / 8P
   Ultra Low Noise, Low offset Drift 짹1 g Dual Axis Accelerometer with Digital Outputs
Rev H
MXD2020EF MEMSIC-MXD2020EF Datasheet
227Kb / 8P
   Ultra Low Noise, Low offset Drift 짹1 g Dual Axis Accelerometer with Digital Outputs
Rev H
logo
List of Unclassifed Man...
MXD2020EL ETC1-MXD2020EL Datasheet
583Kb / 8P
   Ultra Low Noise, Low offset Drift 1g, -1g Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXD2020EL MEMSIC-MXD2020EL Datasheet
227Kb / 8P
   Ultra Low Noise, Low offset Drift 짹1 g Dual Axis Accelerometer with Digital Outputs
Rev H
More results

Similar Description - MXD202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXD2002A ETC1-MXD2002A Datasheet
572Kb / 8P
   Low Cost, 짹10 g Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXR7999VW MEMSIC-MXR7999VW Datasheet
367Kb / 6P
   Low Cost Dual-Axis Accelerometer with Ratiometric Outputs
Rev C
MXR7150VW MEMSIC-MXR7150VW Datasheet
257Kb / 6P
   Low Cost Dual-Axis Accelerometer with Rationmetric Outputs
Rev C
logo
List of Unclassifed Man...
MXD7210GL ETC-MXD7210GL Datasheet
647Kb / 10P
   Low Cost, Low Noise -10 g Dual Axis Accelerometer with Digital Outputs
MXD7202GL ETC1-MXD7202GL Datasheet
549Kb / 10P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Digital Outputs
MX205Q ETC1-MX205Q Datasheet
246Kb / 8P
   Low Cost, 5.0g, Dual Axis Accelerometer with Analog Outputs
MX210Q ETC1-MX210Q Datasheet
246Kb / 8P
   Low Cost, 10g, Dual Axis Accelerometer with Analog Outputs
logo
MEMSIC Semiconductor (T...
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
logo
List of Unclassifed Man...
MXA2312A ETC1-MXA2312A Datasheet
573Kb / 8P
   Low Cost, 2,-2 g Dual Axis Accelerometer with Analog Outputs
MXA2500J ETC1-MXA2500J Datasheet
255Kb / 8P
   Ultra Low Cost, 짹1.0 g Dual Axis Accelerometer with Absolute Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com