Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD-0924D Datasheet(PDF) 1 Page - Recom International Power

Part # RD-0924D
Description  2 Watt SIP7 & DIP14 Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RD-0924D Datasheet(HTML) 1 Page - Recom International Power

  RD-0924D Datasheet HTML 1Page - Recom International Power RD-0924D Datasheet HTML 2Page - Recom International Power RD-0924D Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.recom-international.com
65
April-2005
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SIP 7
DIP 14
2kV
(VDC)
(VDC)
(mA)
(%)
RD-xx3.3D
RC-xx3.3D
(H)
5, 9, 12, 15, 24
±3.3
±303
70
RD-xx05D
RC-xx05D
(H)
5, 9, 12, 15, 24
±5
±200
70-82
RD-xx09D
RC-xx09D
(H)
5, 9, 12, 15, 24
±9
±111
80-84
RD-xx12D
RC-xx12D
(H)
5, 9, 12, 15, 24
±12
±84
80-84
RD-xx15D
RC-xx15D
(H)
5, 9, 12, 15, 24
±15
±66
82-86
RD-xx24D
RC-xx24D
(H)
5, 9, 12, 15, 24
±24
±42
82-86
xx = Input Voltage
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
Specifications (Core Operating Area)
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin max.
Load Voltage Regulation
3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
150mVp-p max.
Operating Frequency
34kHz min. / 50kHz typ. / 85kHz max.
Efficiency at Full Load
70% min. / 80% typ.
No Load Power Consumption
163mW min. / 223mW typ. / 350mW max.
Isolation Voltage
(tested for 1 second)
1.000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes.
Isolation Voltage
H-Suffix
(tested for 1 second)
2.000VDC min.
Rated Working Voltage
H-Suffix
(long term isolation)
see Application Notes
Isolation Capacitance
40pF min. / 115pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
MSL Level 1
95% RH
Package Weight
2.8g
MTBF (+25°C)
using MIL-HDBK 217F
988 x 103 hours
(+85°C)
using MIL-HDBK 217F
135 x 103 hours
2 Watt
SIP7 &
&
DIP14
Dual Output
Derating-Graph
(Ambient Temperature)
ECONOLINE
DC/DC-Converter
RD &
&
RC
Series
Dual Output from a Single Input Rail
1kVDC & 2kVDC Isolation
Power Sharing on Output
Custom Solutions Available
UL94V-0 Package Material
Efficiency to 86%
Features
Unregulated
Converters
}DetailedInformationsee
Application Notes chapter "MTBF"


Similar Part No. - RD-0924D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RD-0924D RECOM-RD-0924D Datasheet
106Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RD-0924D RECOM-RD-0924D Datasheet
96Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RD-0924DHP RECOM-RD-0924DHP Datasheet
96Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RD-0924DP RECOM-RD-0924DP Datasheet
96Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
More results

Similar Description - RD-0924D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RD-053.3D RECOM-RD-053.3D_06 Datasheet
96Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RB-1.81.8S RECOM-RB-1.81.8S_06 Datasheet
111Kb / 4P
   1 Watt SIP7 & DIP14 Single & Dual Output
RY-1205S RECOM-RY-1205S Datasheet
104Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RK-1.81.8S RECOM-RK-1.81.8S_06 Datasheet
111Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RY-0505S RECOM-RY-0505S_06 Datasheet
102Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RJZ-3.33.3S RECOM-RJZ-3.33.3S Datasheet
102Kb / 3P
   2 Watt DIP14 Single & Dual Output
RY-1205D RECOM-RY-1205D Datasheet
112Kb / 2P
   ECONOLINE - DC/DC-Converter, 1 Watt, DIP14/SIP7, Regulated (Dual Output)
RUZ RECOM-RUZ Datasheet
97Kb / 3P
   2 Watt SIP7 Isolated Dual Output
RKZ-053.3S RECOM-RKZ-053.3S_06 Datasheet
108Kb / 3P
   2 Watt SIP7 Single & Dual Output
RKZ RECOM-RKZ Datasheet
108Kb / 3P
   2 Watt SIP7 Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com