Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R-735.0P Datasheet(PDF) 1 Page - Recom International Power

Part # R-735.0P
Description  INNOLINE DC/DC-Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-735.0P Datasheet(HTML) 1 Page - Recom International Power

  R-735.0P Datasheet HTML 1Page - Recom International Power R-735.0P Datasheet HTML 2Page - Recom International Power R-735.0P Datasheet HTML 3Page - Recom International Power R-735.0P Datasheet HTML 4Page - Recom International Power R-735.0P Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.recom-international.com
1
24-August-2005
2, 3, 4 AMP
SIP12
Vertical &
&
Horizontal
INNOLINE
DC/DC-Converter
R-7xxxP_D
Series
Non-Isolated
Synchronous rectification design
Adjustable Output voltage
2, 3, 4AMP Adjustable Positive Step Down
Integrated Switching Regulator
Over load protection (125% full load typical)
Remote ON/OFF Control(Ground Off)
Wide Input Range
Continuous short circuit protection
(Very low short current Iin<50mA)
Input voltage range 4.5V~28V
Efficiency to 97%
Features
Selection Guide
Part
Input
Nominal
Vout
Output
Efficiency (%)
Number
Range
Output Voltage
Adjust Range
Current
Min. Vin 12V Max. Vin
SIP12
(V)
(V)
(V)
(A)
R-723.3x
4.5 – 28
3.3
2.5 – 5.5
2
95
93
89
R-725.0x
6.5 – 28
5.0
3.0 – 6.0
2
96
95
91
R-726.5x
8.5 – 28
6.5
5.0 – 8.0
2
97
96
93
R-729.0x
12 – 28
9.0
7.0 – 11
2
96
-
93
R-7212x
15 – 28
12
10 – 14
2
97
-
95
R-7215x
19 – 28
15
13 – 17
2
97
-
96
R-733.3x
4.5 – 28
3.3
2.5 – 5.5
3
94
93
89
R-735.0x
6.5 – 28
5.0
3.0 – 6.0
3
95
95
92
R-736.5x
8.5 – 28
6.5
5.0 – 8.0
3
97
96
93
R-739.0x
12 – 28
9.0
7.0 – 11
3
96
-
94
R-7312x
15 – 28
12
10 – 14
3
97
-
96
R-7315x
19 – 28
15
13 – 17
3
97
-
96
R-743.3x
4.5 – 28
3.3
2.5 – 5.5
4
93
92
88
R-745.0x
6.5 – 28
5.0
3.0 – 6.0
4
95
94
91
R-746.5x
8.5 – 28
6.5
5.0 – 7.5
4
96
96
93
Note: Vin-Vout
≥ 1.5V~4.0V depending on Vout if adjust function is used!
Suffix x: (see mechanical drawing for details)
x = P pins vertical through hole
x = D pins bent for horizontal through hole mounting
The R-7XXX series is a high performance 2.5V to 15V , 2Amp to 4Amp,12-Pin SIP (single in-line
package).Integrated switching regulator (ISR), Synchronuous - rectified design yields excellent efficien-
cies up to 97%. Short circuit protection with crowbar function to reduce the short circuit current to
under 50mA of input current.
Description


Similar Part No. - R-735.0P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-735.0P RECOM-R-735.0P Datasheet
102Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-735.0P RECOM-R-735.0P Datasheet
113Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
More results

Similar Description - R-735.0P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R05TR244872 RECOM-R05TR244872 Datasheet
97Kb / 3P
   INNOLINE DC/DC-Converter
R-611.8P RECOM-R-611.8P Datasheet
83Kb / 4P
   INNOLINE DC/DC-Converter
R-521.2PA RECOM-R-521.2PA Datasheet
110Kb / 6P
   INNOLINE DC/DC-Converter
R12-180S15P RECOM-R12-180S15P Datasheet
83Kb / 2P
   INNOLINE DC/DC-Converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com