Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

79LV0832RT4QE-25 Datasheet(PDF) 3 Page - Maxwell Technologies

Part # 79LV0832RT4QE-25
Description  8 Megabit (256K x 32-Bit) Low Voltage EEPROM MCM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

79LV0832RT4QE-25 Datasheet(HTML) 3 Page - Maxwell Technologies

  79LV0832RT4QE-25 Datasheet HTML 1Page - Maxwell Technologies 79LV0832RT4QE-25 Datasheet HTML 2Page - Maxwell Technologies 79LV0832RT4QE-25 Datasheet HTML 3Page - Maxwell Technologies 79LV0832RT4QE-25 Datasheet HTML 4Page - Maxwell Technologies 79LV0832RT4QE-25 Datasheet HTML 5Page - Maxwell Technologies 79LV0832RT4QE-25 Datasheet HTML 6Page - Maxwell Technologies 79LV0832RT4QE-25 Datasheet HTML 7Page - Maxwell Technologies 79LV0832RT4QE-25 Datasheet HTML 8Page - Maxwell Technologies 79LV0832RT4QE-25 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
01.10.05 Rev 8
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved
Low Voltage 8 Megabit (256K x 32-Bit) EEPROM MCM
79LV0832
TABLE 2. 79LV0832 ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
V
CC
-0.6
7.0
V
Input Voltage
V
IN
-0.51
1. V
IN min = -3.0V for pulse width <50ns.
7.0
V
Package Weight
RP
45
Grams
RT
38
Thermal Impedance (RP and RT Packages; XP TBD)
F
JC
3
°C/W
Operating Temperature Range
T
OPR
-55
125
°C
Storage Temperature Range
T
STG
-65
150
°C
TABLE 3. 79LV0832 RECOMMENDED DC OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply Voltage
V
CC
3.0
3.6
V
Input Voltage
RES_PIN
V
IL
V
IH
V
H
-0.31
2.2
V
CC-0.5
1. V
IL min = -1.0V for pulse width < 50 ns
0.8
V
CC +0.3
V
CC +1
V
V
V
Operating Temperature Range
T
OPR
-55
125
°C
TABLE 4. DELTA LIMITS1
1. Delta limits are calculated from test data taken at preburn-in and post burn-in as
defined in MIL-STD-883
PARAMETER
VARIATION2
2. Specified value in Table 6
I
CC1A
+/- 10 %
I
CC2A
+/- 10 %
I
CC2C
+/- 10 %
I
LI - ADDR, CE, OE, WE
+/- 10 %
I
Lo - D0 - D31
+/- 10 %


Similar Part No. - 79LV0832RT4QE-25

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
79LV0408 MAXWELL-79LV0408 Datasheet
353Kb / 20P
   Low Voltage 4 Megabit (512k x 8-bit) EEPROM
79LV0408RPFE-20 MAXWELL-79LV0408RPFE-20 Datasheet
353Kb / 20P
   Low Voltage 4 Megabit (512k x 8-bit) EEPROM
79LV0408RPFE-25 MAXWELL-79LV0408RPFE-25 Datasheet
353Kb / 20P
   Low Voltage 4 Megabit (512k x 8-bit) EEPROM
79LV0408RPFH-20 MAXWELL-79LV0408RPFH-20 Datasheet
353Kb / 20P
   Low Voltage 4 Megabit (512k x 8-bit) EEPROM
79LV0408RPFH-25 MAXWELL-79LV0408RPFH-25 Datasheet
353Kb / 20P
   Low Voltage 4 Megabit (512k x 8-bit) EEPROM
More results

Similar Description - 79LV0832RT4QE-25

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
79C0832 MAXWELL-79C0832 Datasheet
477Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
79C0832 MAXWELL-79C0832_06 Datasheet
478Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
79C0408 MAXWELL-79C0408 Datasheet
353Kb / 20P
   4 Megabit (512k x 8-bit) EEPROM MCM
89LV1632 MAXWELL-89LV1632 Datasheet
198Kb / 12P
   16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM
79LV2040 MAXWELL-79LV2040 Datasheet
471Kb / 17P
   20 Megabit (512K x 40-Bit) Low Voltage EEPROM MCM
79C08325 MAXWELL-79C08325 Datasheet
482Kb / 19P
   8 Megabit EEPROM MCM
89C1632 MAXWELL-89C1632 Datasheet
198Kb / 13P
   16 Megabit (512K x 32-Bit) MCM SRAM
79C2040 MAXWELL-79C2040 Datasheet
469Kb / 17P
   20 Megabit (512K x 40-Bit) EEPROM MCM
79LV0408 MAXWELL-79LV0408 Datasheet
353Kb / 20P
   Low Voltage 4 Megabit (512k x 8-bit) EEPROM
79C04085 MAXWELL-79C04085 Datasheet
359Kb / 20P
   4 Megabit EEPROM MCM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com