Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC62HP4101PR Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC62HP4101PR
Description  Positive Voltage Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62HP4101PR Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC62HP4101PR Datasheet HTML 7Page - Torex Semiconductor XC62HP4101PR Datasheet HTML 8Page - Torex Semiconductor XC62HP4101PR Datasheet HTML 9Page - Torex Semiconductor XC62HP4101PR Datasheet HTML 10Page - Torex Semiconductor XC62HP4101PR Datasheet HTML 11Page - Torex Semiconductor XC62HP4101PR Datasheet HTML 12Page - Torex Semiconductor XC62HP4101PR Datasheet HTML 13Page - Torex Semiconductor XC62HP4101PR Datasheet HTML 14Page - Torex Semiconductor XC62HP4101PR Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
w-54
27
5
4
369
810
34567
9
810
1.85
1.90
1.95
2.00
2.05
2.10
2.85
2.90
2.95
3.00
3.05
3.10
2.2
2.5
3.0
3.5
2.4
2.6
2.8
3.0
3.2
(2) OUTPUT VOLTAGE vs. INPUT VOLTAGE (CONTINUED)
INPUT VOLTAGE:VIN(V)
XC62HR3002 (3V)
Topr=25:
IOUT=1mA
40mA
10mA
INPUT VOLTAGE:VIN(V)
XC62HR3002 (3V)
1.2
1.5
2.0
2.5
1.4
1.6
1.8
2.0
2.2
Topr=25:
IOUT=1mA
40mA
10mA
Topr=25:
IOUT=1mA
10mA
40mA
INPUT VOLTAGE:VIN(V)
XC62HR2002 (2V)
INPUT VOLTAGE:VIN(V)
XC62HR2002 (2V)
Topr=25:
IOUT=1mA
40mA
10mA
85


Similar Part No. - XC62HP4101PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HP4001DL TOREX-XC62HP4001DL Datasheet
1Mb / 17P
   Positive Voltage Regulators (Output ON/OFF)
XC62HP4001DL TOREX-XC62HP4001DL Datasheet
1Mb / 19P
   Positive Voltage Regulators (Output ON/OFF)
XC62HP4001DR TOREX-XC62HP4001DR Datasheet
1Mb / 17P
   Positive Voltage Regulators (Output ON/OFF)
XC62HP4001DR TOREX-XC62HP4001DR Datasheet
1Mb / 19P
   Positive Voltage Regulators (Output ON/OFF)
XC62HP4001ML TOREX-XC62HP4001ML Datasheet
1Mb / 17P
   Positive Voltage Regulators (Output ON/OFF)
More results

Similar Description - XC62HP4101PR

ManufacturerPart #DatasheetDescription
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com