Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9240LP Datasheet(PDF) 7 Page - Maxwell Technologies

Part # 9240LP
Description  14-Bit, 10 MSPS Monolithic A/D Converter with LPT ASIC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

9240LP Datasheet(HTML) 7 Page - Maxwell Technologies

Back Button 9240LP Datasheet HTML 3Page - Maxwell Technologies 9240LP Datasheet HTML 4Page - Maxwell Technologies 9240LP Datasheet HTML 5Page - Maxwell Technologies 9240LP Datasheet HTML 6Page - Maxwell Technologies 9240LP Datasheet HTML 7Page - Maxwell Technologies 9240LP Datasheet HTML 8Page - Maxwell Technologies 9240LP Datasheet HTML 9Page - Maxwell Technologies 9240LP Datasheet HTML 10Page - Maxwell Technologies 9240LP Datasheet HTML 11Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
01.10.05 REV 6
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
14-Bit, 10 MSPS Monolithic A/D Converter with LPT ASIC
9240LP
LOGIC OUTPUTS (with DRVDD = 5V)
High Level Output Voltage (I
OH = 50 µ A)
High Level Output Voltage (I
OH = 0.5 mA)
Low Level Output Voltage (I
OL = 1.6 mA)
Low Level Output Voltage (I
OL = 50 µ A)
Output Capacitance
1, 2, 3
V
OH
V
OH
V
OL
V
OL
C
OUT
5
4.5
2.4
0.4
0.1
--
V min
V min
V max
V max
pF typ
1. Due to the voltage drop across the LPT circuiry the CLOCK signal must be no greater than AVDD - 0.5V
2. Guaranteed by design
TABLE 6. 9240LP SWITCHING CHARACTERISTICS1
(T
A = -55 TO +125° C WITH AVDD = 5V, DVDD = 5V, DRVDD = 5V, RBIAS = 2 KW, CL = 20 PF)
1. Guaranteed by design
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Clock Period
CLOCK Pulse width High
CLOCK Pulse width Low
Output Delay
Pipeline Delay (Latency)
t
C
t
CH
t
CL
t
OD
100
45
45
8
--
--
--
--
13
--
--
--
--
19
--3
ns
ns
ns
ns
Clock Cycles
TABLE 5. 9240LP DIGITAL SPECIFICATIONS
(AVDD = 5V, DVDD = 5V, T
A = -55 TO +125° C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SUBGROUPS
SYMBOL
MIN
TYP
MAX
UNIT


Similar Part No. - 9240LP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9240 BELDEN-9240 Datasheet
162Kb / 3P
   Analog Video, RG59, #20 Solid BCCS, 80% BC Braid, PVC Jacket
11-09-2022
9240-0101000 BELDEN-9240-0101000 Datasheet
162Kb / 3P
   Analog Video, RG59, #20 Solid BCCS, 80% BC Braid, PVC Jacket
11-09-2022
logo
Meder Electronic
9240000010 MEDER-9240000010 Datasheet
177Kb / 3P
   Reed sensor
9240000011 MEDER-9240000011 Datasheet
177Kb / 3P
   Reed sensor
9240000012 MEDER-9240000012 Datasheet
177Kb / 3P
   Reed sensor
More results

Similar Description - 9240LP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9240 AD-AD9240 Datasheet
328Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. A
AD9240ASRL AD-AD9240ASRL Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9240ASZ AD-AD9240ASZ Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD773 AD-AD773_15 Datasheet
4Mb / 16P
   10 BIT 18 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD9241 AD-AD9241_15 Datasheet
497Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9243 AD-AD9243_15 Datasheet
403Kb / 24P
   Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
AD773A AD-AD773A Datasheet
223Kb / 16P
   10-Bit, 20 MSPS Monolithic A/D Converter
REV. 0
AD9241 AD-AD9241 Datasheet
495Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9244 AD-AD9244 Datasheet
1Mb / 36P
   14-Bit, 40/65 MSPS Monolithic A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com