Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRS550-QLC25 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # VRS550-QLC25
Description  VRS550 - 8kB Flash, 256B RAM, 25MHz, 8-Bit MCU VRS560 - 16kB Flash, 256B RAM, 25MHz, 8-Bit MCU
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VRS550-QLC25 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button VRS550-QLC25 Datasheet HTML 3Page - List of Unclassifed Manufacturers VRS550-QLC25 Datasheet HTML 4Page - List of Unclassifed Manufacturers VRS550-QLC25 Datasheet HTML 5Page - List of Unclassifed Manufacturers VRS550-QLC25 Datasheet HTML 6Page - List of Unclassifed Manufacturers VRS550-QLC25 Datasheet HTML 7Page - List of Unclassifed Manufacturers VRS550-QLC25 Datasheet HTML 8Page - List of Unclassifed Manufacturers VRS550-QLC25 Datasheet HTML 9Page - List of Unclassifed Manufacturers VRS550-QLC25 Datasheet HTML 10Page - List of Unclassifed Manufacturers VRS550-QLC25 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
VRS550 / VRS560
VERSA
Datasheet Rev 1.1
1134 Ste Catherine Street West, Suite 900, Montreal, Quebec, Canada H3B 1H4 Tel: (514) 871-2447 http://www.goalsemi.com
7
Program Memory Structure
Program Memory
The VRS550 includes 8k of on-chip Flash that can be
used as general program memory. The Flash memory
size of the VRS560 is 16k.
FIGURE 3: VRS560 / VRS550 INTERNAL PROGRAM MEMORY
VRS550
Flash Memory
(8k Bytes)
0000h
3FFFh
VRS560
Flash Memory
(16k Bytes)
0000h
1FFFh
Program Status Word Register
The register below contains the program state flags.
These flags may be read or written to by the user.
TABLE 6: PROGRAM STATUS WORD REGISTER (PSW) - SFR DOH
7
6
5
4
3
2
1
0
CY
AC
F0
RS1
RS0
OV
-
P
Bit
Mnemonic
Description
7
CY
Carry Bit
6
AC
Auxiliary Carry Bit from bit 3 to 4.
5
F0
User definer flag
4
RS1
R0-R7 Registers bank select bit 0
3
RS0
R0-R7 Registers bank select bit 1
2
OV
Overflow flag
1
-
-
0
P
Parity flag
RS1
RS0
Active Bank
Address
0
0
0
00h-07h
0
1
1
08h-0Fh
1
0
2
10h-17h
1
1
3
18-1Fh
Data Pointer
The VRS550 and VRS560 have one 16-bit data
pointer. The DPTR is accessed through two SFR
addresses: DPL located at address 82h and DPH
located at address 83h.
Data Memory
The VRS550 and the VRS560 have a total of: 256 bytes
of RAM configured like the internal memory structure of
a standard 8052.
FIGURE 4: VRS550 /VRS560 RAM MEMORY
Upper 128 bytes
(Can only be accessed in
indirect addressing mode)
Lower 128 bytes
(Can be accessed in indirect and
direct addressing mode)
SFR
(Can only be accessed in direct
addressing mode)
FF
80
Lower 128 bytes (00h to 7Fh, Bank 0 & Bank 1)
The lower 128 bytes of data memory (from 00h to 7Fh)
can be summarized in the following points:
• Address range 00h to 7Fh can be accessed in
direct and indirect addressing modes.
• Address range 00h to 1Fh includes R0-R7
registers area.
• Address range 20h to 2Fh is bit addressable.
• Address range 30h to 7Fh is not bit addressable
and can be used as general-purpose storage.
Upper 128 bytes (80h to FFh, Bank 2 & Bank 3)
The upper 128 bytes of the data memory ranging from
80h to FFh can be accessed using indirect addressing
or by using the bank mapping in direct addressing
mode.
FIGURE 5: VRS550 / VRS560 RAM STRUCTURE
Register s Bank 0
R7
-
R0
Register s Bank 1
R7
-
R0
Register s Bank 2
R7
-
R0
Register s Bank 3
R7
-
R0
80 Bytes of
General Purpose RAM
00h
08h
10h
18h
20h
07
06
05
04
03
02
01
00
0F
0 E
0D
0C
0B
0 A
09
08
77
76
75
74
73
72
71
70
7F
7 E
7D
7C
7B
7 A
79
78
30h
128 Bytes of
Indirect Access RAM
(SP, R0,R1)
80h
7Fh
FFh
2Fh
SFR Area
Direct or Bit Access
Only
FFh
85
84
83
82
81
80
P0
SP
DPL
DPH


Similar Part No. - VRS550-QLC25

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
VRS51C1000 RAMTRON-VRS51C1000 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-L RAMTRON-VRS51C1000-40-L Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-L-ISPV2 RAMTRON-VRS51C1000-40-L-ISPV2 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-LG RAMTRON-VRS51C1000-40-LG Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-LG-ISPV2 RAMTRON-VRS51C1000-40-LG-ISPV2 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
More results

Similar Description - VRS550-QLC25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F302 ETC-C8051F302 Datasheet
37Kb / 2P
   8KB Flash, 256 RAM, 8-Bit ADC, 11-Pin MCU
C8051F303 ETC-C8051F303 Datasheet
34Kb / 2P
   8KB Flash, 256 RAM, 11-Pin MCU
C8051F301 ETC-C8051F301 Datasheet
35Kb / 2P
   8KB Flash, 256 RAM, 11-Pin MCU
logo
Holtek Semiconductor In...
HT45F0027 HOLTEK-HT45F0027 Datasheet
5Mb / 112P
   PIR 8-Bit Flash MCU
logo
List of Unclassifed Man...
VRS700 ETC1-VRS700 Datasheet
700Kb / 45P
   VERSA 700: 64kB FLASH, 4kB RAM 23MHz, 3V, 8-Bit MCU
logo
Core Technology (Shenzh...
CSU8RF3421 CHIPSEA-CSU8RF3421 Datasheet
2Mb / 131P
   12-bit ADC 8 - bit RISC FLASH FLASH MCU
logo
NXP Semiconductors
P89C668 PHILIPS-P89C668 Datasheet
299Kb / 54P
   80C51 8-bit Flash microcontroller family 64KB ISP FLASH with 8KB RAM
2001 Jul 27
logo
Holtek Semiconductor In...
BS83A04A-3 HOLTEK-BS83A04A-3 Datasheet
3Mb / 72P
   Touch Key 8-bit Flash MCU
BS83B08-3 HOLTEK-BS83B08-3 Datasheet
788Kb / 141P
   8-Bit Touch Key Flash MCU
logo
Hynix Semiconductor
GMS99C58 HYNIX-GMS99C58 Datasheet
628Kb / 34P
   32K FLASH EMBEDDED 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com