Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE200 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJE200
Description  POWER TRANSISTORS COMPLEMENTARY SILICON
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE200 Datasheet(HTML) 1 Page - ON Semiconductor

  MJE200 Datasheet HTML 1Page - ON Semiconductor MJE200 Datasheet HTML 2Page - ON Semiconductor MJE200 Datasheet HTML 3Page - ON Semiconductor MJE200 Datasheet HTML 4Page - ON Semiconductor MJE200 Datasheet HTML 5Page - ON Semiconductor MJE200 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
Complementary Silicon Power
Plastic Transistors
. . . designed for low voltage, low–power, high–gain audio amplifier applications.
• Collector–Emitter Sustaining Voltage —
VCEO(sus) = 25 Vdc (Min) @ IC = 10 mAdc
• High DC Current Gain — hFE = 70 (Min) @ IC = 500 mAdc
High DC Current Gain — hFE = 45 (Min) @ IC = 2.0 Adc
High DC Current Gain — hFE = 10 (Min) @ IC = 5.0 Adc
• Low Collector–Emitter Saturation Voltage —
VCE(sat) = 0.3 Vdc (Max) @ IC = 500 mAdc
VCE(sat) = 0.75 Vdc (Max) @ IC = 2.0 Adc
• High Current–Gain — Bandwidth Product —
fT = 65 MHz (Min) @ IC = 100 mAdc
• Annular Construction for Low Leakage —
ICBO = 100 nAdc @ Rated VCB
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Base Voltage
VCB
40
Vdc
Collector–Emitter Voltage
VCEO
25
Vdc
Emitter–Base Voltage
VEB
8.0
Vdc
Collector Current — Continuous
Peak
IC
5.0
10
Adc
Base Current
IB
1.0
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
15
0.12
Watts
W/
_C
Total Power Dissipation @ TA = 25_C
Derate above 25
_C
PD
1.5
0.012
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
θJC
8.34
_C/W
Thermal Resistance, Junction to Ambient
θJA
83.4
_C/W
16
20
Figure 1. Power Derating
T, TEMPERATURE (
°C)
0
40
60
100
120
160
12
1.6
0
1.2
8.0
0.8
4.0
0.4
80
140
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJE200/D
© Motorola, Inc. 1995
MJE200
MJE210
5 AMPERE
POWER TRANSISTORS
COMPLEMENTARY
SILICON
25 VOLTS
15 WATTS
*Motorola Preferred Device
*
NPN
PNP
*
CASE 77–08
TO–225AA
REV 7


Similar Part No. - MJE200

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE200 MOTOROLA-MJE200 Datasheet
255Kb / 6P
   5 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 25 VOLTS 15 WATTS
logo
Fairchild Semiconductor
MJE200 FAIRCHILD-MJE200 Datasheet
42Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
ON Semiconductor
MJE200 ONSEMI-MJE200 Datasheet
120Kb / 6P
   Complementary Silicon Power Plastic Transistors
July, 2007 - Rev. 12
logo
Inchange Semiconductor ...
MJE200 ISC-MJE200 Datasheet
242Kb / 2P
   isc Silicon NPN Power Transistor
logo
Central Semiconductor C...
MJE200 CENTRAL-MJE200 Datasheet
339Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - MJE200

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com