Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7846A Datasheet(PDF) 3 Page - Maxwell Technologies

Part # 7846A
Description  16-Bit Digital to Analog Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7846A Datasheet(HTML) 3 Page - Maxwell Technologies

  7846A Datasheet HTML 1Page - Maxwell Technologies 7846A Datasheet HTML 2Page - Maxwell Technologies 7846A Datasheet HTML 3Page - Maxwell Technologies 7846A Datasheet HTML 4Page - Maxwell Technologies 7846A Datasheet HTML 5Page - Maxwell Technologies 7846A Datasheet HTML 6Page - Maxwell Technologies 7846A Datasheet HTML 7Page - Maxwell Technologies 7846A Datasheet HTML 8Page - Maxwell Technologies 7846A Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
All data sheets are subject to change without notice
©2003 Maxwell Technologies
All rights reserved.
16-Bit Digital to Analog Converter
7846A
05.29.03 REV 5
TABLE 2. 7846A ABSOLUTE MAXIMUM RATINGS 1
1. Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational sec-
tions of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may
affect device reliability. Only one absolute maximum rating may be applied at any one time.
PARAMETER
MIN
MAX
UNIT
V
DD to DGND
-0.3
+17
V
V
CC to DGND
-0.3
V
DD +0.3 or 7
(Whichever Is Lower)
V
V
SS to DGND
-17
+0.3
V
V
REF+ to DGND
-25
+25
V
V
REF- to DGND
-25
+25
V
V
OUT to DGND
2
2. V
OUT may be shorted to DGND, VDD, VSS and VCC provided that the power dissipation of the package is not exceeded.
-25
+25
V
R
IN to DGND
-25
+25
V
Digital Input Voltage to DGND
-0.3
V
CC +0.3
V
Digital Output Voltage to DGND
-0.3
V
CC +0.3
V
Power Dissipation
To +75 °C
Derates above +75 °C
1000
10
mW
mW/°C
Thermal Inpedance
Θ
JC
2.78
°C
Operating Temperature Range
-55
+125
°C
Storage Temperature Range
-65
+150
°C
TABLE 3. DELTA LIMITS
PARAMETER
VARIATION
I
DD
±10% of value specified in Table 4.
I
EE
±10% of value specified in Table 4.
I
CC
±10% of value specified in Table 4.


Similar Part No. - 7846A

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
7846B MAXWELL-7846B Datasheet
254Kb / 11P
   16-Bit Digital to Analog Converter
7846BRPFB MAXWELL-7846BRPFB Datasheet
254Kb / 11P
   16-Bit Digital to Analog Converter
7846BRPFE MAXWELL-7846BRPFE Datasheet
254Kb / 11P
   16-Bit Digital to Analog Converter
7846BRPFI MAXWELL-7846BRPFI Datasheet
254Kb / 11P
   16-Bit Digital to Analog Converter
7846BRPFS MAXWELL-7846BRPFS Datasheet
254Kb / 11P
   16-Bit Digital to Analog Converter
More results

Similar Description - 7846A

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
   16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
   16 Bit Digital to Analog Converter
logo
Maxwell Technologies
7846B MAXWELL-7846B Datasheet
254Kb / 11P
   16-Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com