Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRS550-PAC25 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VRS550-PAC25
Description  VRS550 - 8kB Flash, 256B RAM, 25MHz, 8-Bit MCU VRS560 - 16kB Flash, 256B RAM, 25MHz, 8-Bit MCU
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VRS550-PAC25 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VRS550-PAC25 Datasheet HTML 1Page - List of Unclassifed Manufacturers VRS550-PAC25 Datasheet HTML 2Page - List of Unclassifed Manufacturers VRS550-PAC25 Datasheet HTML 3Page - List of Unclassifed Manufacturers VRS550-PAC25 Datasheet HTML 4Page - List of Unclassifed Manufacturers VRS550-PAC25 Datasheet HTML 5Page - List of Unclassifed Manufacturers VRS550-PAC25 Datasheet HTML 6Page - List of Unclassifed Manufacturers VRS550-PAC25 Datasheet HTML 7Page - List of Unclassifed Manufacturers VRS550-PAC25 Datasheet HTML 8Page - List of Unclassifed Manufacturers VRS550-PAC25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
VRS550 / VRS560
VERSA
Datasheet Rev 1.1
1134 Ste Catherine Street West, Suite 900, Montreal, Quebec, Canada H3B 1H4 Tel: (514) 871-2447 http://www.goalsemi.com
4
Pin Descriptions for PLCC-44
TABLE 2: PIN DESCRIPTIONS FOR PLCC-44
PLCC
- 44
Name
I/O
Function
1
NC
-
No Connect
T2
I
Timer 2 Clock Out
2
P1.0
I/O
Bit 0 of Port 1
T2EX
I
Timer 2 Control
3
P1.1
I/O
Bit 1 of Port 1
4
P1.2
I/O
Bit 2 of Port 1
5
P1.3
I/O
Bit 3 of Port 1
6
P1.4
I/O
Bit 4 of Port 1
7
P1.5
I/O
Bit 5 of Port 1
8
P1.6
I/O
Bit 6 of Port 1
9
P1.7
I/O
Bit 7 of Port 1
10
RES
I
Reset
RXD
I
Receive Data
11
P3.0
I/O
Bit 0 of Port 3
12
NC
-
No Connect
TXD
O
Transmit Data &
13
P3.1
I/O
Bit 1 of Port 3
#INT0
I
External Interrupt 0
14
P3.2
I/O
Bit 2 of Port 3
#INT1
I
External Interrupt 1
15
P3.3
I/O
Bit 3 of Port 3
T0
I
Timer 0
16
P3.4
I/O
Bit 4 of Port 3
T1
I
Timer 1 & 3
17
P3.5
I/O
Bit 5 of Port
#WR
O
Ext. Memory Write
18
P3.6
I/O
Bit 6 of Port 3
#RD
O
Ext. Memory Read
19
P3.7
I/O
Bit 7 of Port 3
20
XTAL2
O
Oscillator/Crystal Output
21
XTAL1
I
Oscillator/Crystal In
22
VSS
-
Ground
23
NC
-
No Connect
PLCC
- 44
Name
I/O
Function
P2.0
I/O
Bit 0 of Port 2
24
A8
O
Bit 8 of External Memory Address
P2.1
I/O
Bit 1 of Port 2
25
A9
O
Bit 9 of External Memory Address
P2.2
I/O
Bit 2 of Port 2
26
A10
O
Bit 10 of External Memory Address
P2.3
I/O
Bit 3 of Port 2 &
27
A11
O
Bit 11 of External Memory Address
P2.4
I/O
Bit 4 of Port 2
28
A12
O
Bit 12 of External Memory Address
P2.5
I/O
Bit 5 of Port 2
29
A13
O
Bit 13 of External Memory Address
P2.6
I/O
Bit 6 of Port 2
30
A14
O
Bit 14 of External Memory Address
P2.7
I/O
Bit 7 of Port 2
31
A15
O
Bit 15 of External Memory Address
32
#PSEN
O
Program Store Enable
33
ALE
O
Address Latch Enable
34
NC
-
No Connect
35
#EA
I
External Access
P0.7
I/O
Bit 7 Of Port 0
36
AD7
I/O
Data/Address Bit 7 of External
Memory
P0.6
I/O
Bit 6 of Port 0
37
AD6
I/O
Data/Address Bit 6 of External
Memory
P0.5
I/O
Bit 5 of Port 0
38
AD5
I/O
Data/Address Bit 5 of External
Memory
P0.4
I/O
Bit 4 of Port 0
39
AD4
I/O
Data/Address Bit 4 of External
Memory
P0.3
I/O
Bit 3 Of Port 0
40
AD3
I/O
Data/Address Bit 3 of External
Memory
P0.2
I/O
Bit 2 of Port 0
41
AD2
I/O
Data/Address Bit 2 of External
Memory
P0. 1
I/O
Bit 1 of Port 0 & Data
42
AD1
I/O
Address Bit 1 of External Memory
P0.0
I/O
Bit 0 Of Port 0 & Data
43
AD0
I/O
Address Bit 0 of External Memory
44
VDD
-
VCC
P1.6
P1.5
RESET
P1.7
NC
RXD/P3.0
#INT0/P3.2
TXD/P3.1
T0/P3.4
#INT1/P3.3
T1/P3.5
P2.6/A14
P2.5/A13
#PSEN
P2.7/A15
NC
ALE
P0.7/AD7
#EA
P0.5/AD5
P0.6/AD6
P0.4/AD4
1
VRS550 / VRS560
PLCC-44
6
7
17
18
28
29
39
40


Similar Part No. - VRS550-PAC25

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
VRS51C1000 RAMTRON-VRS51C1000 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-L RAMTRON-VRS51C1000-40-L Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-L-ISPV2 RAMTRON-VRS51C1000-40-L-ISPV2 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-LG RAMTRON-VRS51C1000-40-LG Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-LG-ISPV2 RAMTRON-VRS51C1000-40-LG-ISPV2 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
More results

Similar Description - VRS550-PAC25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F302 ETC-C8051F302 Datasheet
37Kb / 2P
   8KB Flash, 256 RAM, 8-Bit ADC, 11-Pin MCU
C8051F303 ETC-C8051F303 Datasheet
34Kb / 2P
   8KB Flash, 256 RAM, 11-Pin MCU
C8051F301 ETC-C8051F301 Datasheet
35Kb / 2P
   8KB Flash, 256 RAM, 11-Pin MCU
logo
Holtek Semiconductor In...
HT45F0027 HOLTEK-HT45F0027 Datasheet
5Mb / 112P
   PIR 8-Bit Flash MCU
logo
List of Unclassifed Man...
VRS700 ETC1-VRS700 Datasheet
700Kb / 45P
   VERSA 700: 64kB FLASH, 4kB RAM 23MHz, 3V, 8-Bit MCU
logo
Core Technology (Shenzh...
CSU8RF3421 CHIPSEA-CSU8RF3421 Datasheet
2Mb / 131P
   12-bit ADC 8 - bit RISC FLASH FLASH MCU
logo
NXP Semiconductors
P89C668 PHILIPS-P89C668 Datasheet
299Kb / 54P
   80C51 8-bit Flash microcontroller family 64KB ISP FLASH with 8KB RAM
2001 Jul 27
logo
Holtek Semiconductor In...
BS83A04A-3 HOLTEK-BS83A04A-3 Datasheet
3Mb / 72P
   Touch Key 8-bit Flash MCU
BS83B08-3 HOLTEK-BS83B08-3 Datasheet
788Kb / 141P
   8-Bit Touch Key Flash MCU
logo
Hynix Semiconductor
GMS99C58 HYNIX-GMS99C58 Datasheet
628Kb / 34P
   32K FLASH EMBEDDED 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com