Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRS550-QAI25 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # VRS550-QAI25
Description  VRS550 - 8kB Flash, 256B RAM, 25MHz, 8-Bit MCU VRS560 - 16kB Flash, 256B RAM, 25MHz, 8-Bit MCU
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VRS550-QAI25 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button VRS550-QAI25 Datasheet HTML 4Page - List of Unclassifed Manufacturers VRS550-QAI25 Datasheet HTML 5Page - List of Unclassifed Manufacturers VRS550-QAI25 Datasheet HTML 6Page - List of Unclassifed Manufacturers VRS550-QAI25 Datasheet HTML 7Page - List of Unclassifed Manufacturers VRS550-QAI25 Datasheet HTML 8Page - List of Unclassifed Manufacturers VRS550-QAI25 Datasheet HTML 9Page - List of Unclassifed Manufacturers VRS550-QAI25 Datasheet HTML 10Page - List of Unclassifed Manufacturers VRS550-QAI25 Datasheet HTML 11Page - List of Unclassifed Manufacturers VRS550-QAI25 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
VRS550 / VRS560
VERSA
Datasheet Rev 1.1
1134 Ste Catherine Street West, Suite 900, Montreal, Quebec, Canada H3B 1H4 Tel: (514) 871-2447 http://www.goalsemi.com
8
Description of Peripherals
System Control Register
The register represented in the following table is used
for system control. The WDRESET bit (7) indicates if
the system has been reset due to the overflow of the
Watch Dog Timer.
The bit 0 of the SYSCON register is the ALE output
inhibit bit. Setting this bit to 1 will inhibit the Fosc/6
clock signal output to the ALE pin.
TABLE 7: SYSTEM CONTROL REGISTER (SYSCON) – SFR BFH
7
6
5
4
3
2
1
0
WDRESET
Unused
XRAME
ALEI
Bit
Mnemonic
Description
7
WDRESET
This is the Watch Dog Timer reset bit. It
will be set to 1 when the reset signal
generated by WDT overflows.
6
Unused
-
5
Unused
-
4
Unused
-
3
Unused
-
2
Unused
-
1
Unused
-
0
ALEI
ALE output inhibit bit, which is used to
reduce EMI.
Power Control Register
The VRS550 / VRS560 devices provide two power
saving modes: Idle and Power Down. These two
modes serve to reduce the power consumption of the
device.
In Idle mode, the processor is stopped but the oscillator
is still running. The content of the RAM, I/O state and
SFR registers are maintained. Timer operation is
maintained, as well as the external interrupts.
This mode is useful for applications in which stopping
the processor to save power is required. The processor
will be woken up when an external event, triggering an
interrupt, occurs.
In Power Down mode, the oscillator of the VRS550 /
VRS560 is stopped. This means that all the peripherals
are disabled. The content of the RAM and the SFR
registers, however, is maintained.
The minimum VCC in Power down Mode is 2V
These power saving modes are controlled by the
PDOWN and IDLE bits of the PCON register at
address 87h.
TABLE 8: POWER CONTROL REGISTER (PCON) - SFR 87H
7
6
5
4
3
2
1
0
Unused
RAM1
RAM0
Bit
Mnemonic
Description
7
SMOD
1: Double the baud rate of the serial port
frequency that was generated by Timer 1.
0: Normal serial port baud rate generated by
Timer 1.
6
5
4
3
GF1
General Purpose Flag
2
GF0
General Purpose Flag
1
PDOWN
Power down mode control bit
0
IDLE
Idle mode control bit


Similar Part No. - VRS550-QAI25

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
VRS51C1000 RAMTRON-VRS51C1000 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-L RAMTRON-VRS51C1000-40-L Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-L-ISPV2 RAMTRON-VRS51C1000-40-L-ISPV2 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-LG RAMTRON-VRS51C1000-40-LG Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-LG-ISPV2 RAMTRON-VRS51C1000-40-LG-ISPV2 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
More results

Similar Description - VRS550-QAI25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F302 ETC-C8051F302 Datasheet
37Kb / 2P
   8KB Flash, 256 RAM, 8-Bit ADC, 11-Pin MCU
C8051F303 ETC-C8051F303 Datasheet
34Kb / 2P
   8KB Flash, 256 RAM, 11-Pin MCU
C8051F301 ETC-C8051F301 Datasheet
35Kb / 2P
   8KB Flash, 256 RAM, 11-Pin MCU
logo
Holtek Semiconductor In...
HT45F0027 HOLTEK-HT45F0027 Datasheet
5Mb / 112P
   PIR 8-Bit Flash MCU
logo
List of Unclassifed Man...
VRS700 ETC1-VRS700 Datasheet
700Kb / 45P
   VERSA 700: 64kB FLASH, 4kB RAM 23MHz, 3V, 8-Bit MCU
logo
Core Technology (Shenzh...
CSU8RF3421 CHIPSEA-CSU8RF3421 Datasheet
2Mb / 131P
   12-bit ADC 8 - bit RISC FLASH FLASH MCU
logo
NXP Semiconductors
P89C668 PHILIPS-P89C668 Datasheet
299Kb / 54P
   80C51 8-bit Flash microcontroller family 64KB ISP FLASH with 8KB RAM
2001 Jul 27
logo
Holtek Semiconductor In...
BS83A04A-3 HOLTEK-BS83A04A-3 Datasheet
3Mb / 72P
   Touch Key 8-bit Flash MCU
BS83B08-3 HOLTEK-BS83B08-3 Datasheet
788Kb / 141P
   8-Bit Touch Key Flash MCU
logo
Hynix Semiconductor
GMS99C58 HYNIX-GMS99C58 Datasheet
628Kb / 34P
   32K FLASH EMBEDDED 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com