Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRS560 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VRS560
Description  VRS550 - 8kB Flash, 256B RAM, 25MHz, 8-Bit MCU VRS560 - 16kB Flash, 256B RAM, 25MHz, 8-Bit MCU
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VRS560 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VRS560 Datasheet HTML 1Page - List of Unclassifed Manufacturers VRS560 Datasheet HTML 2Page - List of Unclassifed Manufacturers VRS560 Datasheet HTML 3Page - List of Unclassifed Manufacturers VRS560 Datasheet HTML 4Page - List of Unclassifed Manufacturers VRS560 Datasheet HTML 5Page - List of Unclassifed Manufacturers VRS560 Datasheet HTML 6Page - List of Unclassifed Manufacturers VRS560 Datasheet HTML 7Page - List of Unclassifed Manufacturers VRS560 Datasheet HTML 8Page - List of Unclassifed Manufacturers VRS560 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
VRS550 / VRS560
VERSA
Datasheet Rev 1.1
1134 Ste Catherine Street West, Suite 900, Montreal, Quebec, Canada H3B 1H4 Tel: (514) 871-2447 http://www.goalsemi.com
2
Overview
The VRS550 and the VRS560 are both low cost 8-bit
microcontrollers based on the standard 80C51
microcontroller family architecture. They are pin-to-pin
compatible and drop-in replacements for most 8051
MCUs. The VRS550 and VRS560 have 8kB and 16kB,
respectively of Flash memory. Both devices have 256
bytes of RAM memory.
The hardware features of these devices and their re-
programmability make them suitable for a wide range of
applications.
These VRS550 and VRS560 are both available in
PLCC-44 and QFP-44 packages in the Industrial
temperature range. The Flash memory can be
programmed using programmers available from Goal
Semiconductor
or
other
3rd
party
commercial
programmers.
FIGURE 1: VRS550 / VRS560 FUNCTIONAL DIAGRAM
PORT 0
8051
PROCESSOR
PORT 3
PORT 2
PORT 1
8k / 16k
FLASH
2 INTERRUPT
INPUTS
UART
256 bytes of
RAM
RESET
TIMER 0
TIMER 2
TIMER 1
POWER
CONTROL
WATCHDOG
TIMER
ADDRESS/
DATA BUS
8
8
8
8
Feature Set
General 80C51/80C52 pin compatible
12 clock periods per machine cycle
8k / 16k on-chip Flash memory
256 Bytes on-chip data RAM
32 I/O lines on four 8-bit ports
Full duplex serial port (UART)
3, 16-bit Timers/Counters
Watch Dog Timer
8-bit Unsigned Division / Multiply
BCD arithmetic
Direct and Indirect Addressing
Two levels of interrupt priority and nested interrupts
Power saving modes
Code protection function
Operates at a clock frequency of up to 25MHz
Low EMI (inhibit ALE)
Programming voltage: 12V
Industrial Temperature range (-40°C to +85°C)
5V and 3V versions available (see Ordering information.)
FIGURE 2: VRS550 / VRS560 PLCC AND QFP PINOUT DIAGRAMS
P1.6
P1.5
RESET
P1.7
NC
RXD/P3.0
#INT0/P3.2
TXD/P3.1
T0/P3.4
#INT1/P3.3
T1/P3.5
P2.6/A14
P2.5/A13
#PSEN
P2.7/A15
NC
ALE
P0.7/AD7
#EA
P0.5/AD5
P0.6/AD6
P0.4/AD4
1
VRS550 / VRS560
PLCC-44
6
7
17
18
28
29
39
40
1
44
11
12
22
23
33
34
VRS550 / VRS560
QFP-44
#RD/P3.7
#WR/P3.6
XTAL1
XTAL2
NC
VSS
P2.1/A9
P2.0/A8
P2.3/A11
P2.2/A10
P2.4/A12
P1.3
P1.4
T2EX/P1.1
P1.2
NC
T2/P1.0
P0.0/AD0
VDD
P0.2/AD2
P0.1/AD1
P0.3/AD3


Similar Part No. - VRS560

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
VRS51C1000 RAMTRON-VRS51C1000 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-L RAMTRON-VRS51C1000-40-L Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-L-ISPV2 RAMTRON-VRS51C1000-40-L-ISPV2 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-LG RAMTRON-VRS51C1000-40-LG Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-LG-ISPV2 RAMTRON-VRS51C1000-40-LG-ISPV2 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
More results

Similar Description - VRS560

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F302 ETC-C8051F302 Datasheet
37Kb / 2P
   8KB Flash, 256 RAM, 8-Bit ADC, 11-Pin MCU
C8051F303 ETC-C8051F303 Datasheet
34Kb / 2P
   8KB Flash, 256 RAM, 11-Pin MCU
C8051F301 ETC-C8051F301 Datasheet
35Kb / 2P
   8KB Flash, 256 RAM, 11-Pin MCU
logo
Holtek Semiconductor In...
HT45F0027 HOLTEK-HT45F0027 Datasheet
5Mb / 112P
   PIR 8-Bit Flash MCU
logo
List of Unclassifed Man...
VRS700 ETC1-VRS700 Datasheet
700Kb / 45P
   VERSA 700: 64kB FLASH, 4kB RAM 23MHz, 3V, 8-Bit MCU
logo
Core Technology (Shenzh...
CSU8RF3421 CHIPSEA-CSU8RF3421 Datasheet
2Mb / 131P
   12-bit ADC 8 - bit RISC FLASH FLASH MCU
logo
NXP Semiconductors
P89C668 PHILIPS-P89C668 Datasheet
299Kb / 54P
   80C51 8-bit Flash microcontroller family 64KB ISP FLASH with 8KB RAM
2001 Jul 27
logo
Holtek Semiconductor In...
BS83A04A-3 HOLTEK-BS83A04A-3 Datasheet
3Mb / 72P
   Touch Key 8-bit Flash MCU
BS83B08-3 HOLTEK-BS83B08-3 Datasheet
788Kb / 141P
   8-Bit Touch Key Flash MCU
logo
Hynix Semiconductor
GMS99C58 HYNIX-GMS99C58 Datasheet
628Kb / 34P
   32K FLASH EMBEDDED 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com