Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

79LV0832RT2QE-20 Datasheet(PDF) 5 Page - Maxwell Technologies

Part # 79LV0832RT2QE-20
Description  8 Megabit (256K x 32-Bit) Low Voltage EEPROM MCM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

79LV0832RT2QE-20 Datasheet(HTML) 5 Page - Maxwell Technologies

  79LV0832RT2QE-20 Datasheet HTML 1Page - Maxwell Technologies 79LV0832RT2QE-20 Datasheet HTML 2Page - Maxwell Technologies 79LV0832RT2QE-20 Datasheet HTML 3Page - Maxwell Technologies 79LV0832RT2QE-20 Datasheet HTML 4Page - Maxwell Technologies 79LV0832RT2QE-20 Datasheet HTML 5Page - Maxwell Technologies 79LV0832RT2QE-20 Datasheet HTML 6Page - Maxwell Technologies 79LV0832RT2QE-20 Datasheet HTML 7Page - Maxwell Technologies 79LV0832RT2QE-20 Datasheet HTML 8Page - Maxwell Technologies 79LV0832RT2QE-20 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
01.10.05 Rev 8
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved
Low Voltage 8 Megabit (256K x 32-Bit) EEPROM MCM
79LV0832
Output Voltage
Data Lines: V
CCMin, IOL = 2.1mA
RDY/BSY_Line: V
CC Min, IOL = 12mA
Data Lines: V
CC Min, IOH = -400µ A
RDY/BSY_Line: V
CC Min, IOH = -12mA
All Outputs: V
CCMin, IOH=-100uA
V
OL
V
OL
V
OH
V
OH
1, 2, 3
--
2.4
2.4
V
CC-0.3V
0.4
0.4
--
--
V
V
V
V
V
1. All Inputs are tied to Vcc with a 5.5K
W resistor, except for RES which is 30KW.
2. For RES I
LI=800uA max.
3. Only one CE active (low) at a time
TABLE 7. 79LV0832 AC ELECTRICAL CHARACTERISTICS FOR READ OPERATION 1
(V
CC = 3.3V ± 10%, T
A = -55 TO +125° C)
PARAMETER
SYMBOL
SUBGROUPS
MIN
MAX
UNIT
Address Access Time CE = OE = V
IL, WE = VIH
-200
-250
t
ACC
9, 10, 11
--
--
200
250
ns
Chip Enable Access Time OE = V
IL, WE = VIH
-200
-250
t
CE
9, 10, 11
--
--
200
250
ns
Output Enable Access TIme CE = V
IL, WE = VIH
-200
-250
t
OE
9, 10, 11
0
0
110
120
ns
Output Hold to Address Change CE = OE =V
IL, WE = VIH
-200
-250
t
OH
9, 10, 11
0
0
--
--
ns
Output Disable to High-Z 2
CE = V
IL, WE = VIH
-200
-250
CE = OE = V
IL, WE = VIH
-200
-250
t
DF
t
DFR
9, 10, 11
0
0
0
0
50
50
300
350
ns
ns
RES to Output Delay CE = OE = V
IL, WE = VIH
3
-200
-250
T
RR
9, 10, 11
0
0
525
550
ns
1. Test conditions: input pulse levels = 0.4V to 2.2V; input rise and fall times < 20 ns; output load = 1 TTL gate + 100 pF (including
scope and jig); reference levels for measuring timing = 0.8 V/1.8 V.
2. t
DF and tDFR are defined as the time at which the output becomes an open circuit and data is no longer driven.
3. Guaranteed by design.
TABLE 6. 79LV0832 DC ELECTRICAL CHARACTERISTICS
(V
CC = 3.3V ± 10%, T
A = -55 TO +125° C)
PARAMETER
TEST CONDITION
SYMBOL
SUBGROUPS
MIN
MAX
UNITS


Similar Part No. - 79LV0832RT2QE-20

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
79LV0408 MAXWELL-79LV0408 Datasheet
353Kb / 20P
   Low Voltage 4 Megabit (512k x 8-bit) EEPROM
79LV0408RPFE-20 MAXWELL-79LV0408RPFE-20 Datasheet
353Kb / 20P
   Low Voltage 4 Megabit (512k x 8-bit) EEPROM
79LV0408RPFE-25 MAXWELL-79LV0408RPFE-25 Datasheet
353Kb / 20P
   Low Voltage 4 Megabit (512k x 8-bit) EEPROM
79LV0408RPFH-20 MAXWELL-79LV0408RPFH-20 Datasheet
353Kb / 20P
   Low Voltage 4 Megabit (512k x 8-bit) EEPROM
79LV0408RPFH-25 MAXWELL-79LV0408RPFH-25 Datasheet
353Kb / 20P
   Low Voltage 4 Megabit (512k x 8-bit) EEPROM
More results

Similar Description - 79LV0832RT2QE-20

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
79C0832 MAXWELL-79C0832 Datasheet
477Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
79C0832 MAXWELL-79C0832_06 Datasheet
478Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
79C0408 MAXWELL-79C0408 Datasheet
353Kb / 20P
   4 Megabit (512k x 8-bit) EEPROM MCM
89LV1632 MAXWELL-89LV1632 Datasheet
198Kb / 12P
   16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM
79LV2040 MAXWELL-79LV2040 Datasheet
471Kb / 17P
   20 Megabit (512K x 40-Bit) Low Voltage EEPROM MCM
79C08325 MAXWELL-79C08325 Datasheet
482Kb / 19P
   8 Megabit EEPROM MCM
89C1632 MAXWELL-89C1632 Datasheet
198Kb / 13P
   16 Megabit (512K x 32-Bit) MCM SRAM
79C2040 MAXWELL-79C2040 Datasheet
469Kb / 17P
   20 Megabit (512K x 40-Bit) EEPROM MCM
79LV0408 MAXWELL-79LV0408 Datasheet
353Kb / 20P
   Low Voltage 4 Megabit (512k x 8-bit) EEPROM
79C04085 MAXWELL-79C04085 Datasheet
359Kb / 20P
   4 Megabit EEPROM MCM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com