Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5102ALP-RP-F-E Datasheet(PDF) 11 Page - Maxwell Technologies

Part # 5102ALP-RP-F-E
Description  16-Bit, 20 KHz A/D Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

5102ALP-RP-F-E Datasheet(HTML) 11 Page - Maxwell Technologies

Back Button 5102ALP-RP-F-E Datasheet HTML 6Page - Maxwell Technologies 5102ALP-RP-F-E Datasheet HTML 7Page - Maxwell Technologies 5102ALP-RP-F-E Datasheet HTML 8Page - Maxwell Technologies 5102ALP-RP-F-E Datasheet HTML 9Page - Maxwell Technologies 5102ALP-RP-F-E Datasheet HTML 10Page - Maxwell Technologies 5102ALP-RP-F-E Datasheet HTML 11Page - Maxwell Technologies 5102ALP-RP-F-E Datasheet HTML 12Page - Maxwell Technologies 5102ALP-RP-F-E Datasheet HTML 13Page - Maxwell Technologies 5102ALP-RP-F-E Datasheet HTML 14Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
01.17.05 REV 3
All data sheets are subject to change without notice
©2005 Maxwell Technologies Inc.
All rights reserved.
5102ALP
16-Bit, 20 KHz A/D Converter
F44
Note: All dimensions in inches
44 PIN FRP
SYMBOL
DIMENSION
MIN
NOM
MAX
A
0.256
0.282
0.308
b
0.014
0.017
0.020
c
0.009
0.010
0.012
D
1.089
1.100
1.111
E
0.564
0.570
0.576
E1
--
--
0.600
E2
0.410
0.430
0.450
E3
0.044
0.070
--
e
0.050 BSC
L
0.455
0.465
0.475
Q
0.022
0.027
0.032
S1
0.005
--
--
N44


Similar Part No. - 5102ALP-RP-F-E

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5102-03 MOLEX2-5102-03 Datasheet
96Kb / 2P
   2.50mm (.098) Pitch SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 3 Circuits
5102-04 MOLEX2-5102-04 Datasheet
96Kb / 2P
   2.50mm (.098) Pitch SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 4 Circuits
5102-05 MOLEX2-5102-05 Datasheet
96Kb / 2P
   2.50mm (.098) Pitch SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 5 Circuits
5102-06 MOLEX2-5102-06 Datasheet
96Kb / 2P
   2.50mm (.098) Pitch SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 6 Circuits
5102-07 MOLEX2-5102-07 Datasheet
96Kb / 2P
   2.50mm (.098) Pitch SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 7 Circuits
More results

Similar Description - 5102ALP-RP-F-E

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5317 CIRRUS-CS5317 Datasheet
357Kb / 32P
   16-Bit, 20 kHz Oversampling A/D Converter
CS4361 CIRRUS-CS4361 Datasheet
671Kb / 23P
   20-pin, 24-bit, 192 kHz, 6-channel D/A Converter
CS4361 CIRRUS-CS4361_08 Datasheet
703Kb / 24P
   20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
logo
Analog Devices
AD7703 AD-AD7703_17 Datasheet
453Kb / 17P
   20-Bit A/D Converter
AD7703 AD-AD7703_15 Datasheet
458Kb / 16P
   20-Bit A/D Converter
Rev. E
logo
Sanyo Semicon Device
LC7880M SANYO-LC7880M Datasheet
228Kb / 6P
   16 bit D/A CONVERTER
LC78866V SANYO-LC78866V Datasheet
138Kb / 6P
   16-bit A/D Converter?
logo
Cirrus Logic
CS5501-AP CIRRUS-CS5501-AP Datasheet
520Kb / 54P
   Low-Cost, 16 & 20-Bit Measurement A/D Converter
logo
Sanyo Semicon Device
LC78865M SANYO-LC78865M Datasheet
119Kb / 6P
   16-bit A/D Converter
logo
Analog Devices
AD7701 AD-AD7701_15 Datasheet
301Kb / 20P
   16-Bit A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com