Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5102ALP Datasheet(PDF) 2 Page - Maxwell Technologies

Part # 5102ALP
Description  16-Bit, 20 KHz A/D Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

5102ALP Datasheet(HTML) 2 Page - Maxwell Technologies

  5102ALP Datasheet HTML 1Page - Maxwell Technologies 5102ALP Datasheet HTML 2Page - Maxwell Technologies 5102ALP Datasheet HTML 3Page - Maxwell Technologies 5102ALP Datasheet HTML 4Page - Maxwell Technologies 5102ALP Datasheet HTML 5Page - Maxwell Technologies 5102ALP Datasheet HTML 6Page - Maxwell Technologies 5102ALP Datasheet HTML 7Page - Maxwell Technologies 5102ALP Datasheet HTML 8Page - Maxwell Technologies 5102ALP Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
01.17.05 REV 3
All data sheets are subject to change without notice
©2005 Maxwell Technologies Inc.
All rights reserved.
5102ALP
16-Bit, 20 KHz A/D Converter
TABLE 1. 5102ALP ABSOLUTE MAXIMUM RATINGS
(AGND, DGND = 0V, ALL VOLTAGES WITH RESPECT TO GROUND)
PARAMETER
SYMBOL
MIN
MAX
UNIT
DC Power Supplies: 1
Positive Digital
Negative Digital
Positive Analog
Negative Analog
1. In addition, VD+ must not be greater than (VA+) 0.3V.
VD+
VD-
VA+
VA-
-0.3
0.3
-0.3
0.3
6.0
-6.0
6.0
-6.0
V
Input Current, Any Pin Except Supplies 2
2. Transient currents of up to 100 mA will not cause SCR latchup.
I
IN
--
±10
mA
Analog Input Voltage (AIN and V
REF pins)
V
INA
(VA-) -0.3
(VA+) 0.3
V
Digital Input Voltage
V
IND
-0.3
(VA+) 0.3
V
Ambient Operating Temperature
T
A
-15
55
oC
Storage Temperature
T
STG
-65
150
oC
TABLE 2. 5102ALP RECOMMENDED OPERATING CONDITIONS
(AGND, DGND = 0V, ALL VOLTAGES WITH RESPECT TO GROUND)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
DC Power Supplies:
Positive Digital
Negative Digital
Positive Analog
Negative Analog
VD+
VD-
VA+
VA-
4.5
-4.5
4.5
-4.5
5.0
-5.0
5.0
-5.0
VA+
-5.5
5.5
-5.5
V
Analog Reference Voltage
VREF
2.5
4.5
(VA+) -0.5
V
Analog Input Voltage 1
Unipolar
Bipolar
1. The 5102ALPRP can accept input voltage up to the analog supplies (VA+ and VA-). They will produce an output of all 1s for
inputs above V
REF and all 0s for inputs below AGND in unipolar mode and -VREF in bipolar mode, with binary coding (CODE =
low).
V
AIN
AGND
-V
REF
--
--
V
REF
V
REF
V


Similar Part No. - 5102ALP

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5102-03 MOLEX2-5102-03 Datasheet
96Kb / 2P
   2.50mm (.098) Pitch SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 3 Circuits
5102-04 MOLEX2-5102-04 Datasheet
96Kb / 2P
   2.50mm (.098) Pitch SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 4 Circuits
5102-05 MOLEX2-5102-05 Datasheet
96Kb / 2P
   2.50mm (.098) Pitch SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 5 Circuits
5102-06 MOLEX2-5102-06 Datasheet
96Kb / 2P
   2.50mm (.098) Pitch SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 6 Circuits
5102-07 MOLEX2-5102-07 Datasheet
96Kb / 2P
   2.50mm (.098) Pitch SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 7 Circuits
More results

Similar Description - 5102ALP

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5317 CIRRUS-CS5317 Datasheet
357Kb / 32P
   16-Bit, 20 kHz Oversampling A/D Converter
CS4361 CIRRUS-CS4361 Datasheet
671Kb / 23P
   20-pin, 24-bit, 192 kHz, 6-channel D/A Converter
CS4361 CIRRUS-CS4361_08 Datasheet
703Kb / 24P
   20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
logo
Analog Devices
AD7703 AD-AD7703_17 Datasheet
453Kb / 17P
   20-Bit A/D Converter
AD7703 AD-AD7703_15 Datasheet
458Kb / 16P
   20-Bit A/D Converter
Rev. E
logo
Sanyo Semicon Device
LC7880M SANYO-LC7880M Datasheet
228Kb / 6P
   16 bit D/A CONVERTER
LC78866V SANYO-LC78866V Datasheet
138Kb / 6P
   16-bit A/D Converter?
logo
Cirrus Logic
CS5501-AP CIRRUS-CS5501-AP Datasheet
520Kb / 54P
   Low-Cost, 16 & 20-Bit Measurement A/D Converter
logo
Sanyo Semicon Device
LC78865M SANYO-LC78865M Datasheet
119Kb / 6P
   16-bit A/D Converter
logo
Analog Devices
AD7701 AD-AD7701_15 Datasheet
301Kb / 20P
   16-Bit A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com