Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJF18009 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJF18009
Description  POWER TRANSISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJF18009 Datasheet(HTML) 2 Page - ON Semiconductor

  MJF18009 Datasheet HTML 1Page - ON Semiconductor MJF18009 Datasheet HTML 2Page - ON Semiconductor MJF18009 Datasheet HTML 3Page - ON Semiconductor MJF18009 Datasheet HTML 4Page - ON Semiconductor MJF18009 Datasheet HTML 5Page - ON Semiconductor MJF18009 Datasheet HTML 6Page - ON Semiconductor MJF18009 Datasheet HTML 7Page - ON Semiconductor MJF18009 Datasheet HTML 8Page - ON Semiconductor MJF18009 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MJE18009 MJF18009
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage
(IC = 100 mA, L = 25 mH)
VCEO(sus)
450
Vdc
Collector Cutoff Current
(VCE = Rated VCEO, IB = 0)
ICEO
100
µAdc
Collector Cutoff Current (VCE = Rated VCES, VEB = 0)
Collector Cutoff Current (VCE = 800 V, VEB = 0)
@ TC = 25°C
@ TC = 125°C
@ TC = 125°C
ICES
100
500
100
µAdc
Emitter–Cutoff Current
(VEB = 9 Vdc, IC = 0)
IEBO
100
µAdc
ON CHARACTERISTICS
Base–Emitter Saturation Voltage
(IC = 3 Adc, IB = 0.3 Adc)
(IC = 5 Adc, IB = 1 Adc)
(IC = 7 Adc, IB = 1.4 Adc)
VBE(sat)
0.8
0.9
0.9
1.1
1.15
1.25
Vdc
Collector–Emitter Saturation Voltage
(IC = 3 Adc, IB = 0.3 Adc)
@ TC = 25°C
@ TC = 125°C
VCE(sat)
0.3
0.3
0.6
0.65
Vdc
(IC = 5 Adc, IB = 1 Adc)
@ TC = 25°C
@ TC = 125°C
0.3
0.3
0.6
0.65
(IC = 7 Adc, IB = 1.4 Adc)
@ TC = 25°C
@ TC = 125°C
0.35
0.4
0.7
0.9
DC Current Gain
(IC = 1.5 Adc, VCE = 5 Vdc)
@ TC = 25°C
@ TC = 125°C
hFE
14
29
34
(IC = 5 Adc, VCE = 1 Vdc)
@ TC = 25°C
@ TC = 125°C
10
8
13
11.5
(IC = 7 Adc, VCE = 1 Vdc)
@ TC = 25°C
@ TC = 125°C
7
5
10
7.5
(IC = 10 mAdc, VCE = 5 Vdc)
@ TC = 25°C
10
25
DYNAMIC CHARACTERISTICS
Current Gain Bandwidth
(IC = 0.5 Adc, VCE = 10 Vdc, f = 1 MHz)
fT
12
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1 MHz)
Cob
150
200
pF
Input Capacitance
(VEB = 8 Vdc)
Cib
2750
3500
pF
DYNAMIC SATURATION VOLTAGE
Dynamic Saturation
Voltage:
Determined 1
µs and
3
µs respectively after
rising IB1 reaches
90% of final IB1
IC = 3 Adc
IB1 = 300 mAdc
VCC = 300 V
@ 1
µs
@ TC = 25°C
@ TC = 125°C
VCE(dsat)
8
13.5
V
Dynamic Saturation
Voltage:
Determined 1
µs and
3
µs respectively after
rising IB1 reaches
90% of final IB1
IB1 = 300 mAdc
VCC = 300 V
@ 3
µs
@ TC = 25°C
@ TC = 125°C
4
8
µs and
3
µs respectively after
rising IB1 reaches
90% of final IB1
IC = 7 Adc
IB1 = 1.4 Adc
VCC = 300 V
@ 1
µs
@ TC = 25°C
@ TC = 125°C
15
21
90% of final IB1
IB1 = 1.4 Adc
VCC = 300 V
@ 3
µs
@ TC = 25°C
@ TC = 125°C
2
2.7


Similar Part No. - MJF18009

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJF18009 MOTOROLA-MJF18009 Datasheet
433Kb / 10P
   POWER TRANSISTORS 10 AMPERES 1000 VOLTS 50 and 150 WATTS
More results

Similar Description - MJF18009

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD56120 STMICROELECTRONICS-SD56120 Datasheet
43Kb / 4P
   RF POWER TRANSISTORS RF POWER TRANSISTORS
logo
ON Semiconductor
MJW16206 ONSEMI-MJW16206 Datasheet
306Kb / 10P
   POWER TRANSISTORS
REV 3
MJE18204 ONSEMI-MJE18204 Datasheet
484Kb / 12P
   POWER TRANSISTORS
1995
logo
Unisonic Technologies
UP2518 UTC-UP2518_15 Datasheet
114Kb / 3P
   POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N6543 JMNIC-2N6543 Datasheet
141Kb / 1P
   Power Transistors
2SC3694_2014 JMNIC-2SC3694_2014 Datasheet
33Kb / 1P
   Power Transistors
logo
New Jersey Semi-Conduct...
2N1047 NJSEMI-2N1047 Datasheet
120Kb / 1P
   POWER TRANSISTORS
logo
Central Semiconductor C...
TN2905 CENTRAL-TN2905 Datasheet
50Kb / 1P
   Power Transistors
logo
ON Semiconductor
MJE18004D2 ONSEMI-MJE18004D2 Datasheet
466Kb / 12P
   POWER TRANSISTORS
1995
logo
Continental Device Indi...
CSA1301FPNP CDIL-CSA1301FPNP Datasheet
138Kb / 3P
   POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SC3710_2014 JMNIC-2SC3710_2014 Datasheet
35Kb / 1P
   Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com