Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE18009 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MJE18009
Description  POWER TRANSISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE18009 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MJE18009 Datasheet HTML 2Page - ON Semiconductor MJE18009 Datasheet HTML 3Page - ON Semiconductor MJE18009 Datasheet HTML 4Page - ON Semiconductor MJE18009 Datasheet HTML 5Page - ON Semiconductor MJE18009 Datasheet HTML 6Page - ON Semiconductor MJE18009 Datasheet HTML 7Page - ON Semiconductor MJE18009 Datasheet HTML 8Page - ON Semiconductor MJE18009 Datasheet HTML 9Page - ON Semiconductor MJE18009 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MJE18009 MJF18009
8
Motorola Bipolar Power Transistor Device Data
0.2
TYPICAL THERMAL RESPONSE
(IB = IC/2 FOR ALL CURVES)
0.01
t, TIME (ms)
Figure 20. Typical Thermal Response (Z
θJC(t)) for MJE18009
R
θJC(t) = r(t) RθJC
R
θJC = 0.83°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.2
0.02
0.1
D = 0.5
SINGLE PULSE
0.01
0.1
1
10
100
1000
0.1
1
0.01
Figure 21. Typical Thermal Response (Z
θJC(t)) for MJF18009
R
θJC(t) = r(t) RθJC
R
θJC = 2.5°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.02
0.1
SINGLE PULSE
0.01
0.1
1
10
100
100000
0.1
1
1000
10000
0.05
0.05
D = 0.5
t, TIME (ms)


Similar Part No. - MJE18009

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE18009 MOTOROLA-MJE18009 Datasheet
433Kb / 10P
   POWER TRANSISTORS 10 AMPERES 1000 VOLTS 50 and 150 WATTS
More results

Similar Description - MJE18009

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD56120 STMICROELECTRONICS-SD56120 Datasheet
43Kb / 4P
   RF POWER TRANSISTORS RF POWER TRANSISTORS
logo
ON Semiconductor
MJW16206 ONSEMI-MJW16206 Datasheet
306Kb / 10P
   POWER TRANSISTORS
REV 3
MJE18204 ONSEMI-MJE18204 Datasheet
484Kb / 12P
   POWER TRANSISTORS
1995
logo
Unisonic Technologies
UP2518 UTC-UP2518_15 Datasheet
114Kb / 3P
   POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N6543 JMNIC-2N6543 Datasheet
141Kb / 1P
   Power Transistors
2SC3694_2014 JMNIC-2SC3694_2014 Datasheet
33Kb / 1P
   Power Transistors
logo
New Jersey Semi-Conduct...
2N1047 NJSEMI-2N1047 Datasheet
120Kb / 1P
   POWER TRANSISTORS
logo
Central Semiconductor C...
TN2905 CENTRAL-TN2905 Datasheet
50Kb / 1P
   Power Transistors
logo
ON Semiconductor
MJE18004D2 ONSEMI-MJE18004D2 Datasheet
466Kb / 12P
   POWER TRANSISTORS
1995
logo
Continental Device Indi...
CSA1301FPNP CDIL-CSA1301FPNP Datasheet
138Kb / 3P
   POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SC3710_2014 JMNIC-2SC3710_2014 Datasheet
35Kb / 1P
   Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com