Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

79LV2040RPFK-20 Datasheet(PDF) 11 Page - Maxwell Technologies

Part # 79LV2040RPFK-20
Description  20 Megabit (512K x 40-Bit) Low Voltage EEPROM MCM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

79LV2040RPFK-20 Datasheet(HTML) 11 Page - Maxwell Technologies

Back Button 79LV2040RPFK-20 Datasheet HTML 7Page - Maxwell Technologies 79LV2040RPFK-20 Datasheet HTML 8Page - Maxwell Technologies 79LV2040RPFK-20 Datasheet HTML 9Page - Maxwell Technologies 79LV2040RPFK-20 Datasheet HTML 10Page - Maxwell Technologies 79LV2040RPFK-20 Datasheet HTML 11Page - Maxwell Technologies 79LV2040RPFK-20 Datasheet HTML 12Page - Maxwell Technologies 79LV2040RPFK-20 Datasheet HTML 13Page - Maxwell Technologies 79LV2040RPFK-20 Datasheet HTML 14Page - Maxwell Technologies 79LV2040RPFK-20 Datasheet HTML 15Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
09.07.05 Rev 1
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved
20 Megabit (512K x 40-Bit) EEPROM MCM
79LV2040
FIGURE 7. SOFTWARE DATA PROTECTION TIMING WAVEFORM (1) (IN PROTECTION MODE)
FIGURE 8. SOFTWARE DATA PROTECTION WAVEFORM (2) (IN NON-PROTECTION MODE)
EEPROM APPLICATION NOTES
This application note describes the programming procedures for the EEPROM modules and with details of various
techniques to preserve data integrity.
Automatic Page Write
Page-mode write feature allows 1 to 128 bytes of data to be written into the EEPROM in a single write cycle. Loading
the first byte of data, the data load window opens 30µ s for the second byte. In the same manner each additional byte
of data can be loaded within 30µ s of the preceding falling edge of either WE or CE. When CE and WE are kept high
for 100µ s after data input, the EEPROM enters the write mode automatically and the data input is written into the
EEPROM.
WE, CE Pin Operation
During a write cycle, addresses are latched by the falling edge of WE or CE, and data is latched by the rising edge of
WE or CE.


Similar Part No. - 79LV2040RPFK-20

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
79LV0408 MAXWELL-79LV0408 Datasheet
353Kb / 20P
   Low Voltage 4 Megabit (512k x 8-bit) EEPROM
79LV0408RPFE-20 MAXWELL-79LV0408RPFE-20 Datasheet
353Kb / 20P
   Low Voltage 4 Megabit (512k x 8-bit) EEPROM
79LV0408RPFE-25 MAXWELL-79LV0408RPFE-25 Datasheet
353Kb / 20P
   Low Voltage 4 Megabit (512k x 8-bit) EEPROM
79LV0408RPFH-20 MAXWELL-79LV0408RPFH-20 Datasheet
353Kb / 20P
   Low Voltage 4 Megabit (512k x 8-bit) EEPROM
79LV0408RPFH-25 MAXWELL-79LV0408RPFH-25 Datasheet
353Kb / 20P
   Low Voltage 4 Megabit (512k x 8-bit) EEPROM
More results

Similar Description - 79LV2040RPFK-20

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
79C2040 MAXWELL-79C2040 Datasheet
469Kb / 17P
   20 Megabit (512K x 40-Bit) EEPROM MCM
79C0408 MAXWELL-79C0408 Datasheet
353Kb / 20P
   4 Megabit (512k x 8-bit) EEPROM MCM
89LV1632 MAXWELL-89LV1632 Datasheet
198Kb / 12P
   16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM
79LV0832 MAXWELL-79LV0832 Datasheet
458Kb / 21P
   8 Megabit (256K x 32-Bit) Low Voltage EEPROM MCM
79LV0408 MAXWELL-79LV0408 Datasheet
353Kb / 20P
   Low Voltage 4 Megabit (512k x 8-bit) EEPROM
89C1632 MAXWELL-89C1632 Datasheet
198Kb / 13P
   16 Megabit (512K x 32-Bit) MCM SRAM
79C0832 MAXWELL-79C0832 Datasheet
477Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
79C0832 MAXWELL-79C0832_06 Datasheet
478Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
79C04085 MAXWELL-79C04085 Datasheet
359Kb / 20P
   4 Megabit EEPROM MCM
79C08325 MAXWELL-79C08325 Datasheet
482Kb / 19P
   8 Megabit EEPROM MCM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com