Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27C010TRT2FB-20 Datasheet(PDF) 5 Page - Maxwell Technologies

Part # 27C010TRT2FB-20
Description  1 Megabit (128K x 8-Bit) - OTP EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

27C010TRT2FB-20 Datasheet(HTML) 5 Page - Maxwell Technologies

  27C010TRT2FB-20 Datasheet HTML 1Page - Maxwell Technologies 27C010TRT2FB-20 Datasheet HTML 2Page - Maxwell Technologies 27C010TRT2FB-20 Datasheet HTML 3Page - Maxwell Technologies 27C010TRT2FB-20 Datasheet HTML 4Page - Maxwell Technologies 27C010TRT2FB-20 Datasheet HTML 5Page - Maxwell Technologies 27C010TRT2FB-20 Datasheet HTML 6Page - Maxwell Technologies 27C010TRT2FB-20 Datasheet HTML 7Page - Maxwell Technologies 27C010TRT2FB-20 Datasheet HTML 8Page - Maxwell Technologies 27C010TRT2FB-20 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
All data sheets are subject to change without notice
©2001 Maxwell Technologies
All rights reserved.
1 Megabit (128K x 8-Bit) - OTP EPROM
27C010T
12.12.01 Rev 2
TABLE 8. 27C010T DC ELECTRICAL CHARACTERISTICS FOR PROGRAMMING OPERATIONS 1,2,3,4
(V
CC = 6.25V + 0.25V, VPP = 12.5V + 0.3V, TA = 25
°
C)
1. V
CC must be applied before VPP and removed after VPP.
2. V
PP must not exceed 13V, inlcuding overshoot.
3. Do not change V
PP from VIL to 12.5V or 12.5V to VIL when CE =LOW.
4. DC electrical paramters for programming operations are not tested. These parameters are guaranteed by design.
PARAMETER
SYMBOL
TEST CONDITION
SUB GROUPS
MIN
MAX
UNIT
Input Leakage Current
I
LI
V
IN = 0V to VCC
1, 2, 3
--
2
µA
Operating V
CC Current
I
CC
1, 2, 3
--
30
mA
Operating V
PP Current
I
PP
CE = PGM = V
IL
1, 2, 3
--
40
mA
Input Voltage 5
5. Device reliability may be adversely affected if the device is installed or removed while V
PP = 12.5V.
V
IH
1, 2, 3
2.2
V
CC +5
6
6. If V
IH is over the specified maximum value, programming operation can not be guaranteed.
V
V
IL
1, 2, 3
-0.1 7
7. V
IL min = -0.6V for pulse width < 20 ns.
0.8
Output Voltage
V
OH
I
OH = -400 µA
1, 2, 3
2.4
--
V
V
OL
I
OH = 2.1 mA
1, 2, 3
--
0.45
TABLE 9. 27C010T AC ELECTRICAL CHARACTERISTICS FOR PROGRAMMING OPERATIONS 1,2
(V
CC = 6.25V + 0.25V, VPP = 12.5V ± 0.3V, TA = 25
°
C)
PARAMETER
SYMBOL
SUB GROUPS
MIN
TYP
MAX
UNIT
Address Setup Time
t
AS
9, 10, 11
2
--
--
µs
Address Hold Time
t
AH
9, 10, 11
0
--
--
µs
Data Setup Time
t
DS
9, 10, 11
2
--
--
µs
Data Hold Time
t
DH
9, 10, 11
2
--
--
µs
Chip Enable Setup TIme
t
CES
9, 10, 11
2
--
--
µs
V
PP Setup Time
t
VPS
9, 10, 11
2
--
--
µs
V
CC Setup Time
t
VCS
9, 10, 11
2
--
--
µs
Output Enable Setup Time
t
OES
9, 10, 11
2
--
--
µs
Output Disable Time
t
DF
9, 10, 11
0
--
130
ns
PGM Initial Programming Pulse Width
t
PW
9, 10, 11
0.19
0.20
0.21
ms
PGM Overprogramming Pulse Width
t
OPW
9, 10, 11
0.19
--
5.25
ms
Data Valid from Output Enable Time
t
OE
9, 10, 11
0
--
150
ns
Output Enable Pulse During Data Latch
t
LW
9, 10, 11
1
--
--
µs
Output Enable Hold Time
t
OEH
9, 10, 11
2
--
--
µs
Chip Enable Hold Time
t
CEH
9, 10, 11
2
--
--
µs


Similar Part No. - 27C010TRT2FB-20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
27C010 FAIRCHILD-27C010 Datasheet
117Kb / 10P
   1,048,576-Bit (128K x 8) High Performance CMOS EPROM
logo
ATMEL Corporation
27C010 ATMEL-27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
More results

Similar Description - 27C010TRT2FB-20

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27LV010A ATMEL-AT27LV010A Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
AT27BV010 ATMEL-AT27BV010_07 Datasheet
378Kb / 15P
   1-Megabit (128K x 8) Unregulated Battery-Voltage OTP EPROM
AT27BV010 ATMEL-AT27BV010 Datasheet
209Kb / 9P
   1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
ATMEL Corporation
AT27C2048 ATMEL-AT27C2048 Datasheet
163Kb / 9P
   2-Megabit 128K x 16 OTP EPROM
AT27C2048 ATMEL-AT27C2048_07 Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com