Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO806 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO806
Description  Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO806 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  ISO806 Datasheet HTML 1Page - Burr-Brown (TI) ISO806 Datasheet HTML 2Page - Burr-Brown (TI) ISO806 Datasheet HTML 3Page - Burr-Brown (TI) ISO806 Datasheet HTML 4Page - Burr-Brown (TI) ISO806 Datasheet HTML 5Page - Burr-Brown (TI) ISO806 Datasheet HTML 6Page - Burr-Brown (TI) ISO806 Datasheet HTML 7Page - Burr-Brown (TI) ISO806 Datasheet HTML 8Page - Burr-Brown (TI) ISO806 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
®
ISO806
SPECIFICATIONS
ELECTRICAL
At TA = –40°C to +85°C, fS = 40kHz, VDIG = VANA = +5V, using internal reference and fixed resistors shown in Figure 3b, unless otherwise specified.
ISO806P
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject
to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not
authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.
ISOLATION PARAMETERS
Rated Voltage, Continuous
50Hz
1500
Vrms
Partial Discharge, 100% Test(8)
1s, 5pC
2500
Vrms
Creepage Distance (External) DIP = “P” Package
16
mm
Internal Isolation Distance
0.10
mm
Barrier Impedance
>1013 II 15
Ω II pF
Leakage Current(9)
240Vrms, 60Hz
1.7
µArms
240Vrms, 50Hz
1.4
µArms
RESOLUTION
12
Bit
ANALOG INPUT
Voltage Ranges
±10, 0 to +5, 0 to +4
V
Impedance
(See Table II)
Capacitance
35
pF
THROUGHPUT SPEED
Conversion Time
20
µs
Complete Cycle
Acquire and Convert
25
µs
Throughput Rate
40
kHz
DC ACCURACY
Integral Linearity Error
±0.15
±0.9
LSB(1)
Differential Linearity Error
±0.15
±0.9
LSB
No Missing Codes
Guaranteed
Bits
Transition Noise(2)
0.1
LSB
Full Scale Error(3,4)
±0.5
%
Full Scale Error Drift
±7
ppm/
°C
Full Scale Error Drift
Ext. 2.5000V Ref
±0.5
ppm/
°C
Bipolar Zero Error(3)
±10V Range
±10
mV
Bipolar Zero Error Drift
±10V Range
±0.5
ppm/
°C
Unipolar Zero Error(3)
0V to 5V, 0V to 4V Ranges
±3mV
Unipolar Zero Error Drift
0V to 5V, 0V to 4V Ranges
±0.5
ppm/
°C
Power Supply Sensitivity (VDIG = VANA = VS)
+4.75V < VS < +5.25V
±0.5
LSB
AC ACCURACY
Spurious-Free Dynamic Range
fIN = 1kHz, ±10V
90
dB(5)
Total Harmonic Distortion
fIN = 1kHz, ±10V
–90
dB
Signal-to-(Noise+Distortion)
fIN = 1kHz, ±10V
73
dB
Signal-to-Noise
fIN = 1kHz, ±10V
73
dB
Useable Bandwidth(6)
130
kHz
SAMPLING DYNAMICS
Aperture Delay
40
ns
Aperture Jitter
20
ps
Overvoltage Recovery(7)
750
ns
REFERENCE
Internal Reference Voltage
No Load
2.48
2.5
2.52
V
Internal Reference Source Current
1
µA
(Must use external buffer.)
Internal Reference Drift
8
ppm/
°C
External Reference Voltage Range
2.3
2.5
2.7
V
for Specified Linearity
External Reference Current Drain
Ext. 2.5000V Ref
100
µA
DIGITAL INPUTS
Logic Levels
VIL
–0.3
1.0
V
VIH
VD –1.0
VD +0.3V
V
IIL
VIL = 0V
±10
µA
IIH
VIH = 5V
±10
µA
DIGITAL OUTPUTS
Data Coding
Binary Two’s Complement or Straight Binary
VOL
ISINK = 1.6mA
0.4
V
VOH
ISOURCE = 500µA+4
V


Similar Part No. - ISO806

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO807 BURR-BROWN-ISO807 Datasheet
150Kb / 12P
   Isolated 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO807P BURR-BROWN-ISO807P Datasheet
150Kb / 12P
   Isolated 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
STMicroelectronics
ISO808 STMICROELECTRONICS-ISO808 Datasheet
1Mb / 38P
   Galvanic isolated octal high-side power solid state relay for high inductive loads
Rev 1 - December 2022
ISO808-1 STMICROELECTRONICS-ISO808-1 Datasheet
1Mb / 38P
   Galvanic isolated octal high-side power solid state relay for high inductive loads
Rev 1 - December 2022
More results

Similar Description - ISO806

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO809 BURR-BROWN-ISO809 Datasheet
111Kb / 7P
   Isolated 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO807 BURR-BROWN-ISO807 Datasheet
150Kb / 12P
   Isolated 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7800 BURR-BROWN-ADS7800 Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com