Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

33LV408RPFS-20 Datasheet(PDF) 5 Page - Maxwell Technologies

Part # 33LV408RPFS-20
Description  4 Megabit (512K x 8-Bit) CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

33LV408RPFS-20 Datasheet(HTML) 5 Page - Maxwell Technologies

  33LV408RPFS-20 Datasheet HTML 1Page - Maxwell Technologies 33LV408RPFS-20 Datasheet HTML 2Page - Maxwell Technologies 33LV408RPFS-20 Datasheet HTML 3Page - Maxwell Technologies 33LV408RPFS-20 Datasheet HTML 4Page - Maxwell Technologies 33LV408RPFS-20 Datasheet HTML 5Page - Maxwell Technologies 33LV408RPFS-20 Datasheet HTML 6Page - Maxwell Technologies 33LV408RPFS-20 Datasheet HTML 7Page - Maxwell Technologies 33LV408RPFS-20 Datasheet HTML 8Page - Maxwell Technologies 33LV408RPFS-20 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
All data sheets are subject to change without notice
©2004 Maxwell Technologies
All rights reserved.
4 Megabit (512K x 8-Bit) CMOS SRAM
33LV408
04.02.04 REV 2
Output Enable to Output in Low-Z
-20
-25
-30
t
OLZ
9, 10, 11
--
--
--
0
0
0
--
--
--
ns
Chip Deselect to Output in High-Z
-20
-25
-30
t
HZ
9, 10, 11
--
--
--
5
6
8
--
--
--
ns
Output Disable to Output in High-Z
-20
-25
-30
t
OHZ
9, 10, 11
--
--
--
5
6
8
--
--
--
ns
Output Hold from Address Change
-20
-25
-30
t
OH
9, 10, 11
3
5
6
--
--
--
--
--
--
ns
Chip Select to Power Up Time
-20
-25
-30
t
PU
9, 10, 11
--
--
--
0
0
0
--
--
--
ns
Chip Select to Power Down Time
-20
-25
-30
t
PD
9, 10, 11
--
--
--
10
15
20
--
--
--
ns
TABLE 9. 33LV408 FUNCTIONAL DESCRIPTION
CS
WE
OE
MODE
I/O PIN
SUPPLY CURRENT
HX1
1. X = don’t care.
X1
Not Select
High-Z
I
SB, ISB1
L
H
H
Output Disable
High-Z
I
CC
L
H
L
Read
D
OUT
I
CC
LL
X1
Write
D
IN
I
CC
TABLE 8. 33LV408 AC CHARACTERISTICS FOR READ CYCLE
(V
CC = 3.3V + 10%, TA = -55 TO +125
°C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
SUBGROUPS
MIN
TYP
MAX
UNIT


Similar Description - 33LV408RPFS-20

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
33C408 MAXWELL-33C408 Datasheet
241Kb / 12P
   4 Megabit (512K x 8-Bit) CMOS SRAM
32C408B MAXWELL-32C408B Datasheet
187Kb / 11P
   4 Megabit (512K x 8-Bit) SRAM
logo
Hynix Semiconductor
HY62V8400 HYNIX-HY62V8400 Datasheet
369Kb / 12P
   512K X 8-bit CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
EN29F040 ETC-EN29F040 Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29F040A EON-EN29F040A Datasheet
273Kb / 35P
   4 Megabit (512K x 8-bit) Flash Memory
logo
Maxwell Technologies
79C0408 MAXWELL-79C0408 Datasheet
353Kb / 20P
   4 Megabit (512k x 8-bit) EEPROM MCM
logo
AMIC Technology
A62S9308 AMICC-A62S9308 Datasheet
276Kb / 17P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com